Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K7S3218T4C-FECI33 Datasheet(PDF) 9 Page - Samsung semiconductor

Part # K7S3218T4C-FECI33
Description  1Mx36 & 2Mx18 QDRTM II b4 SRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7S3218T4C-FECI33 Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button K7S3218T4C-FECI33 Datasheet HTML 5Page - Samsung semiconductor K7S3218T4C-FECI33 Datasheet HTML 6Page - Samsung semiconductor K7S3218T4C-FECI33 Datasheet HTML 7Page - Samsung semiconductor K7S3218T4C-FECI33 Datasheet HTML 8Page - Samsung semiconductor K7S3218T4C-FECI33 Datasheet HTML 9Page - Samsung semiconductor K7S3218T4C-FECI33 Datasheet HTML 10Page - Samsung semiconductor K7S3218T4C-FECI33 Datasheet HTML 11Page - Samsung semiconductor K7S3218T4C-FECI33 Datasheet HTML 12Page - Samsung semiconductor K7S3218T4C-FECI33 Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
1Mx36 & 2Mx18 QDRTM II+ b4 SRAM
K7S3236T4C
K7S3218T4C
- 9 -
Rev. 1.2 March 2007
WRITE TRUTH TABLE(x18)
Notes: 1. X means "Don
′t Care".
2. All inputs in this table must meet setup and hold time around the rising edge of input clock K or K (
↑ ).
3. Assumes a WRITE cycle was initiated.
K
K
BW0
BW1
OPERATION
L
L
WRITE ALL BYTEs ( K
↑ )
L
L
WRITE ALL BYTEs ( K
↑ )
L
H
WRITE BYTE 0 ( K
↑ )
L
H
WRITE BYTE 0 ( K
↑ )
H
L
WRITE BYTE 1 ( K
↑ )
H
L
WRITE BYTE 1 ( K
↑ )
H
H
WRITE NOTHING ( K
↑ )
H
H
WRITE NOTHING ( K
↑ )
WRITE TRUTH TABLE(x36)
Notes: 1. X means "Don
′t Care".
2. All inputs in this table must meet setup and hold time around the rising edge of input clock K or K (
↑ ).
3. Assumes a WRITE cycle was initiated.
K
K
BW0
BW1
BW2
BW3
OPERATION
LL
LL
WRITE ALL BYTEs ( K
↑ )
LL
LL
WRITE ALL BYTEs ( K
↑ )
L
H
H
H
WRITE BYTE 0 ( K
↑ )
L
H
H
H
WRITE BYTE 0 ( K
↑ )
H
L
H
H
WRITE BYTE 1 ( K
↑ )
H
L
H
H
WRITE BYTE 1 ( K
↑ )
H
H
L
L
WRITE BYTE 2 and BYTE 3 ( K
↑ )
H
H
L
L
WRITE BYTE 2 and BYTE 3 ( K
↑ )
H
H
H
H
WRITE NOTHING ( K
↑ )
H
H
H
H
WRITE NOTHING ( K
↑ )
TRUTH TABLES
SYNCHRONOUS TRUTH TABLE
Notes: 1. X means "Don
′t Care".
2. The rising edge of clock is symbolized by (
↑ ).
3. Before enter into clock stop status, all pending read and write operations will be completed.
4. This signal was HIGH on previous K clock rising edge. Initiating consecutive READ or WRITE operations on consecutive K clock rising edges
is not permitted. The device will ignore the second request.
5. If this signal was LOW to initiate the previous cycle, this signal becomes a don
′t care for this operation however it is strongly recommended
that this signal is brought HIGH as shown in the truth table.
K
R
W
D
Q
OPERATION
D(A1)
D(A2)
D(A3)
D(A4)
Q(A1)
Q(A2)
Q(A3)
Q(A4)
Stopped
X
X
Previous
state
Previous
state
Previous
state
Previous
state
Previous
state
Previous
state
Previous
state
Previous
state
Clock Stop
H
H
X
X
X
X
High-Z
High-Z
High-Z
High-Z
No Operation
L4
XX
X
X
X
QOUT
at K(t+2)
QOUT
at K(t+2)
QOUT
at K(t+3)
QOUT
at K(t+3)
Read
H5
L4
Din
at K(t+1)
Din
at K(t+1)
Din
at K(t+2)
Din
at K(t+2)
X
XXX
Write


Similar Part No. - K7S3218T4C-FECI33

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7S3218T4C SAMSUNG-K7S3218T4C Datasheet
445Kb / 20P
   1Mx36 & 2Mx18 QDR II b4 SRAM
More results

Similar Description - K7S3218T4C-FECI33

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7R323684M SAMSUNG-K7R323684M Datasheet
195Kb / 18P
   1Mx36 & 2Mx18 QDRTM II b4 SRAM
K7S3236T4C SAMSUNG-K7S3236T4C_08 Datasheet
445Kb / 20P
   1Mx36 & 2Mx18 QDR II b4 SRAM
K7S3236U4C SAMSUNG-K7S3236U4C Datasheet
444Kb / 20P
   1Mx36 & 2Mx18 QDR II b4 SRAM
K7R323684C SAMSUNG-K7R323684C Datasheet
463Kb / 20P
   1Mx36, 2Mx18 & 4Mx9 QDR II b4 SRAM
DS_K7R323682M SAMSUNG-DS_K7R323682M Datasheet
201Kb / 19P
   1Mx36 & 2Mx18 & 4Mx9 QDRTM II b2 SRAM
K7I323684C SAMSUNG-K7I323684C Datasheet
419Kb / 18P
   1Mx36 & 2Mx18 DDRII CIO b4 SRAM
K7R163684B SAMSUNG-K7R163684B_06 Datasheet
456Kb / 19P
   512Kx36 & 1Mx18 QDRTM II b4 SRAM
K7D323674C SAMSUNG-K7D323674C Datasheet
462Kb / 18P
   1Mx36 & 2Mx18 SRAM
K7R643684M SAMSUNG-K7R643684M Datasheet
352Kb / 18P
   2Mx36 & 4Mx18 QDRTM II b4 SRAM
K7P323674C SAMSUNG-K7P323674C Datasheet
455Kb / 15P
   1Mx36 & 2Mx18 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com