Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M393T5160CZ3-CD5 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # M393T5160CZ3-CD5
Description  DDR2 Registered SDRAM MODULE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M393T5160CZ3-CD5 Datasheet(HTML) 4 Page - Samsung semiconductor

  M393T5160CZ3-CD5 Datasheet HTML 1Page - Samsung semiconductor M393T5160CZ3-CD5 Datasheet HTML 2Page - Samsung semiconductor M393T5160CZ3-CD5 Datasheet HTML 3Page - Samsung semiconductor M393T5160CZ3-CD5 Datasheet HTML 4Page - Samsung semiconductor M393T5160CZ3-CD5 Datasheet HTML 5Page - Samsung semiconductor M393T5160CZ3-CD5 Datasheet HTML 6Page - Samsung semiconductor M393T5160CZ3-CD5 Datasheet HTML 7Page - Samsung semiconductor M393T5160CZ3-CD5 Datasheet HTML 8Page - Samsung semiconductor M393T5160CZ3-CD5 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Rev. 1.4 November 2007
RDIMM
DDR2 SDRAM
4 of 26
1.0 DDR2 Registered DIMM Ordering Information
Note :
1. “Z” of Part number(11th digit) stand for Lead-free products. and "J" of Part number(11th digit) stand for dual-die package products.
2. “3” of Part number(12th digit) stand for Non-parity Register products. and "A" of Part number(12th digit) stand for Parity Register products.
3. "92" of Part number(3~4th digit) stand for VLP(Very Low Profile) Register products.
Part Number
Density
Organization
Component Composition
Number of Rank
Parity Register
Height
M393T5663CZ3-CD5/CC
2GB
256Mx72
128Mx8(K4T1G084QC)*18EA
2
X
30.00mm
M393T5663CZA-CF7/E6
2GB
256Mx72
128Mx8(K4T1G084QC)*18EA
2
O
30.00mm
M393T5660CZ3-CD5/CC
2GB
256Mx72
256Mx4(K4T1G044QC)*18EA
1
X
30.00mm
M393T5660CZA-CF7/E6
2GB
256Mx72
256Mx4(K4T1G044QC)*18EA
1
O
30.00mm
M393T5160CZ3-CD5/CC
4GB
512Mx72
256Mx4(K4T1G044QC)*36EA
2
X
30.00mm
M393T5160CZA-CF7/E6
4GB
512Mx72
256Mx4(K4T1G044QC)*36EA
2
O
30.00mm
M392T5160CJA-CF7/E6
4GB
512Mx72
DDP512Mx4(K4T2G044QC)*18EA
2
O
18.30mm
M393T1G60CJA-CE6/D5
8GB
1Gx72
DDP512Mx4(K4T1G044QC)*36EA
4
O
30.00mm
Organization
Row Address
Column Address
Bank Address
Auto Precharge
256Mx4(1Gb) based Module
A0-A13
A0-A9, A11
BA0-BA2
A10
128Mx8(1Gb) based Module
A0-A13
A0-A9
BA0-BA2
A10
• Performance range
• JEDEC standard 1.8V ± 0.1V Power Supply
•VDDQ = 1.8V ± 0.1V
• 200 MHz fCK for 400Mb/sec/pin, 267MHz fCK for 533Mb/sec/pin, 333MHz fCK for 667Mb/sec/pin, 400MHz fCK for 800Mb/sec/pin
•8 Banks
• Posted CAS
• Programmable CAS Latency: 3, 4, 5, 6
• Programmable Additive Latency: 0, 1 , 2 , 3, 4 and 5
• Write Latency(WL) = Read Latency(RL) -1
• Burst Length: 4 , 8(Interleave/nibble sequential)
• Programmable Sequential / Interleave Burst Mode
• Bi-directional Differential Data-Strobe (Single-ended data-strobe is an optional feature)
• Off-Chip Driver(OCD) Impedance Adjustment
• On Die Termination with selectable values(50/75/150 ohms or disable)
• PASR(Partial Array Self Refresh)
• Average Refresh Period 7.8us at lower than a TCASE 85°C, 3.9us at 85°C < TCASE < 95 °C
- support High Temperature Self-Refresh rate enable feature
• Serial presence detect with EEPROM
• DDR2 SDRAM Package: 60ball FBGA - 128Mx4/64Mx8
• All of Lead-free products are compliant for RoHS
Note: For detailed DDR2 SDRAM operation, please refer to Samsung’s Device operation & Timing diagram.
F7(DDR2-800)
E6(DDR2-667)
D5(DDR2-533)
CC(DDR2-400)
Unit
Speed@CL3
-
400
400
400
Mbps
Speed@CL4
533
533
533
400
Mbps
Speed@CL5
667
667
-
-
Mbps
Speed@CL6
800
-
-
-
Mbps
CL-tRCD-tRP
6-6-6
5-5-5
4-4-4
3-3-3
CK
2.0 Features
3.0 Address Configuration


Similar Part No. - M393T5160CZ3-CD5

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M393T5160FB3 SAMSUNG-M393T5160FB3 Datasheet
393Kb / 14P
   DDR2 SDRAM Memory
M393T5160QZ3 SAMSUNG-M393T5160QZ3 Datasheet
393Kb / 14P
   DDR2 SDRAM Memory
M393T5160QZHA SAMSUNG-M393T5160QZHA Datasheet
393Kb / 14P
   DDR2 SDRAM Memory
More results

Similar Description - M393T5160CZ3-CD5

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M393T2863AZ3-CD5 SAMSUNG-M393T2863AZ3-CD5 Datasheet
526Kb / 22P
   DDR2 Registered SDRAM MODULE
logo
Hynix Semiconductor
HYMP512R72L HYNIX-HYMP512R72L Datasheet
232Kb / 18P
   DDR2 SDRAM Registered DIMM
logo
List of Unclassifed Man...
SEP02G72E2BF2SA-37R ETC2-SEP02G72E2BF2SA-37R Datasheet
793Kb / 14P
   2GB DDR2 ??SDRAM registered DIMM
logo
Elpida Memory
EBE21AD4AGFA ELPIDA-EBE21AD4AGFA Datasheet
209Kb / 23P
   2GB Registered DDR2 SDRAM DIMM
EBE20AE4ABFA ELPIDA-EBE20AE4ABFA Datasheet
236Kb / 27P
   2GB Registered DDR2 SDRAM DIMM
EBE51RD8AJFA ELPIDA-EBE51RD8AJFA Datasheet
259Kb / 30P
   512MB Registered DDR2 SDRAM DIMM
EBE51AD8AJFA ELPIDA-EBE51AD8AJFA Datasheet
242Kb / 28P
   512MB Registered DDR2 SDRAM DIMM
EBE21RD4AJFA ELPIDA-EBE21RD4AJFA Datasheet
261Kb / 30P
   2GB Registered DDR2 SDRAM DIMM
EBE41RE4ACFA ELPIDA-EBE41RE4ACFA Datasheet
272Kb / 29P
   4GB Registered DDR2 SDRAM DIMM
EBE10RD4AEFA-6 ELPIDA-EBE10RD4AEFA-6 Datasheet
200Kb / 22P
   1GB Registered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com