Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4B1G0446C-ZCF7 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # K4B1G0446C-ZCF7
Description  1Gb C-die DDR3 SDRAM Specification
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4B1G0446C-ZCF7 Datasheet(HTML) 4 Page - Samsung semiconductor

  K4B1G0446C-ZCF7 Datasheet HTML 1Page - Samsung semiconductor K4B1G0446C-ZCF7 Datasheet HTML 2Page - Samsung semiconductor K4B1G0446C-ZCF7 Datasheet HTML 3Page - Samsung semiconductor K4B1G0446C-ZCF7 Datasheet HTML 4Page - Samsung semiconductor K4B1G0446C-ZCF7 Datasheet HTML 5Page - Samsung semiconductor K4B1G0446C-ZCF7 Datasheet HTML 6Page - Samsung semiconductor K4B1G0446C-ZCF7 Datasheet HTML 7Page - Samsung semiconductor K4B1G0446C-ZCF7 Datasheet HTML 8Page - Samsung semiconductor K4B1G0446C-ZCF7 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 63 page
background image
Page 4 of 63
Rev. 1.0 June 2007
1Gb DDR3 SDRAM
K4B1G04(08/16)46C
• JEDEC standard 1.5V ± 0.075V Power Supply
• VDDQ = 1.5V ± 0.075V
• 400 MHz fCK for 800Mb/sec/pin, 533MHz fCK for 1066Mb/sec/pin,
667MHz fCK for 1333Mb/sec/pin
• 8 Banks
• Posted CAS
• Programmable CAS Latency: 5, 6, 7, 8, 9, 10, (11 for high density
only)
• Programmable Additive Latency: 0, CL-2 or CL-1 clock
• Programmable CAS Write Latency (CWL) = 5 (DDR3-800), 6
(DDR3-1066), 7 (DDR3-1333)
• 8-bit pre-fetch
• Burst Length: 8 (Interleave without any limit, sequential with starting
address “000” only), 4 with tCCD = 4 which does not allow seamless
read or write [either On the fly using A12 or MRS]
• Bi-directional Differential Data-Strobe
• Internal(self) calibration : Internal self calibration through ZQ pin
(RZQ : 240 ohm ± 1%)
• On Die Termination using ODT pin
• Average Refresh Period 7.8us at lower than TCASE 85×C, 3.9us at
85×C < TCASE < 95 ×C
• Asynchronous Reset
• Package : 94 balls FBGA - x4/x8 (with 16 support balls)
112 balls FBGA - x16 (with 16 support balls)
• All of Lead-free products are compliant for RoHS
The 1Gb DDR3 SDRAM C-die is organized as a 32Mbit x 4/16Mbit x 8/
8Mbit x 16 I/Os x 8banks device. This synchronous device achieves high
speed double-data-rate transfer rates of up to 1333Mb/sec/pin (DDR3-
1333) for general applications.
The chip is designed to comply with the following key DDR3 SDRAM fea-
tures such as posted CAS, Programmable CWL, Internal (Self) Calibra-
tion, On Die Termination using ODT pin and Asynchronous Reset .
All of the control and address inputs are synchronized with a pair of exter-
nally supplied differential clocks. Inputs are latched at the crosspoint of dif-
ferential clocks (CK rising and CK falling). All I/Os are synchronized with a
pair of bidirectional strobes (DQS and DQS) in a source synchronous fash-
ion. The address bus is used to convey row, column, and bank address
information in a RAS/CAS multiplexing style. The DDR3 device operates
with a single 1.5V ± 0.075V power supply and 1.5V ± 0.075V VDDQ.
The 1Gb DDR3 device is available in 94ball FBGAs(x4/x8) and 112ball
FBGA(x16)
Note : 1. The functionality described and the timing specifications included
in this data sheet are for the DLL Enabled mode of operation.
2. 1066Mbps CL7 doesn’t have back-ward compatibility with
800Mbps CL5
Note : This data sheet is an abstract of full DDR3 specification and does not cover the common features which are described in “DDR3 SDRAM Device
Operation & Timing Diagram”.
[ Table 1 ] Samsung DDR3 ordering information table
Note :
1. Speed bin is in order of CL-tRCD-tRP.
2. x4/x8/x16 Package - including 16 support balls
Organization
DDR3-800 (6-6-6)
DDR3-1066 (7-7-7/8-8-8)
DDR3-1333 (8-8-8/9-9-9)
Package
256Mx4
K4B1G0446C-ZCF7
K4B1G0446C-CF8/G8
K4B1G0446C-ZCG9/H9
94 FBGA
128Mx8
K4B1G0846C-ZCF7
K4B1G0846C-CF8/G8
K4B1G0846C-ZCG9/H9
94 FBGA
64Mx16
K4B1G1646C-ZCF7
K4B1G1646C-CF8/G8
K4B1G1646C-ZCG9/H9
112 FBGA
[ Table 2 ] 1Gb DDR3 C-die Speed bins
Speed
DDR3-800
DDR3-1066
DDR3-1333
Unit
6-6-6
7-7-7
8-8-8
8-8-8
9-9-9
tCK(min)
2.5
1.875
1.5
ns
CAS Latency
6
7
8
8
9tCK
tRCD(min)
15
13.125
15
12
13.5
ns
tRP(min)
15
13.125
15
12
13.5
ns
tRAS(min)
37.5
37.5
37.5
36
36
ns
tRC(min)
52.5
50.625
52.5
48
49.5
ns
1.0 Ordering Information
2.0 Key Features


Similar Part No. - K4B1G0446C-ZCF7

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4B1G0446D SAMSUNG-K4B1G0446D Datasheet
1Mb / 60P
   1Gb D-die DDR3 SDRAM Specification
K4B1G0446D-HCF7 SAMSUNG-K4B1G0446D-HCF7 Datasheet
1Mb / 60P
   1Gb D-die DDR3 SDRAM Specification
K4B1G0446D-HCF8 SAMSUNG-K4B1G0446D-HCF8 Datasheet
1Mb / 60P
   1Gb D-die DDR3 SDRAM Specification
K4B1G0446D-HCH9 SAMSUNG-K4B1G0446D-HCH9 Datasheet
1Mb / 60P
   1Gb D-die DDR3 SDRAM Specification
K4B1G0446E SAMSUNG-K4B1G0446E Datasheet
721Kb / 23P
   DDR3 SDRAM Memory
More results

Similar Description - K4B1G0446C-ZCF7

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4B1G0446D SAMSUNG-K4B1G0446D Datasheet
1Mb / 60P
   1Gb D-die DDR3 SDRAM Specification
K4T1G044QC SAMSUNG-K4T1G044QC Datasheet
485Kb / 26P
   1Gb C-die DDR2 SDRAM Specification
K4B1G0446G SAMSUNG-K4B1G0446G Datasheet
1Mb / 64P
   1Gb G-die DDR3 SDRAM
K4H1G0638C SAMSUNG-K4H1G0638C Datasheet
348Kb / 23P
   Stacked 1Gb C-die DDR SDRAM Specification
K4H1G0438A SAMSUNG-K4H1G0438A Datasheet
366Kb / 24P
   1Gb A-die SDRAM Specification
logo
Hynix Semiconductor
H5TQ1G43AFP HYNIX-H5TQ1G43AFP Datasheet
4Mb / 77P
   1Gb DDR3 SDRAM
H5TQ1G43TFR HYNIX-H5TQ1G43TFR Datasheet
458Kb / 31P
   1Gb DDR3 SDRAM
H5TQ1G83DFR HYNIX-H5TQ1G83DFR Datasheet
303Kb / 34P
   1Gb DDR3 SDRAM
H5TQ1G83EFR HYNIX-H5TQ1G83EFR Datasheet
598Kb / 33P
   1Gb DDR3 SDRAM
H5TQ1G63DFR HYNIX-H5TQ1G63DFR Datasheet
2Mb / 172P
   1Gb DDR3 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com