Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CF5016AL5-2 Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # CF5016AL5-2
Description  1.8V Operation Fundamental Frequency Crystal Oscillator Module ICs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5016AL5-2 Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

  CF5016AL5-2 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5016AL5-2 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5016AL5-2 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5016AL5-2 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5016AL5-2 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5016AL5-2 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5016AL5-2 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5016AL5-2 Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CF5016 series
SEIKO NPC CORPORATION —6
MEASUREMENT CIRCUITS
Measurement cct 1
1Vp-p, 10MHz sine wave input signal
C1: 0.001
µF
R1: 50
R2: 393
R3: 429
Measurement cct 2
Measurement cct 3
Signal
Generator
VDD
VSS
XT
Q
R1
R2
R3
VOH
0V
Q output
VDD
VDD
VOL
Q output
0V
When
measuring VOL
When
measuring VOH
C1
XTN
INHN
IZ
V
A
IZ
VDD
VSS
XT
Q
XTN
INHN
VOH
VOL
X'tal
IDD
IST
A
VDD
VSS
XT
Q
XTN
INHN
Measurement cct 4
Measurement cct 5
Measurement cct 6
1Vp-p, 10MHz sine wave input signal
C1: 0.001
µF
R1: 50
Load cct 1
IPR
A
V
VPR
VDD
IPR
(VPR = VSS)
RUP2 =
IPR
(VPR = 0.7VDD)
VDD VPR
RUP1 =
VDD
VSS
XT
Q
XTN
INHN
IRf
Rf =
VDD
IRf
A
VDD
VSS
XT
Q
XTN
INHN
Signal
Generator
VDD
VSS
XT
Q
R1
C1
XTN
INHN
Q output
CL
(Including probe
capacitance)


Similar Part No. - CF5016AL5-2

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
CF50103GTR MERITEK-CF50103GTR Datasheet
86Kb / 1P
   Carbon Film Resistors
CF50103JTR MERITEK-CF50103JTR Datasheet
86Kb / 1P
   Carbon Film Resistors
CF50103KTR MERITEK-CF50103KTR Datasheet
86Kb / 1P
   Carbon Film Resistors
logo
Nippon Precision Circui...
CF5010AH1 NPC-CF5010AH1 Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
CF5010AH1-1 NPC-CF5010AH1-1 Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
More results

Similar Description - CF5016AL5-2

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5015 NPC-CF5015 Datasheet
123Kb / 10P
   2.5V Operation Fundamental Frequency Crystal Oscillator Module ICs
CF5035 NPC-CF5035 Datasheet
81Kb / 8P
   1.8V, High-frequency Crystal Oscillator Module ICs
CF5011 NPC-CF5011 Datasheet
90Kb / 7P
   1.8V Crystal Oscillator Module ICs
WF5028 NPC-WF5028 Datasheet
247Kb / 13P
   0.8V operation Crystal Oscillator Module ICs
CF5005B NPC-CF5005B Datasheet
78Kb / 7P
   High-frequency Crystal Oscillator Module ICs
logo
New Japan Radio
NJU6369 NJRC-NJU6369 Datasheet
55Kb / 6P
   1.5V Operation Fundamental Quartz Crystal Oscillator
NJU6315 NJRC-NJU6315 Datasheet
103Kb / 4P
   0.9V Operation Fundamental Quartz Crystal Oscillator IC
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
   Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
   Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com