Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFM304 Datasheet(PDF) 3 Page - Rectron Semiconductor

Part # EFM304
Description  SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 3.0 Amperes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

EFM304 Datasheet(HTML) 3 Page - Rectron Semiconductor

  EFM304 Datasheet HTML 1Page - Rectron Semiconductor EFM304 Datasheet HTML 2Page - Rectron Semiconductor EFM304 Datasheet HTML 3Page - Rectron Semiconductor EFM304 Datasheet HTML 4Page - Rectron Semiconductor EFM304 Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NUMBER OF CYCLES AT 60Hz
INSTANTANEOUS FORWARD VOLTAGE, (V)
1
10
30
20
50
100
125
150
200
1.0
0.3
0.1
0.03
0.01
3.0
10
20
10
5
50
100
2.5
2.0
1.5
1.0
0.5
0
3.0
3.5
RATING AND CHARACTERISTICS CURVES ( EFM301 THRU EFM307 )
FIG.4 TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG.5 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
REVERSE VOLTAGE, (V)
4
6
40
20
10
60
200
100
0.2
0.1
2
1
0.4
2
1.0
4
10
20
40
100
FIG.6 TYPICAL JUNCTION CAPACITANCE
8.3ms Single Half Sine-Wave
(JEDED Method)
Pulse Width=300uS
1% Duty Cycle
TJ = 25 OC
TJ = 25 OC
EFM301~EFM304
EFM305~EFM306
EFM307
EFM305~EFM307
EFM301~EFM304


Similar Part No. - EFM304

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
EFM304 RECTRON-EFM304 Datasheet
27Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 3.0 Ampere)
logo
Leshan Radio Company
EFM304 LRC-EFM304 Datasheet
181Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 3.0A
logo
Rectron Semiconductor
EFM304 RECTRON-EFM304 Datasheet
286Kb / 7P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER
EFM304B RECTRON-EFM304B Datasheet
227Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 3.0 Amperes
EFM304L RECTRON-EFM304L Datasheet
393Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 3.0 Ampere
More results

Similar Description - EFM304

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
EFM301B RECTRON-EFM301B Datasheet
227Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 3.0 Amperes
ES2A RECTRON-ES2A Datasheet
236Kb / 7P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 2.0 Amperes
EH2A RECTRON-EH2A Datasheet
548Kb / 7P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 2.0 Amperes
2021-06 REV:A
UFM301L RECTRON-UFM301L Datasheet
395Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 3.0 Amperes
UFM301 RECTRON-UFM301 Datasheet
35Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 3.0 Amperes
EFM201A RECTRON-EFM201A Datasheet
34Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 2.0 Amperes
EFM301L RECTRON-EFM301L Datasheet
393Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 3.0 Ampere
ES3AF RECTRON-ES3AF Datasheet
124Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 3.0 Ampere
ES3A RECTRON-ES3A Datasheet
418Kb / 7P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 3.0 Ampere
ES2JA RECTRON-ES2JA Datasheet
98Kb / 7P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 600 Volts CURRENT 2.0 Amperes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com