Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CF5761LB Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # CF5761LB
Description  CMOS Analog Clock IC with Alarm Function
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5761LB Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  CF5761LB Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5761LB Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5761LB Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5761LB Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5761LB Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5761LB Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5761LB Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5761LB Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5761LB Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CF5761 series
SEIKO NPC CORPORATION —5
3.0V operation
Ta = 25
°C, VSS = 0V, VDD = 3.0V, X’tal (f0 = 32.768kHz, CI = 35kΩ max, CG = 20pF) unless otherwise noted
Measurement Circuit
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Operating voltage
VDD
1.2
3.0
3.6
V
Oscillator startup time1
1. Measured using standard circuits.
t1
VDD = 2.4V
5.0
s
Frequency voltage characteristic
∆f/f
1.0
ppm/0.1V
Current consumption1
IDD
No output load
0.6
1.2
µA
No output load, F output
1.3
2.6
O1, O2 motor output current2
2. RL is the resistance of the motor coil connected between O1 and O2.
IOUT
VDD = 2.4V, RL = 1kΩ
2.26
mA
AI HIGH-level input current
IIH1
VDD = 3.0V, VIH = 3.0V
0.6
3
7.5
µA
AI LOW-level input current
IIL1
VDD = 3.0V, VIL = 0V
0.6
3
7.5
µA
SN, SEL HIGH-level input current
IIH2
VDD = 3.0V, VIH = 3.0V
0.2
1
2
µA
IIH3
VDD = 3.0V, VIH = 0.5V
25
50
100
SN LOW-level input current
IIL2
VDD = 3.0V, VIL = 0V
0.2
1
2
µA
IIL3
VDD = 3.0V, VIL = 2.5V
25
50
100
AO1, AO2, AO3 LOW-level output
current3
3. The rating varies depending on the device selected. Please refer to the series lineup table for details.
IOL1
VDD = 3.0V, VOL = 1.5V
900
µA
IOL2
VDD = 3.0V, VOL = 1.5V
10
AO1, AO2, AO3 HIGH-level output
current3
IOH1
VDD = 3.0V, VOH = 1.5V
900
µA
IOH2
VDD = 3.0V, VOH = 1.5V
10
T1 LOW-level output current
IOLT
VDD = 3.0V, VOL = 3.0V
20
µA
T1 HIGH-level output current
IOHT
VDD = 3.0V, VOH = 0V
20
µA
F output voltage4
4. F output voltage is the difference voltage, with load capacitor CL connected between F and VSS pins, between 0.5VDD and the peak voltage.
VF
VDD = 2.4V, output
capacitance CL = 50pF
0.8
V
Built-in capacitance
CD
See series lineup
pF
X’tal f0 = 32.768kHz, CI = 35kΩ max, CL = 12.5pF, C0 = 1.3pF, C1 = 2.6pF, CG = 20pF, RL = 400Ω or 1kΩ
XTN
O1
X'tal
O2
VDD
T1
CG
XT
AO1
AI
CD
IAO
RL
SN
SEL
AO2
AO3
VSS
IO
A
A
A
A
A
A
A
IO
VO
A
IDD
VDD
A
A
A
VI
II


Similar Part No. - CF5761LB

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5760 NPC-CF5760 Datasheet
96Kb / 7P
   CMOS Analog Clock IC
CF5762AB0 NPC-CF5762AB0 Datasheet
98Kb / 10P
   Analog Chime Clock CMOS IC
More results

Similar Description - CF5761LB

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5750A NPC-CF5750A Datasheet
113Kb / 4P
   Analog Clock CMOS IC
CF5741AA NPC-CF5741AA Datasheet
56Kb / 7P
   Analog Clock CMOS IC
CF5732EA NPC-CF5732EA Datasheet
42Kb / 6P
   Analog clock CMOS IC
CF5760 NPC-CF5760 Datasheet
96Kb / 7P
   CMOS Analog Clock IC
CF5746AAB NPC-CF5746AAB Datasheet
56Kb / 7P
   CMOS Analog Clock IC
CF5762AB0 NPC-CF5762AB0 Datasheet
98Kb / 10P
   Analog Chime Clock CMOS IC
logo
ABLIC Inc.
S-82U1A ABLIC-S-82U1A Datasheet
695Kb / 41P
   BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
S-82V1A ABLIC-S-82V1A Datasheet
689Kb / 41P
   BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
S-82T1A ABLIC-S-82T1A Datasheet
692Kb / 41P
   BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
logo
NXP Semiconductors
PCF85063BTL NXP-PCF85063BTL Datasheet
533Kb / 53P
   Tiny Real-Time Clock/calendar with alarm function and SPI-bus
Rev. 2-15 April 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com