Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CF5016AL5 Datasheet(PDF) 8 Page - Nippon Precision Circuits Inc

Part # CF5016AL5
Description  1.8V Operation Fundamental Frequency Crystal Oscillator Module ICs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5016AL5 Datasheet(HTML) 8 Page - Nippon Precision Circuits Inc

  CF5016AL5 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5016AL5 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5016AL5 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5016AL5 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5016AL5 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5016AL5 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5016AL5 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5016AL5 Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
CF5016 series
SEIKO NPC CORPORATION —8
NC0207BE
2006.04
Please pay your attention to the following points at time of using the products shown in this document.
The products shown in this document (hereinafter “Products”) are not intended to be used for the apparatus that exerts harmful influence on
human lives due to the defects, failure or malfunction of the Products. Customers are requested to obtain prior written agreement for such
use from SEIKO NPC CORPORATION (hereinafter “NPC”). Customers shall be solely responsible for, and indemnify and hold NPC free and
harmless from, any and all claims, damages, losses, expenses or lawsuits, due to such use without such agreement. NPC reserves the right
to change the specifications of the Products in order to improve the characteristic or reliability thereof. NPC makes no claim or warranty that
the contents described in this document dose not infringe any intellectual property right or other similar right owned by third parties.
Therefore, NPC shall not be responsible for such problems, even if the use is in accordance with the descriptions provided in this document.
Any descriptions including applications, circuits, and the parameters of the Products in this document are for reference to use the Products,
and shall not be guaranteed free from defect, inapplicability to the design for the mass-production products without further testing or
modification. Customers are requested not to export or re-export, directly or indirectly, the Products to any country or any entity not in
compliance with or in violation of the national export administration laws, treaties, orders and regulations. Customers are requested
appropriately take steps to obtain required permissions or approvals from appropriate government agencies.
SEIKO NPC CORPORATION
15-6, Nihombashi-kabutocho, Chuo-ku,
Tokyo 103-0026, Japan
Telephone: +81-3-6667-6601
Facsimile: +81-3-6667-6611
http://www.npc.co.jp/
Email: sales@npc.co.jp


Similar Part No. - CF5016AL5

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
CF50103GTR MERITEK-CF50103GTR Datasheet
86Kb / 1P
   Carbon Film Resistors
CF50103JTR MERITEK-CF50103JTR Datasheet
86Kb / 1P
   Carbon Film Resistors
CF50103KTR MERITEK-CF50103KTR Datasheet
86Kb / 1P
   Carbon Film Resistors
logo
Nippon Precision Circui...
CF5010AH1 NPC-CF5010AH1 Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
CF5010AH1-1 NPC-CF5010AH1-1 Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
More results

Similar Description - CF5016AL5

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5015 NPC-CF5015 Datasheet
123Kb / 10P
   2.5V Operation Fundamental Frequency Crystal Oscillator Module ICs
CF5035 NPC-CF5035 Datasheet
81Kb / 8P
   1.8V, High-frequency Crystal Oscillator Module ICs
CF5011 NPC-CF5011 Datasheet
90Kb / 7P
   1.8V Crystal Oscillator Module ICs
WF5028 NPC-WF5028 Datasheet
247Kb / 13P
   0.8V operation Crystal Oscillator Module ICs
CF5005B NPC-CF5005B Datasheet
78Kb / 7P
   High-frequency Crystal Oscillator Module ICs
logo
New Japan Radio
NJU6369 NJRC-NJU6369 Datasheet
55Kb / 6P
   1.5V Operation Fundamental Quartz Crystal Oscillator
NJU6315 NJRC-NJU6315 Datasheet
103Kb / 4P
   0.9V Operation Fundamental Quartz Crystal Oscillator IC
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
   Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
   Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com