Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS1326B-BTDR Datasheet(PDF) 11 Page - ams AG

Part # AS1326B-BTDR
Description  High Current, 0.8A DC-DC Step-Up Converters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1326B-BTDR Datasheet(HTML) 11 Page - ams AG

Back Button AS1326B-BTDR Datasheet HTML 7Page - ams AG AS1326B-BTDR Datasheet HTML 8Page - ams AG AS1326B-BTDR Datasheet HTML 9Page - ams AG AS1326B-BTDR Datasheet HTML 10Page - ams AG AS1326B-BTDR Datasheet HTML 11Page - ams AG AS1326B-BTDR Datasheet HTML 12Page - ams AG AS1326B-BTDR Datasheet HTML 13Page - ams AG AS1326B-BTDR Datasheet HTML 14Page - ams AG AS1326B-BTDR Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
www.austriamicrosystems.com
Revision 1.02
11 - 18
AS1326
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
9 Application Information
Figure 19. Typical AS1326A Application Circuit
Setting the Output Voltages
For a fixed 3.3V output, connect pin FB to GND. To set adjustable output voltages between 2.5 and 5.0V, connect a
resistor voltage-divider to pin FB from pin OUT to GND (Figure 20).
Figure 20. Application Circuit using External Feedback Resistors
For the circuit shown in Figure 20, the input bias current into FB is <20nA, permitting large-value resistor-divider net-
works while maintaining accuracy. Place the resistor-divider network as close to the device as possible. Use a
≤ 270kΩ
resistor for R2, then calculate R1 as:
Where:
VFB (the boost-regulator feedback set point) is 1.24V.
10Ω
9
POUT
10nF
33µF
AS1326A
10
ONN
6
CLK/SEL
1
ISET
2
REF
4
FB
3
GND
7
PGND
8
LX
3.3µH
+
VIN = 2.4V
5
OUT
100µF
+
330nF
VOUT = 3.3V
800mA
10Ω
9
POUT
10nF
33µF
AS1326A
10
ONN
6
CLK/SEL
1
ISET
2
REF
3
GND
7
PGND
8
LX
3.3µH
+
VIN = 2.4V
5
OUT
100µF
+
330nF
VOUT
R1
R2
4
FB
(EQ 1)
R1
R2
VOUT
VFB
--------------
1
⎝⎠
⎛⎞
=


Similar Part No. - AS1326B-BTDR

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1326B-BTDR AMSCO-AS1326B-BTDR Datasheet
1Mb / 18P
   High Current, 0.8A DC-DC Step-Up Converters
AS1326B-BTDR AMSCO-AS1326B-BTDR Datasheet
1Mb / 19P
   High Current, 0.8A DC-DC Step-Up Converters
More results

Similar Description - AS1326B-BTDR

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1326 AMSCO-AS1326_1 Datasheet
1Mb / 18P
   High Current, 0.8A DC-DC Step-Up Converters
AS1326 AMSCO-AS1326_04 Datasheet
1Mb / 19P
   High Current, 0.8A DC-DC Step-Up Converters
logo
Torex Semiconductor
XC9141 TOREX-XC9141 Datasheet
1Mb / 30P
   Load Disconnection Function, 0.8A Step-up DC/DC Converters
logo
List of Unclassifed Man...
AZ34063 ETC1-AZ34063 Datasheet
186Kb / 13P
   0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
HTC Korea TAEJIN Techno...
MC34063C HTC-MC34063C Datasheet
160Kb / 9P
   0.8A Step Down / Step Up / Inverting DC-DC Converter
logo
List of Unclassifed Man...
AZ34063C ETC1-AZ34063C Datasheet
207Kb / 13P
   0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
HTC Korea TAEJIN Techno...
MC34063C HTC-MC34063C_08 Datasheet
306Kb / 9P
   0.8A Step Down / Step Up / Inverting DC-DC Converter
logo
BCD Semiconductor Manuf...
AZ34063C BCDSEMI-AZ34063C Datasheet
298Kb / 13P
   0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
Torex Semiconductor
XC9104 TOREX-XC9104 Datasheet
205Kb / 19P
   Step-Up DC/DC Converters
XC9145 TOREX-XC9145 Datasheet
1Mb / 28P
   400nA Ultra-Low Quiescent, 0.8A, PWM/PFM Step-up DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com