Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS1341-BTDT Datasheet(PDF) 10 Page - ams AG

Part # AS1341-BTDT
Description  20V, 600mA, 100% Duty Cycle, Step-Down Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1341-BTDT Datasheet(HTML) 10 Page - ams AG

Back Button AS1341-BTDT Datasheet HTML 6Page - ams AG AS1341-BTDT Datasheet HTML 7Page - ams AG AS1341-BTDT Datasheet HTML 8Page - ams AG AS1341-BTDT Datasheet HTML 9Page - ams AG AS1341-BTDT Datasheet HTML 10Page - ams AG AS1341-BTDT Datasheet HTML 11Page - ams AG AS1341-BTDT Datasheet HTML 12Page - ams AG AS1341-BTDT Datasheet HTML 13Page - ams AG AS1341-BTDT Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
www.austriamicrosystems.com
Revision 1.00
10 - 16
AS1341
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
9 Application Information
Adjusting Output Voltage
The AS1341 feedback input features dual-mode operation. Connect FB to GND for the 5.0V preset output voltage.
Adjust the output voltage by connecting a voltage-divider from the output to GND (Figure 4).
Figure 22. Adjustable Output Voltage Circuit
Select a value for R2 between 10k and 1M
Ω.
Calculate R1 as:
Where:
VFB = 1.25V.
VOUTPUT may range from 1.25V to VIN.
Setting Current Limit
The AS1341 adjustable peak current limit is set by connecting ILIMIT as shown in Table 4.
The current limit chosen should reflect the maximum load current. The maximum output current is half of the peak cur-
rent limit. Choosing a lower current limit allows using an inductor with a lower current rating, however, it requires a
higher inductance (see Inductor Selection on page 10) and does not allow for reduced inductor package size.
Inductor Selection
The AS1341 operates with a wide range of inductance values. For most applications, values between 10µH and 47µH
work best with the controller’s high switching frequency. Larger inductor values will reduce the switching frequency and
thereby improve efficiency and EMI.
Note: The four key factors in inductor selection are inductance value, saturation rating, series resistance, and size.
Table 4. Setting Peak Current Limit
Current Limit
ILIMIT Connected To
700mA
GND
1400mA
IN
4.5 to
20V
5
IN
7
SHDNN
4
LX
8
OUT
CIN
1.25V
to VIN
2
GND
6
ILIMIT
1
FB
D1
L1
COUT
+
R2
R1
Indicates High-Power Trace
AS1341
3
POK
RPULL
(EQ 2)
R1
R2
VOUT
VFB
--------------
1
⎝⎠
⎛⎞
=


Similar Part No. - AS1341-BTDT

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1341-BTDT AMSCO-AS1341-BTDT Datasheet
925Kb / 17P
   20V, 600mA, 100% Duty Cycle, Step-Down Converter
AS1341-BTDT-1K AMSCO-AS1341-BTDT-1K Datasheet
990Kb / 18P
   650mA, Ul t ra low Ripple Step Down DC/DC Conver ter
AS1341-BTDT-6K AMSCO-AS1341-BTDT-6K Datasheet
990Kb / 18P
   650mA, Ul t ra low Ripple Step Down DC/DC Conver ter
More results

Similar Description - AS1341-BTDT

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1341 AMSCO-AS1341_1 Datasheet
925Kb / 17P
   20V, 600mA, 100% Duty Cycle, Step-Down Converter
logo
Maxim Integrated Produc...
MAX1776 MAXIM-MAX1776 Datasheet
740Kb / 13P
   24V, 600mA Internal Switch, 100% Duty Cycle, Step-Down Converter
19-1975; Rev 2; 7/03
logo
Monolithic Power System...
MP8715 MPS-MP8715 Datasheet
392Kb / 19P
   100% Duty Cycle Synchronous 4A, 21V, 500kHz Step-Down Converter
logo
Maxim Integrated Produc...
MAX887 MAXIM-MAX887 Datasheet
146Kb / 12P
   100% Duty Cycle, Low-Noise, Step-Down, PWM DC-DC Converter
logo
Skyworks Solutions Inc.
AAT1106 SKYWORKS-AAT1106 Datasheet
1Mb / 19P
   600mA Step-Down Converter
logo
Advanced Analogic Techn...
AAT1106 ANALOGICTECH-AAT1106_07 Datasheet
1Mb / 18P
   600mA Step-Down Converter
logo
SiGe Semiconductor, Inc...
AATIAN16 SIGE-AATIAN16 Datasheet
548Kb / 7P
   600mA Step-Down Converter
logo
Kinetic Technologies.
KTB851 KINETIC-KTB851 Datasheet
703Kb / 15P
   600mA Step-Down Converter
April 2019 - Revision 04c
logo
Monolithic Power System...
MP2116 MPS-MP2116 Datasheet
532Kb / 13P
   2A, 6V, 100% Duty Cycle Synchronous Step-Down Converter with 0.5A LDO
logo
Maxim Integrated Produc...
MAX1836 MAXIM-MAX1836 Datasheet
394Kb / 13P
   24V Internal Switch, 100% Duty Cycle, Step-Down Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com