Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9551 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9551
Description  High-Current VCOM Drive Buffers for TFT LCDs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9551 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9551 Datasheet HTML 1Page - Maxim Integrated Products MAX9551 Datasheet HTML 2Page - Maxim Integrated Products MAX9551 Datasheet HTML 3Page - Maxim Integrated Products MAX9551 Datasheet HTML 4Page - Maxim Integrated Products MAX9551 Datasheet HTML 5Page - Maxim Integrated Products MAX9551 Datasheet HTML 6Page - Maxim Integrated Products MAX9551 Datasheet HTML 7Page - Maxim Integrated Products MAX9551 Datasheet HTML 8Page - Maxim Integrated Products MAX9551 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
High-Current VCOM Drive Buffers
for TFT LCDs
_______________________________________________________________________________________
3
Note 1: All devices are 100% production tested at TA = +25°C. All temperature limits are guaranteed by design.
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 16V, GND = 0V, VCM = VOUT = VDD / 2, CL = 1µF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
AC CHARACTERISTICS
Settling Time
tS
Settling to 0.1% of VOUT, IL = 0 to 600mA,
CL = 1µF, RS = 2.2
Ω, CS = 0.1µF
(Figure 1)
2.0
µs
Input Capacitance
CIN
1.5
pF
IOUT = ±50mA
13
Transconductance
gm
IOUT = ±500mA
42
S
VDD = 7V, VIN = 1.5V
pulse for 100µs
±200
±290
Transient Output Current
IOUTMAX
AV = 1
VDD = 16V, VIN = 1.5V
pulse for 100µs
±600
±830
mA
Typical Operating Characteristics
(VDD = 16V, GND = 0V, VCM = VOUT = VDD / 2, CL = 1µF, TA = +25°C, unless otherwise noted.)
INPUT OFFSET VOLTAGE DEVIATION
vs. SUPPLY VOLTAGE
VDD (V)
20
15
10
-0.1
0
0.1
0.2
0.3
0.4
0.5
-0.2
525
TA = -40°C
TA = +25°C
TA = +85°C
INPUT OFFSET VOLTAGE DEVIATION
vs. TEMPERATURE
TEMPERATURE (°C)
75
50
25
0
-25
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
-0.4
-50
100
TRANSCONDUCTANCE
vs. OUTPUT CURRENT
OUTPUT CURRENT (mA)
400
200
0
-200
-400
10
20
30
40
50
60
0
-600
600
TA = -40°C
TA = +25°C
TA = +85°C


Similar Part No. - MAX9551

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9551 MAXIM-MAX9551 Datasheet
823Kb / 12P
   High-Current VCOM Drive Buffers for TFT LCDs
Rev 1; 2/06
MAX9551EUA MAXIM-MAX9551EUA Datasheet
823Kb / 12P
   High-Current VCOM Drive Buffers for TFT LCDs
Rev 1; 2/06
More results

Similar Description - MAX9551

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9550 MAXIM-MAX9550 Datasheet
823Kb / 12P
   High-Current VCOM Drive Buffers for TFT LCDs
Rev 1; 2/06
MAX9650 MAXIM-MAX9650 Datasheet
329Kb / 12P
   High-Current VCOM Drive Op Amps for TFT LCDs
Rev 2; 5/09
MAX9650_1007 MAXIM-MAX9650_1007 Datasheet
673Kb / 13P
   High-Current VCOM Drive Op Amps for TFT LCDs
Rev 4; 7/10
MAX9650 MAXIM-MAX9650_V01 Datasheet
1Mb / 9P
   High-Current VCOM Drive Op Amps for TFT LCDs
2018
MAX9650 MAXIM-MAX9650_10 Datasheet
613Kb / 13P
   High-Current VCOM Drive Op Amps for TFT LCDs
Rev 3; 2/10
MAX17100 MAXIM-MAX17100 Datasheet
818Kb / 35P
   Driver, VCOM Calibrator, and Op Amp for TFT LCDs
2010
MAX1886 MAXIM-MAX1886 Datasheet
284Kb / 7P
   High-Current VCOM Drive Buffer
Rev 0; 8/01
logo
Sharp Corporation
RB5P0070M SHARP-RB5P0070M Datasheet
81Kb / 2P
   Video Interface ICs for TFT-LCDs
RB5P0090M SHARP-RB5P0090M Datasheet
38Kb / 1P
   Video Interface ICs for TFT-LCDs
logo
Rohm
BD8151EFV ROHM-BD8151EFV Datasheet
397Kb / 6P
   TFT-LCD Bias Boost Converter Including Quad Buffers and VCOM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com