Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP1G00GF Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74AUP1G00GF
Description  Low-power 2-input NAND gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1G00GF Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74AUP1G00GF Datasheet HTML 5Page - NXP Semiconductors 74AUP1G00GF Datasheet HTML 6Page - NXP Semiconductors 74AUP1G00GF Datasheet HTML 7Page - NXP Semiconductors 74AUP1G00GF Datasheet HTML 8Page - NXP Semiconductors 74AUP1G00GF Datasheet HTML 9Page - NXP Semiconductors 74AUP1G00GF Datasheet HTML 10Page - NXP Semiconductors 74AUP1G00GF Datasheet HTML 11Page - NXP Semiconductors 74AUP1G00GF Datasheet HTML 12Page - NXP Semiconductors 74AUP1G00GF Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
74AUP1G00_2
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 29 June 2006
9 of 16
Philips Semiconductors
74AUP1G00
Low-power 2-input NAND gate
12. Waveforms
CL = 15 pF
tPHL, tPLH
HIGH-to-LOW and
LOW-to-HIGH
propagation delay
A or B to Y
see Figure 7
VCC = 1.1 V to 1.3 V
3.1
16.5
3.1
18.2
ns
VCC = 1.4 V to 1.6 V
2.5
10.5
2.5
11.6
ns
VCC = 1.65 V to 1.95 V
2.0
8.3
2.0
9.2
ns
VCC = 2.3 V to 2.7 V
1.5
6.4
1.5
7.1
ns
VCC = 3.0 V to 3.6 V
1.4
5.7
1.4
6.3
ns
CL = 30 pF
tPHL, tPLH
HIGH-to-LOW and
LOW-to-HIGH
propagation delay
A or B to Y
see Figure 7
VCC = 1.1 V to 1.3 V
4.1
22.6
4.1
24.9
ns
VCC = 1.4 V to 1.6 V
2.9
14.0
2.9
15.4
ns
VCC = 1.65 V to 1.95 V
2.3
11.1
2.3
12.3
ns
VCC = 2.3 V to 2.7 V
2.1
8.5
2.1
9.4
ns
VCC = 3.0 V to 3.6 V
2.1
7.6
2.1
8.4
ns
Table 9.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 8
Symbol
Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C
Unit
Min
Max
Min
Max
Measurement points are given in Table 10.
Logic levels: VOL and VOH are typical output voltage drop that occur with the output load.
Fig 7.
The data input (A or B) to output (Y) propagation delays
mna612
tPHL
tPLH
VM
VM
A, B input
Y output
GND
VI
VOH
VOL
Table 10.
Measurement points
Supply voltage
Output
Input
VCC
VM
VM
VI
tr = tf
0.8 V to 3.6 V
0.5
× VCC
0.5
× VCC
VCC
≤ 3.0 ns


Similar Part No. - 74AUP1G00GF

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1G00GM NEXPERIA-74AUP1G00GM Datasheet
274Kb / 18P
   Low-power 2-input NAND gate
Rev. 8 - 13 January 2022
74AUP1G00GN NEXPERIA-74AUP1G00GN Datasheet
274Kb / 18P
   Low-power 2-input NAND gate
Rev. 8 - 13 January 2022
74AUP1G00GS NEXPERIA-74AUP1G00GS Datasheet
274Kb / 18P
   Low-power 2-input NAND gate
Rev. 8 - 13 January 2022
74AUP1G00GW NEXPERIA-74AUP1G00GW Datasheet
274Kb / 18P
   Low-power 2-input NAND gate
Rev. 8 - 13 January 2022
74AUP1G00GW-Q100 NEXPERIA-74AUP1G00GW-Q100 Datasheet
229Kb / 14P
   Low-power 2-input NAND gate
Rev. 2 - 13 January 2022
More results

Similar Description - 74AUP1G00GF

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1G00-Q100 NEXPERIA-74AUP1G00-Q100 Datasheet
229Kb / 14P
   Low-power 2-input NAND gate
Rev. 2 - 13 January 2022
74AXP1G00 NEXPERIA-74AXP1G00 Datasheet
794Kb / 17P
   Low-power 2-input NAND gate
74AUP1G00 NEXPERIA-74AUP1G00 Datasheet
274Kb / 18P
   Low-power 2-input NAND gate
Rev. 8 - 13 January 2022
74AUP2G00-Q100 NEXPERIA-74AUP2G00-Q100 Datasheet
223Kb / 13P
   Low-power dual 2-input NAND gate
Rev. 2 - 9 June 2022
logo
NXP Semiconductors
74AUP2G00 PHILIPS-74AUP2G00 Datasheet
83Kb / 16P
   Low-power dual 2-input NAND gate
Rev. 01-25 August 2006
74AUP2G00 NXP-74AUP2G00 Datasheet
537Kb / 17P
   Low-power dual 2-input NAND gate
Rev. 04-5 June 2008
logo
Nexperia B.V. All right...
74AUP2G00 NEXPERIA-74AUP2G00 Datasheet
302Kb / 20P
   Low-power dual 2-input NAND gate
Rev. 11 - 9 June 2022
logo
NXP Semiconductors
74AUP1G38 NXP-74AUP1G38 Datasheet
91Kb / 15P
   Low-power 2-input NAND gate (open drain)
Rev. 03-22 June 2009
logo
Texas Instruments
SN74AUP1G00 TI1-SN74AUP1G00_16 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power Single 2-Input Positive-NAND Gate
logo
Nexperia B.V. All right...
74AUP1G38 NEXPERIA-74AUP1G38 Datasheet
269Kb / 18P
   Low-power 2-input NAND gate (open drain)
Rev. 9 - 16 August 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com