Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9547ESA+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9547ESA+
Description  Differential Video Interface Chipset
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9547ESA+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9547ESA+ Datasheet HTML 1Page - Maxim Integrated Products MAX9547ESA+ Datasheet HTML 2Page - Maxim Integrated Products MAX9547ESA+ Datasheet HTML 3Page - Maxim Integrated Products MAX9547ESA+ Datasheet HTML 4Page - Maxim Integrated Products MAX9547ESA+ Datasheet HTML 5Page - Maxim Integrated Products MAX9547ESA+ Datasheet HTML 6Page - Maxim Integrated Products MAX9547ESA+ Datasheet HTML 7Page - Maxim Integrated Products MAX9547ESA+ Datasheet HTML 8Page - Maxim Integrated Products MAX9547ESA+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Differential Video Interface Chipset
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: The Absolute Maximum Ratings of OUT+/OUT- for the MAX9546 and IN+/IN- for the MAX9547 are based on a single-fault
condition, i.e. only one output of MAX9546 (or both outputs together) is shorted to the battery, VCC or GND. The devices will
not survive a double-fault condition, i.e. OUT+ and OUT- shorted to different supplies.
Note 2: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a 4-layer
board. For detailed information on package thermal considerations see www.maxim-ic.com/thermal-tutorial.
(Voltages are referenced GND.)
VCC to GND ............................................................-0.3V to +11V
IN and FAULT (MAX9546)......................... -0.3V to (VCC + 0.3V)
OUT+, OUT- (MAX9546) (Note 1) .............................-2V to +16V
FAULT Short-Circuit Duration to
VCC or GND (MAX9546) .........................................Continuous
IN+, IN- (MAX9547) (Note 1).....................................-2V to +16V
IOUT, LOS, ZT+, ZT- (MAX9547) ...............-0.3V to (VCC + 0.3V)
Differential Input Voltage (|VIN+ - VIN-|) (MAX9547)...............+5V
IOUT, LOS Short-Circuit Duration to
VCC or GND (MAX9547) .........................................Continuous
Continuous Power Dissipation (TA = +70°C)
8-Pin SO-EP (derate 24.4mW/°C above +70°C) ......1951.2mW
θJC (Note 2).....................................................................7.0°C/W
θJA.................................................................................41.0°C/W
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ..................................................... +150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VCC
Guaranteed by PSRR
7.5
8.5
10.0
V
Quiescent Supply Current
ICC
No load
64
112
mA
Voltage Gain
AV
VIN = 1.2VP-P (Note 4)
1.8
2
2.2
V/V
Input-Voltage Swing
VIN
Guaranteed by AV
1.2
VP-P
Input Clamp Voltage
VCLMP
(Note 5)
3.46
V
Input Clamp Current
ICLMP
(Note 5)
7
13
µA
Input Resistance
RIN
(Notes 5, 6)
500
kΩ
Output Common-Mode Voltage
VCOM
3.0
3.25
3.4
V
Output Impedance
ROUT
0.1
OUT+ and/or OUT- to +16V
9
OUT+ and/or OUT- to + (VCC - 2V)
2
OUT+ and/or OUT- to +2V
4
OUT+ and/or OUT- to -2V
7
OUT+ and/or OUT- to +16V, VCC
unconnected
6
Output Fault Current
IF(OUT)
OUT+ or OUT- to -2V, VCC unconnected
24
mA
Differential mode
45
62
Power-Supply Rejection Ratio
PSRR
VCC from 7.5V to
10V (Note 7)
Common mode
46
52
dB
FAULT Output Logic Level
VOL, ISINK = 1.6mA (Note 8)
0.4
V
FAULT Output Leakage Current
0.01
µA
DC ELECTRICAL CHARACTERISTICS—MAX9546
(VCC = +8.5V, RL = 220Ω between OUT+ and OUT-, TA = -40°C to +85°C. Typical values are at TA = +25°C, unless otherwise
noted.) (Note 3)


Similar Part No. - MAX9547ESA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9547ESA++ MAXIM-MAX9547ESA+ Datasheet
254Kb / 12P
   Differential Video Interface Chipset
Rev 2; 7/07
More results

Similar Description - MAX9547ESA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9546 MAXIM-MAX9546 Datasheet
251Kb / 12P
   Differential Video Interface Chipset
Rev 0; 10/05
MAX9546 MAXIM-MAX9546_07 Datasheet
254Kb / 12P
   Differential Video Interface Chipset
Rev 2; 7/07
logo
National Semiconductor ...
LM592 NSC-LM592 Datasheet
174Kb / 5P
   DIFFERENTIAL VIDEO AMPLIFIER
logo
Texas Instruments
UA733 TI-UA733 Datasheet
486Kb / 16P
[Old version datasheet]   DIFFERENTIAL VIDEO AMPLIFIERS
logo
List of Unclassifed Man...
UA733 ETC2-UA733 Datasheet
157Kb / 5P
   DIFFERENTIAL VIDEO AMPLIFIER
logo
Texas Instruments
TL592 TI1-TL592 Datasheet
95Kb / 5P
[Old version datasheet]   DIFFERENTIAL VIDEO AMPLIFIER
REVISED NOVEMBER 1991
TL592B TI-TL592B Datasheet
339Kb / 11P
[Old version datasheet]   DIFFERENTIAL VIDEO AMPLIFIER
logo
NXP Semiconductors
MA733 PHILIPS-MA733 Datasheet
135Kb / 9P
   Differential video amplifier
April 15, 1992
logo
Texas Instruments
UA733 TI-UA733_07 Datasheet
592Kb / 17P
[Old version datasheet]   DIFFERENTIAL VIDEO AMPLIFIERS
NE592 TI-NE592 Datasheet
337Kb / 7P
[Old version datasheet]   differential video amplififiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com