Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29GL064N11BAI040 Datasheet(PDF) 3 Page - SPANSION

Part # S29GL064N11BAI040
Description  64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL064N11BAI040 Datasheet(HTML) 3 Page - SPANSION

  S29GL064N11BAI040 Datasheet HTML 1Page - SPANSION S29GL064N11BAI040 Datasheet HTML 2Page - SPANSION S29GL064N11BAI040 Datasheet HTML 3Page - SPANSION S29GL064N11BAI040 Datasheet HTML 4Page - SPANSION S29GL064N11BAI040 Datasheet HTML 5Page - SPANSION S29GL064N11BAI040 Datasheet HTML 6Page - SPANSION S29GL064N11BAI040 Datasheet HTML 7Page - SPANSION S29GL064N11BAI040 Datasheet HTML 8Page - SPANSION S29GL064N11BAI040 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 79 page
background image
Publication Number S29GL-N_01
Revision 09
Issue Date November 16, 2007
Distinctive Characteristics
Architectural Advantages
Single power supply operation
Manufactured on 110 nm MirrorBit process technology
Secured Silicon Sector region
– 128-word/256-byte sector for permanent, secure identification
through an 8-word/16-byte random Electronic Serial Number,
accessible through a command sequence
– Programmed and locked at the factory or by the customer
Flexible sector architecture
– 64Mb (uniform sector models): One hundred twenty-eight 32 Kword
(64 KB) sectors
– 64 Mb (boot sector models): One hundred twenty-seven 32 Kword
(64 KB) sectors + eight 4Kword (8KB) boot sectors
– 32 Mb (uniform sector models): Sixty-four 32Kword (64 KB) sectors
– 32 Mb (boot sector models): Sixty-three 32Kword (64 KB) sectors +
eight 4Kword (8KB) boot sectors
Enhanced VersatileI/O
Control
– All input levels (address, control, and DQ input levels) and outputs
are determined by voltage on VIO input. VIO range is 1.65 to VCC
Compatibility with JEDEC standards
– Provides pinout and software compatibility for single-power supply
flash, and superior inadvertent write protection
100,000 erase cycles typical per sector
20-year data retention typical
Performance Characteristics
High performance
– 90 ns access time
– 8-word/16-byte page read buffer
– 25 ns page read time
– 16-word/32-byte write buffer which reduces overall programming
time for multiple-word updates
Low power consumption
– 25 mA typical active read current
– 50 mA typical erase/program current
– 10 µA typical standby mode current
Package options
– 48-pin TSOP
– 56-pin TSOP
– 64-ball Fortified BGA
– 48-ball fine-pitch BGA
Software & Hardware Features
Software features
– Advanced Sector Protection: offers Persistent Sector Protection and
Password Sector Protection
– Program Suspend & Resume: read other sectors before
programming operation is completed
– Erase Suspend & Resume: read/program other sectors before an
erase operation is completed
– Data# polling & toggle bits provide status
– CFI (Common Flash Interface) compliant: allows host system to
identify and accommodate multiple flash devices
– Unlock Bypass Program command reduces overall multiple-word
programming time
Hardware features
– WP#/ACC input accelerates programming time (when high voltage
is applied) for greater throughput during system production. Protects
first or last sector regardless of sector protection settings on uniform
sector models
– Hardware reset input (RESET#) resets device
– Ready/Busy# output (RY/BY#) detects program or erase cycle
completion
S29GL-N MirrorBit
® Flash Family
S29GL064N, S29GL032N
64 Megabit, 32 Megabit
3.0 Volt-only Page Mode Flash Memory
Featuring 110 nm MirrorBit Process Technology
Data Sheet


Similar Part No. - S29GL064N11BAI040

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S29GL064N CYPRESS-S29GL064N Datasheet
972Kb / 78P
   64 Mbit, 32 Mbit 3 V Page Mode MirrorBit Flash
More results

Similar Description - S29GL064N11BAI040

ManufacturerPart #DatasheetDescription
logo
SPANSION
S70GL01GN00 SPANSION-S70GL01GN00_07 Datasheet
1Mb / 83P
   1024 Megabit, 3.0 Volt-only Page Mode Flash Memory Featuring 110 nm MirrorBit??Process Technology
S29GL032A SPANSION-S29GL032A_07 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
S29GL-N SPANSION-S29GL-N Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S70GL01GN00 SPANSION-S70GL01GN00 Datasheet
1Mb / 83P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL01GP11TFIR20 SPANSION-S29GL01GP11TFIR20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL512P12TFIV20 SPANSION-S29GL512P12TFIV20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL128P90FFIR20 SPANSION-S29GL128P90FFIR20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL01GP13FFIV20 SPANSION-S29GL01GP13FFIV20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-P SPANSION-S29GL-P_12 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-P SPANSION-S29GL-P_07 Datasheet
2Mb / 77P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com