Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8821 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX8821
Description  White LED Charge Pump with Mono Class D Audio Amp and Dual LDO
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8821 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX8821 Datasheet HTML 7Page - Maxim Integrated Products MAX8821 Datasheet HTML 8Page - Maxim Integrated Products MAX8821 Datasheet HTML 9Page - Maxim Integrated Products MAX8821 Datasheet HTML 10Page - Maxim Integrated Products MAX8821 Datasheet HTML 11Page - Maxim Integrated Products MAX8821 Datasheet HTML 12Page - Maxim Integrated Products MAX8821 Datasheet HTML 13Page - Maxim Integrated Products MAX8821 Datasheet HTML 14Page - Maxim Integrated Products MAX8821 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
White LED Charge Pump with Mono Class D
Audio Amp and Dual LDO
______________________________________________________________________________________
11
WIDEBAND OUTPUT SPECTRUM
FIXED-FREQUENCY MODE
FREQUENCY (MHz)
10
1
0.1
0.01
-120
-100
-80
-60
-40
-20
0
-140
0.001
100
RL = 8
Ω
INPUTS AC GROUNDED
0
0.5
1.5
1.0
2.0
2.5
2.7
3.5
3.1
3.9
4.3
4.7
5.1
5.5
OUTPUT POWER
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
THD+N = 10%
THD+N = 1%
RL = 8
Ω
0
1.0
0.5
2.0
1.5
3.0
2.5
3.5
2.7
3.5
3.9
3.1
4.3
4.7
5.1
5.5
OUTPUT POWER
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
THD+N = 10%
THD+N = 1%
RL = 4
Ω
50
65
60
55
75
70
95
90
85
80
100
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
EFFICIENCY
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
RL = 8
Ω
RL = 4
Ω
0
30
20
10
40
50
60
70
80
90
100
0
0.5
1.0
1.5
2.0
EFFICIENCY vs. OUTPUT POWER
OUTPUT POWER (W)
RL = 8
Ω
RL = 4
Ω
VIN = 3.6V
0
30
20
10
40
50
60
70
80
90
100
01234
EFFICIENCY
vs. OUTPUT POWER
OUTPUT POWER (W)
RL = 8
Ω
RL = 4
Ω
VIN = 5V
Typical Operating Characteristics (continued)
(VIN1 = VIN2 = VIN3 = VDD = 3.6V, VAGND = VPGND1 = VPGND2 = 0V, circuit of Figure 2, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX8821

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8821 MAXIM-MAX8821 Datasheet
231Kb / 14P
   Fully Assembled and Tested
Rev 0; 4/08
MAX8821EVKIT MAXIM-MAX8821EVKIT Datasheet
231Kb / 14P
   Fully Assembled and Tested
Rev 0; 4/08
MAX8821EVKIT++ MAXIM-MAX8821EVKIT+ Datasheet
231Kb / 14P
   Fully Assembled and Tested
Rev 0; 4/08
More results

Similar Description - MAX8821

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8678 MAXIM-MAX8678 Datasheet
255Kb / 13P
   White LED Charge Pump with 1.1W Audio Amplifier
Rev 0; 4/07
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
   Charge Pump White LED Driver
CM9156B CALMIRCO-CM9156B Datasheet
545Kb / 13P
   Charge-Pump White LED Driver
logo
Orister Corporation
RS9360A ORISTER-RS9360A Datasheet
483Kb / 8P
   Charge-Pump White LED Driver
logo
SG Micro Corp
SGM3144 SGMICRO-SGM3144 Datasheet
310Kb / 12P
   Charge Pump White LED Driver
logo
California Micro Device...
CM9153 CALMIRCO-CM9153 Datasheet
489Kb / 12P
   Charge Pump White LED Driver
logo
Advanced Analog Technol...
AAT2806 AAT-AAT2806 Datasheet
582Kb / 16P
   Dual High Efficiency Charge Pump for White LED and Flash Applications
logo
Advanced Analogic Techn...
AAT2806 ANALOGICTECH-AAT2806_07 Datasheet
513Kb / 16P
   Dual High Efficiency Charge Pump for White LED and Flash Applications
logo
SiGe Semiconductor, Inc...
AATIAN48 SIGE-AATIAN48 Datasheet
100Kb / 4P
   Dual High Efficiency Charge Pump For White LED and Flash Applications
logo
Advanced Analogic Techn...
AAT2805 ANALOGICTECH-AAT2805 Datasheet
557Kb / 17P
   Dual High Efficiency Charge Pump for White LED and Flash Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com