Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3629AMPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IR3629AMPBF
Description  HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER WITH POWER GOOD OUTPUT
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3629AMPBF Datasheet(HTML) 5 Page - International Rectifier

  IR3629AMPBF Datasheet HTML 1Page - International Rectifier IR3629AMPBF Datasheet HTML 2Page - International Rectifier IR3629AMPBF Datasheet HTML 3Page - International Rectifier IR3629AMPBF Datasheet HTML 4Page - International Rectifier IR3629AMPBF Datasheet HTML 5Page - International Rectifier IR3629AMPBF Datasheet HTML 6Page - International Rectifier IR3629AMPBF Datasheet HTML 7Page - International Rectifier IR3629AMPBF Datasheet HTML 8Page - International Rectifier IR3629AMPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
IR3629/IR3629A MPbF
11/26/2007
Recommended Operating Conditions
Parameter
SYM
Test Condition
Min
TYP
MAX
Units
Accuracy
Feedback Voltage
VFB
0.6
V
0
oC<Tj<125oC
-1.5
+1.5
Accuracy
-40
oC<Tj<105oC, Note2
-2.5
+1.5
%
Supply Current
VCC Supply Current
(Static)
ICC(Static)
SS=0V, No Switching
10
13
IR3629, CLOAD=1.5nF
15
25
VCC Supply Current
(Dynamic)
ICC(Dynamic)
IR3629A, CLOAD=1.5nF
15
19
VC Supply Current
(Static)
IC(Static)
SS=0V, No Switching
4.5
7
IR3629, CLOAD=1.5nF
17
25
VC Supply Current
(Dynamic)
IC(Dynamic)
IR3629A, CLOAD=1.5nF
10
15
mA
Under Voltage Lockout
VCC-Start-Threshold
VCC_UVLO(R)
Supply ramping up
4.0
4.2
4.4
VCC-Stop-Threshold
VCC_UVLO(F)
Supply ramping down
3.7
3.9
4.1
VCC-Hysteresis
VCC_Hys
Supply ramping up and down
0.15
0.25
0.3
VC-Start-Threshold
VC_UVLO(R)
Supply ramping up
3.1
3.3
3.5
VC-Stop-Threshold
VC_UVLO(F)
Supply ramping down
2.85
3.05
3.25
VC-Hysteresis
VC_Hys
Supply ramping up and down
0.15
0.2
0.25
V
Oscillator
IR3629A
270
300
330
Frequency
FS
IR3629
540
600
660
kHz
Ramp Amplitude
Vramp
Note3
1.25
V
Min Duty Cycle
Dmin
Fb=1V
0
%
IR3629, Note3
80
Min Pulse Width
Dmin(ctrl)
IR3629A , Note3
160
ns
IR3629, Fb=0.5V
71
Max Duty Cycle
Dmax
IR3629A, Fb=0.5V
78
%
Electrical Specifications
Unless otherwise specified, these specification apply over V
cc=Vc=12V, 0
oC<T
j< 105
oC
Typical value are specified at Ta=25oC
Symbol
Definition
Min
Max
Units
Vcc
Supply Voltage
4.5
14
V
Vc
Supply Voltage
Converter voltage + 5V
28
V
Tj (Note1)
Junction Temperature
-40
125
oC
Note1:
The junction temperature for 5V application is 0oC-125oC
5


Similar Part No. - IR3629AMPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3621 IRF-IR3621 Datasheet
375Kb / 29P
   2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
IR3621F IRF-IR3621F Datasheet
375Kb / 29P
   2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
IR3621FTR IRF-IR3621FTR Datasheet
375Kb / 29P
   2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
IR3621M IRF-IR3621M Datasheet
375Kb / 29P
   2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
IR3621MPBF IRF-IR3621MPBF Datasheet
375Kb / 29P
   2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
More results

Similar Description - IR3629AMPBF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT1368 ETC-AT1368 Datasheet
549Kb / 13P
   1- Channel Synchronous Buck PWM Controller with Power Good Reset
logo
Aimtron Technology
AT1369 AIMTRON-AT1369 Datasheet
750Kb / 12P
   2-Channel Synchronous Buck PWM Controller with Power Good Reset
logo
International Rectifier
IR3640MPBF IRF-IR3640MPBF Datasheet
964Kb / 32P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3624MPBF IRF-IR3624MPBF Datasheet
791Kb / 21P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3628MPBF IRF-IR3628MPBF Datasheet
568Kb / 22P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3640MTRPBF IRF-IR3640MTRPBF Datasheet
964Kb / 32P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
logo
STMicroelectronics
L6728A STMICROELECTRONICS-L6728A Datasheet
1Mb / 32P
   High frequency single phase PWM controller with Power Good
L6728AH STMICROELECTRONICS-L6728AH Datasheet
1Mb / 33P
   High frequency single phase PWM controller with Power Good
logo
Richtek Technology Corp...
RT9232 RICHTEK-RT9232_07 Datasheet
387Kb / 14P
   Programmable Frequency Synchronous Buck PWM Controller
RT9232A RICHTEK-RT9232A Datasheet
386Kb / 14P
   Programmable Frequency Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com