Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3629A Datasheet(PDF) 4 Page - International Rectifier

Part # IR3629A
Description  HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER WITH POWER GOOD OUTPUT
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3629A Datasheet(HTML) 4 Page - International Rectifier

  IR3629A Datasheet HTML 1Page - International Rectifier IR3629A Datasheet HTML 2Page - International Rectifier IR3629A Datasheet HTML 3Page - International Rectifier IR3629A Datasheet HTML 4Page - International Rectifier IR3629A Datasheet HTML 5Page - International Rectifier IR3629A Datasheet HTML 6Page - International Rectifier IR3629A Datasheet HTML 7Page - International Rectifier IR3629A Datasheet HTML 8Page - International Rectifier IR3629A Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
IR3629/IR3629A MPbF
11/26/2007
Pin Description
Pin Name
Description
1
PGood
Power Good status pin. Output is open collector. Connect a pull up
resistor from this pin to Vcc.
2
Vcc
This pin provides biasing voltage for the internal blocks of the IC. It also
biases the low side driver. A minimum of 0.1uF, high frequency capacitor
must be connected from this pin to power ground.
3
LDrv
Output driver for the low side MOSFET
4
PGnd
Power Ground. This pin serves as a separate ground for the MOSFET
drivers and should be connected to the system’s power ground plane.
5
HDrv
Output driver for the high side MOSFET
6
Vc
This pin powers the high side driver and must be connected to a voltage
higher than bus voltage. A minimum of 0.1uF, high frequency capacitor
must be connected from this pin to power ground.
7
Vsns
PGood sense pin
8
Fb
Inverting input to the error amplifier. This pin is connected directly to the
output of the regulator via resistor divider to set the output voltage and
provide feedback to the error amplifier.
9
Comp
Output of the error amplifier.
10
Gnd
Signal ground for internal reference and control circuitry.
11
SS/SD
Soft start / shutdown. This pin provides user programmable soft-start
function. Connect an external capacitor from this pin to ground to set the
start up time of the output voltage. The converter can be shutdown by
pulling this pin below 0.3V.
12
OCSet
Current limit set point. A resistor from this pin to drain of the low side
MOSFET will set the current limit threshold.
4


Similar Part No. - IR3629A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3621 IRF-IR3621 Datasheet
375Kb / 29P
   2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
IR3621F IRF-IR3621F Datasheet
375Kb / 29P
   2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
IR3621FTR IRF-IR3621FTR Datasheet
375Kb / 29P
   2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
IR3621M IRF-IR3621M Datasheet
375Kb / 29P
   2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
IR3621MPBF IRF-IR3621MPBF Datasheet
375Kb / 29P
   2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
More results

Similar Description - IR3629A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT1368 ETC-AT1368 Datasheet
549Kb / 13P
   1- Channel Synchronous Buck PWM Controller with Power Good Reset
logo
Aimtron Technology
AT1369 AIMTRON-AT1369 Datasheet
750Kb / 12P
   2-Channel Synchronous Buck PWM Controller with Power Good Reset
logo
International Rectifier
IR3640MPBF IRF-IR3640MPBF Datasheet
964Kb / 32P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3624MPBF IRF-IR3624MPBF Datasheet
791Kb / 21P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3628MPBF IRF-IR3628MPBF Datasheet
568Kb / 22P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3640MTRPBF IRF-IR3640MTRPBF Datasheet
964Kb / 32P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
logo
STMicroelectronics
L6728A STMICROELECTRONICS-L6728A Datasheet
1Mb / 32P
   High frequency single phase PWM controller with Power Good
L6728AH STMICROELECTRONICS-L6728AH Datasheet
1Mb / 33P
   High frequency single phase PWM controller with Power Good
logo
Richtek Technology Corp...
RT9232 RICHTEK-RT9232_07 Datasheet
387Kb / 14P
   Programmable Frequency Synchronous Buck PWM Controller
RT9232A RICHTEK-RT9232A Datasheet
386Kb / 14P
   Programmable Frequency Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com