Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3622AMPBF Datasheet(PDF) 10 Page - International Rectifier

Part # IR3622AMPBF
Description  HIGH FREQUENCY 2-PHASE, SINGLE OR DUAL OUTPUT SYNCHRONOUS STEP DOWN CONTROLLER WITH OUTPUT TRACKING AND SEQUENCING
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3622AMPBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IR3622AMPBF Datasheet HTML 6Page - International Rectifier IR3622AMPBF Datasheet HTML 7Page - International Rectifier IR3622AMPBF Datasheet HTML 8Page - International Rectifier IR3622AMPBF Datasheet HTML 9Page - International Rectifier IR3622AMPBF Datasheet HTML 10Page - International Rectifier IR3622AMPBF Datasheet HTML 11Page - International Rectifier IR3622AMPBF Datasheet HTML 12Page - International Rectifier IR3622AMPBF Datasheet HTML 13Page - International Rectifier IR3622AMPBF Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
IR3622AMPbF
www.irf.com
Circuit Description
10
THEORY OF OPEARTION
Introduction
The IR3622A is a versatile device for high
performance buck converters. It consists of two
synchronous buck controllers which can be
operated either in two independent outputs mode
or in current share single output mode for high
current applications.
The timing of the IC is provided by an internal
oscillator circuit which generates two-180o-out-of-
phase clock that can be externally programmed
up to 600kHz per phase.
Under-Voltage Lockout
The under-voltage lockout circuit monitors two
signals (Vcc and Enable). This ensures the
correct operation of the converter during power
up and power down sequence. The driver
outputs remain in the off state whenever one of
these signals drop below set thresholds. Normal
operation resumes once these signals rise above
the set values. Figure 3 shows a typical start up
sequence.
Enable
The enable features another level of flexibility for
start up. The Enable has precise threshold which
is internally monitored by under-voltage lockout
circuit.
It’s threshold can be externally programmed to
desired level by using two external resistors, so
the converter doesn’t start up until the input
voltage is sufficiently high (see figure 3).
Fig. 3: Normal Start up, Enable threshold is externally set to 11V
Seq pin is pulled to Vout3 prior to start up
Vcc
7.2V
Vout3
Enable
Vbus
4.1V
11V
12V
12V
SS
3V
Enable OK (IC's POR)
Seq


Similar Part No. - IR3622AMPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3622MPBF IRF-IR3622MPBF Datasheet
654Kb / 31P
   HIGH FREQUENCY 2-PHASE, SINGLE OR DUAL OUTPUT SYNCHRONOUS STEP DOWN CONTROLLER WITH OUTPUT TRACKING AND SEQUENCING
IR3622MPBF IRF-IR3622MPBF Datasheet
683Kb / 31P
   HIGH FREQUENCY 2-PHASE, SINGLE OR DUAL OUTPUT SYNCHRONOUS STEP DOWN CONTROLLER WITH OUTPUT TRACKING AND SEQUENCING
IR3622MTRPBF IRF-IR3622MTRPBF Datasheet
683Kb / 31P
   HIGH FREQUENCY 2-PHASE, SINGLE OR DUAL OUTPUT SYNCHRONOUS STEP DOWN CONTROLLER WITH OUTPUT TRACKING AND SEQUENCING
More results

Similar Description - IR3622AMPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3623MPBF IRF-IR3623MPBF_1 Datasheet
515Kb / 26P
   HIGH FREQUENCY 2-PHASE, SINGLE OR DUAL OUTPUT SYNCHRONOUS STEP DOWN CONTROLLER WITH OUTPUT TRACKING AND SEQUENCING
IR3622MPBF IRF-IR3622MPBF Datasheet
654Kb / 31P
   HIGH FREQUENCY 2-PHASE, SINGLE OR DUAL OUTPUT SYNCHRONOUS STEP DOWN CONTROLLER WITH OUTPUT TRACKING AND SEQUENCING
IR3623MPBF IRF-IR3623MPBF Datasheet
542Kb / 26P
   HIGH FREQUENCY 2-PHASE, SINGLE OR DUAL OUTPUT SYNCHRONOUS STEP DOWN CONTROLLER WITH OUTPUT TRACKING AND SEQUENCING
IR3622MTRPBF IRF-IR3622MTRPBF Datasheet
683Kb / 31P
   HIGH FREQUENCY 2-PHASE, SINGLE OR DUAL OUTPUT SYNCHRONOUS STEP DOWN CONTROLLER WITH OUTPUT TRACKING AND SEQUENCING
logo
Semtech Corporation
SC2447 SEMTECH-SC2447 Datasheet
755Kb / 26P
   Dual-Phase, Single or Dual Output Synchronous Step-Down Controller
SC2446A SEMTECH-SC2446A Datasheet
525Kb / 27P
   Dual-Phase, Single or Dual Output Synchronous Step-Down Controller
SC2443 SEMTECH-SC2443_08 Datasheet
1Mb / 22P
   Dual-Phase Single or Two Output Synchronous Step-Down Controller
SC2443 SEMTECH-SC2443 Datasheet
1Mb / 20P
   Dual-Phase Single or Two Output Synchronous Step-Down Controller
logo
Maxim Integrated Produc...
MAX15002 MAXIM-MAX15002 Datasheet
562Kb / 30P
   Dual-Output Buck Controller with Tracking/Sequencing
Rev 0; 12/07
MAX15002 MAXIM-MAX15002_12 Datasheet
505Kb / 29P
   Dual-Output Buck Controller with Tracking/Sequencing
Rev 2; 10/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com