Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8798ETX+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX8798ETX+
Description  Internal-Switch Boost Regulator with Integrated 3-Channel Scan Driver for TFT LCDs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8798ETX+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX8798ETX+ Datasheet HTML 4Page - Maxim Integrated Products MAX8798ETX+ Datasheet HTML 5Page - Maxim Integrated Products MAX8798ETX+ Datasheet HTML 6Page - Maxim Integrated Products MAX8798ETX+ Datasheet HTML 7Page - Maxim Integrated Products MAX8798ETX+ Datasheet HTML 8Page - Maxim Integrated Products MAX8798ETX+ Datasheet HTML 9Page - Maxim Integrated Products MAX8798ETX+ Datasheet HTML 10Page - Maxim Integrated Products MAX8798ETX+ Datasheet HTML 11Page - Maxim Integrated Products MAX8798ETX+ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Internal-Switch Boost Regulator with
Integrated 3-Channel Scan Driver for TFT LCDs
8
_______________________________________________________________________________________
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Propagation Delay Between OE
Rising Edge and CKV/CKVB Edge
CPV = 0, STV = 0, CLOAD = 4.7nF, 50
450
ns
Output Slew Rate CKV, CKVB
Without charge sharing,
STV = VDD, CLOAD = 4.7nF, 50
20
V/μs
Propagation Delay Between STV
and STVP
CLOAD = 4.7nF
450
ns
STVP Output Slew Rate
CLOAD = 4.7nF, 50
20
V/μs
Charge-Sharing Discharge Path
Resistance
CKV to CKVCS and
CKVB to CKVBCS
400
DISH Switch Resistance
GOFF to -3V, DISH = -3V
500
DISH Turn-On Threshold
Dish falling
-1.8
V
STV, CPV, OE Input Low Voltage
0.8
V
STV, CPV, OE Input High Voltage
1.6
V
OECON Input Low Voltage
1.5
V
OECON Input High Voltage
2.0
V
OECON Sink Current
OECON = STV = VDD
0.4
mA
CONTROL INPUTS
Input Low Voltage
SHDN
0.6
V
SHDN, 1.8V < VIN < 3.0V
1.8
Input High Voltage
SHDN, 3.0V < VIN < 5.5V
2.0
V
ELECTRICAL CHARACTERISTICS (continued)
(VIN = VDD = VSHDN = +3V, circuit of Figure 2, BOOST = 8V, GON = 23V, GOFF = -12V, VPOS = 0V, VNEG = 1.5V, OE = CPV = STV =
OECON = 0V, TA = -40°C to +85°C, unless otherwise noted.) (Note 6)
Note 1: For 5.5V < VIN < 6.0V, use the MAX8798 for no longer than 1% of IC lifetime. For continuous operation, the input voltage
should not exceed 5.5V.
Note 2: Inhibits boost switching if VBOOST exceeds the threshold This fault is not latched.
Note 3: Step-up regulator switching is not enabled until BOOST is above undervoltage threshold.
Note 4: SET external resistor range is verified at DAC full scale.
Note 5: Guaranteed by design, not production tested.
Note 6: -40°C specs are guaranteed by design, not production tested.
tF
tCLL
tCLH
tHDDAT
tSUDAT
tSUSTP
tBF
tR
SDA
SCL
VIH
VIL
tHDSTT
Figure 1. Timing Definitions Used in the Electrical Characteristics


Similar Part No. - MAX8798ETX+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8798ETX++ MAXIM-MAX8798ETX+ Datasheet
610Kb / 31P
   Internal-Switch Boost Regulator with Integrated 3-Channel Scan Driver for TFT LCDs
2008
More results

Similar Description - MAX8798ETX+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8798 MAXIM-MAX8798_V01 Datasheet
610Kb / 31P
   Internal-Switch Boost Regulator with Integrated 3-Channel Scan Driver for TFT LCDs
2008
MAX17088 MAXIM-MAX17088 Datasheet
796Kb / 28P
   Internal-Switch Boost Regulator with High-Voltage Level Shifter for TFT LCDs
2009
MAX17117 MAXIM-MAX17117 Datasheet
1Mb / 22P
   Internal-Switch Boost Regulator with Integrated 7-Channel Scan Driver, Op Amp, and LDO
19-5241; Rev 0; 4/10
MAX17115 MAXIM-MAX17115 Datasheet
2Mb / 23P
   Internal-Switch Boost Regulator and High-Voltage, Low-Dropout Linear Regulator for TFT LCDs
2010
logo
Silicon Mitus, Inc.
SM4500 SILICONMITUS-SM4500 Datasheet
267Kb / 1P
   6 Channel White LED Driver with Internal-switch Boost Regulator
Februay 2018 Rev. 0.0.0
SM2001 SILICONMITUS-SM2001 Datasheet
267Kb / 1P
   4 Channel White LED Driver with Internal-switch Boost Regulator
Februay 2018 Rev. 0.0.0
logo
Maxim Integrated Produc...
MAX17094 MAXIM-MAX17094 Datasheet
1Mb / 26P
   Internal-Switch Boost Regulator with Integrated 7-Channel Driver, VCOM Calibrator, Op Amp, and LDO
2008
MAX8784 MAXIM-MAX8784 Datasheet
963Kb / 24P
   Step-Up Regulator, Internal Charge Pumps, Switch Control, and Operational Amplifier for TFT LCDs
Rev 0; 1/07
MAX8784EVKIT MAXIM-MAX8784EVKIT Datasheet
458Kb / 24P
   Step-Up Regulator, Internal Charge Pumps, Switch Control, and Operational Amplifier for TFT LCDs
Rev 0; 1/07
logo
Silicon Mitus, Inc.
SM2006 SILICONMITUS-SM2006 Datasheet
266Kb / 1P
   6 Channel White LED Driver with Internal-switch Boost Regulator for High Power LED
Februay 2018 Rev. 0.0.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com