Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTP-627MCL601 Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # FTP-627MCL601
Description  24V driveN high speed thermal printer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTP-627MCL601 Datasheet(HTML) 7 Page - Fujitsu Component Limited.

  FTP-627MCL601 Datasheet HTML 1Page - Fujitsu Component Limited. FTP-627MCL601 Datasheet HTML 2Page - Fujitsu Component Limited. FTP-627MCL601 Datasheet HTML 3Page - Fujitsu Component Limited. FTP-627MCL601 Datasheet HTML 4Page - Fujitsu Component Limited. FTP-627MCL601 Datasheet HTML 5Page - Fujitsu Component Limited. FTP-627MCL601 Datasheet HTML 6Page - Fujitsu Component Limited. FTP-627MCL601 Datasheet HTML 7Page - Fujitsu Component Limited. FTP-627MCL601 Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
FTP-627MCL401/601
1.Connector(FPC)specification(CN4)
(1) Connector
Mechanical unit side:
FPC connector
Remote side (housing site):
52610-2490 (made by Molex)
(2) Pin assignment on the mechanical side
o
N
l
a
n
g
i
S
O
/I
s
t
n
e
t
n
o
C
1
K
H
P
)
e
d
o
h
t
a
C
(
r
e
t
p
u
r
r
e
t
n
i
o
t
o
h
P
2
N
E
S
V
I
r
o
s
n
e
s
r
e
p
a
p
r
o
f
y
l
p
p
u
s
r
e
w
o
p
d
n
u
o
r
G
3
E
H
P
O
)
r
o
tt
i
m
E
(
r
e
t
p
u
r
r
e
t
n
i
o
t
o
h
P
4
H
V
I
r
e
w
o
p
e
v
ir
d
d
a
e
H
5
I
D
I
t
u
p
n
i
a
t
a
D
6
2
B
T
S
I
2
l
a
n
g
i
s
e
l
b
a
n
e
t
n
ir
P
7
3
B
T
S
I
3
l
a
n
g
i
s
e
l
b
a
n
e
t
n
ir
P
8
D
D
V
I
r
e
w
o
P
c
i
g
o
L
9
D
N
G
d
n
u
o
r
g
d
a
e
H
0
1
D
N
G
d
n
u
o
r
g
d
a
e
H
1
1
D
N
G
d
n
u
o
r
g
d
a
e
H
2
1
H
T
O
r
o
t
s
i
m
r
e
h
T
3
1
1
B
T
S
I
1
l
a
n
g
i
s
e
l
b
a
n
e
t
n
ir
P
4
1
T
A
L
I
h
c
t
a
L
a
t
a
D
5
1
K
L
C
I
k
c
o
l
C
6
1
H
V
I
r
e
w
o
p
e
v
ir
d
d
a
e
H
7
1
H
V
I
r
e
w
o
p
e
v
ir
d
d
a
e
H
8
1
W
S
h
c
ti
w
s
n
e
p
o
n
e
t
a
l
P
9
1
W
S
h
c
ti
w
s
n
e
p
o
n
e
t
a
l
P
0
2
A
/
T
M
I
A
l
a
n
g
i
s
e
ti
c
x
e
r
o
t
o
M
1
2
A
/
T
M
I
A
l
a
n
g
i
s
e
ti
c
x
e
r
o
t
o
M
2
2
B
/
T
M
I
B
l
a
n
g
i
s
e
ti
c
x
e
r
o
t
o
M
3
2
B
/
T
M
I
B
l
a
n
g
i
s
e
ti
c
x
e
r
o
t
o
M
4
2
C
N
d
e
t
c
e
n
n
o
c
t
o
N


Similar Part No. - FTP-627MCL601

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTP-627MCL601 FUJITSU-FTP-627MCL601 Datasheet
397Kb / 9P
   2??high speed thermal p rinter
More results

Similar Description - FTP-627MCL601

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTP-637MCL401 FUJITSU-FTP-637MCL401 Datasheet
371Kb / 8P
   24V driven High speed thermal printer
FTP-639USL100-R FUJITSU-FTP-639USL100-R Datasheet
693Kb / 10P
   24V driven receipt, ticket printer 3??KIOSK printer unit
FTP-631MCL101 FUJITSU-FTP-631MCL101 Datasheet
62Kb / 6P
   24V DRIVE, ULTRA HIGH SPEED LINE THERMAL PRINTER 3??MECHANISM
FTP-628MCL353 FUJITSU-FTP-628MCL353 Datasheet
184Kb / 7P
   2??HIGH SPEED THERMAL PRINTER
FTP-628MCL053 FUJITSU-FTP-628MCL053 Datasheet
64Kb / 6P
   2??HIGH SPEED THERMAL PRINTER
FTP-648M FUJITSU-FTP-648M Datasheet
305Kb / 6P
   battery drive, 4 high speed thermal printer
FTP-637MCL103 FUJITSU-FTP-637MCL103 Datasheet
220Kb / 6P
   HIGH SPEED THERMAL PRINTER 3-INCH TYPE MECHANISM
logo
Extech Instruments Corp...
PR20 EXTECH-PR20 Datasheet
143Kb / 1P
   Portable Thermal Printer
logo
Fujitsu Component Limit...
FP-1000 FUJITSU-FP-1000 Datasheet
1Mb / 7P
   FUJITSU THERMAL PRINTER
FTP-62DMCL101 FUJITSU-FTP-62DMCL101 Datasheet
607Kb / 6P
   battery drive, FTP-60D Series 2??high speed thermal printer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com