Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8643AETG+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX8643AETG+
Description  3A, 2MHz Step-Down Regulator with Integrated Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8643AETG+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX8643AETG+ Datasheet HTML 1Page - Maxim Integrated Products MAX8643AETG+ Datasheet HTML 2Page - Maxim Integrated Products MAX8643AETG+ Datasheet HTML 3Page - Maxim Integrated Products MAX8643AETG+ Datasheet HTML 4Page - Maxim Integrated Products MAX8643AETG+ Datasheet HTML 5Page - Maxim Integrated Products MAX8643AETG+ Datasheet HTML 6Page - Maxim Integrated Products MAX8643AETG+ Datasheet HTML 7Page - Maxim Integrated Products MAX8643AETG+ Datasheet HTML 8Page - Maxim Integrated Products MAX8643AETG+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
3A, 2MHz Step-Down Regulator
with Integrated Switches
4
_
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
_
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ENABLE
EN Input Logic-Low, Falling
1.2
0.7
V
EN Input Logic-High, Rising
1.7
1.4
V
EN Hysteresis
200
mV
TA = +25°C
1
EN, Input Current
VEN = 0V or 3.6V,
VDD = 3.6V
TA = +85°C
0.01
µA
SS
SS Charging Current
VSS = 0.45V
7
8
9
µA
SS Discharge Resistance
500
THERMAL SHUTDOWN
Thermal-Shutdown Threshold
+165
°C
Thermal-Shutdown Hysteresis
20
°C
POWER-GOOD (PWRGD)
Power-Good Threshold Voltage
VFB falling, 3mV hysteresis
87
90
93
%
Power-Good Falling-Edge Deglitch
48
Clock
cycles
PWRGD Output-Voltage Low
IPWRGD = 4mA
0.03
0.15
V
PWRGD Leakage Current
VDD = VPWRGD = 3.6V, VFB = 0.9V
0.01
µA
OVERCURRENT LIMIT
Current-Limit Startup Blanking
128
Clock
cycles
Restart Time
1024
Clock
cycles
Note 2: Specifications are 100% production tested at TA = +25°C. Limits over the operating temperature range are guaranteed by
design and characterization.
Note 3: Guaranteed by design.
ELECTRICAL CHARACTERISTICS (continued)
(VIN = VDD = 3.3V, VFB = 0.5V, TA = -40°C to +85°C. Typical values are at TA = +25°C, circuit of Figure 1, unless otherwise noted.) (Note 2)
Typical Operating Characteristics
(Typical values are at VIN = VDD = 3.3V, VOUT = 1.8V, RFREQ = 50kΩ, IOUT = 3A, and TA = +25°C, unless otherwise noted.)
EFFICIENCY vs. OUTPUT CURRENT
OUTPUT CURRENT (A)
40
50
60
80
70
90
100
0.1
1
10
VOUT = 1.8V
VOUT = 2.5V
VIN = VDD = 3.3V
VOUT = 1.2V
EFFICIENCY vs. OUTPUT CURRENT
OUTPUT CURRENT (A)
60
65
75
70
80
85
90
95
100
0.1
1
10
VOUT = 1.5V
VOUT = 1.88V
VIN = VDD = 2.5V
VOUT = 1.2V


Similar Part No. - MAX8643AETG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8643AETG++ MAXIM-MAX8643AETG+ Datasheet
303Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 3/07
MAX8643AETG++ MAXIM-MAX8643AETG+ Datasheet
324Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 10/09
More results

Similar Description - MAX8643AETG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8643 MAXIM-MAX8643 Datasheet
300Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 3/07
MAX8643_0709 MAXIM-MAX8643_0709 Datasheet
351Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 3; 9/07
MAX8643A MAXIM-MAX8643A Datasheet
303Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 3/07
MAX8643A MAXIM-MAX8643A_09 Datasheet
324Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 10/09
MAX15039 MAXIM-MAX15039 Datasheet
441Kb / 18P
   6A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 10/08
MAX8646 MAXIM-MAX8646 Datasheet
363Kb / 16P
   6A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 10/07
MAX15038 MAXIM-MAX15038 Datasheet
357Kb / 18P
   4A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 10/08
MAX15038 MAXIM-MAX15038_09 Datasheet
365Kb / 19P
   4A, 2MHz Step-Down Regulator with Integrated Switches
Rev 1; 12/09
MAX15039 MAXIM-MAX15039_09 Datasheet
369Kb / 19P
   6A, 2MHz Step-Down Regulator with Integrated Switches
Rev 1; 12/09
MAX15038 MAXIM-MAX15038_V01 Datasheet
455Kb / 19P
   4A, 2MHz Step-Down Regulator with Integrated Switches
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com