Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPS7081 Datasheet(PDF) 7 Page - International Rectifier

Part # IPS7081
Description  INTELLIGENT POWER HIGH SIDE SWITCH
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS7081 Datasheet(HTML) 7 Page - International Rectifier

Back Button IPS7081 Datasheet HTML 3Page - International Rectifier IPS7081 Datasheet HTML 4Page - International Rectifier IPS7081 Datasheet HTML 5Page - International Rectifier IPS7081 Datasheet HTML 6Page - International Rectifier IPS7081 Datasheet HTML 7Page - International Rectifier IPS7081 Datasheet HTML 8Page - International Rectifier IPS7081 Datasheet HTML 9Page - International Rectifier IPS7081 Datasheet HTML 10Page - International Rectifier IPS7081 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
IPS7081(R)(S)
www.irf.com
7
Figure 6 – Max. Output current (A) Vs Load
inductance (µH)
Load inductance (µH)
Vclamp
Vin
In
Vcc
Out
R
L
0.10
0.0001 0.001
0.01
0.1
1
10
1.00
10.00
100.00
100
Time (s)
Figure 8 – Transient thermal impedance (°C/W)
Vs time (s)
0.1
1
10
1
1E+6
E+2
1E+3
1E+4
1E+5
0
150
Figure 7 – Max. ouput current (A)
Vs Ambient temperature (°C) Rth=50°C/W
Tamb, Ambient temperature (°C)
-50
0
50
100
2
4
6
8
10
Iout
0V
5V
14V
+
-
Vout
Rem :
During active
clamp,
Vload is
negative
Dg
Gnd
Figure 5 – Active clamp test circuit


Similar Part No. - IPS7081

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IPS7071GPBF IRF-IPS7071GPBF Datasheet
370Kb / 8P
   PROTECTED HIGH SIDE SWITCH
IPS7091 IRF-IPS7091 Datasheet
714Kb / 14P
   INTELLIGENT POWER HIGH SIDE SWITCH
IPS7091G IRF-IPS7091G Datasheet
714Kb / 14P
   INTELLIGENT POWER HIGH SIDE SWITCH
IPS7091GPBF IRF-IPS7091GPBF Datasheet
447Kb / 11P
   INTELLIGENT POWER HIGH SIDE SWITCH
IPS7091GPBF IRF-IPS7091GPBF Datasheet
714Kb / 14P
   INTELLIGENT POWER HIGH SIDE SWITCH
More results

Similar Description - IPS7081

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIPS6041G IRF-AUIPS6041G Datasheet
1Mb / 20P
   INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS6011 IRF-AUIPS6011_15 Datasheet
1Mb / 17P
   INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS6041 IRF-AUIPS6041_15 Datasheet
1Mb / 20P
   INTELLIGENT POWER HIGH SIDE SWITCH
IPS6011PBF IRF-IPS6011PBF Datasheet
655Kb / 13P
   INTELLIGENT POWER HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS7091 INFINEON-AUIPS7091 Datasheet
1Mb / 19P
   INTELLIGENT POWER HIGH SIDE SWITCH
March, 26th 2012 revision B
logo
International Rectifier
IPS6041PBF IRF-IPS6041PBF Datasheet
802Kb / 15P
   INTELLIGENT POWER HIGH SIDE SWITCH
IPS6041GTRPBF IRF-IPS6041GTRPBF Datasheet
888Kb / 16P
   INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS7091 IRF-AUIPS7091_15 Datasheet
1Mb / 19P
   INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS7081 IRF-AUIPS7081 Datasheet
1Mb / 19P
   INTELLIGENT POWER HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS6031 INFINEON-AUIPS6031 Datasheet
1Mb / 17P
   INTELLIGENT POWER HIGH SIDE SWITCH
May 15, 2012 Revision C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com