Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5295EUE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5295EUE
Description  Buffered, Fast-Settling, Dual, 12-/10-/8-Bit, Voltage-Output DACs
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5295EUE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5295EUE Datasheet HTML 1Page - Maxim Integrated Products MAX5295EUE Datasheet HTML 2Page - Maxim Integrated Products MAX5295EUE Datasheet HTML 3Page - Maxim Integrated Products MAX5295EUE Datasheet HTML 4Page - Maxim Integrated Products MAX5295EUE Datasheet HTML 5Page - Maxim Integrated Products MAX5295EUE Datasheet HTML 6Page - Maxim Integrated Products MAX5295EUE Datasheet HTML 7Page - Maxim Integrated Products MAX5295EUE Datasheet HTML 8Page - Maxim Integrated Products MAX5295EUE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
Buffered, Fast-Settling, Dual, 12-/10-/8-Bit,
Voltage-Output DACs
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = 2.7V to 5.25V, DVDD = 1.8V to AVDD, AGND = 0, DGND = 0, VREF = 2.5V, RL = 10k
Ω, CL = 100pF, TA = TMIN to TMAX,
unless otherwise noted. Typical values are at TA = +25
°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
PU INPUT
Input High Voltage
VIH-PU
DVDD -
200mV
V
Input Low Voltage
VIL-PU
200
mV
Input Leakage Current
IIN-PU
PU still considered floating when connected to a
tri-state bus
±200
nA
DYNAMIC PERFORMANCE
Fast mode
3.6
Voltage-Output Slew
Rate
SR
Slow mode
1.6
V/µs
MAX5290/MAX5291 from code 322 to
code 4095 to 1/2 LSB
23
MAX5292/MAX5293 from code 82 to
code 1023 to 1/2 LSB
1.5
3
FAST mode
MAX5294/MAX5295 from code 21 to
code 255 to 1/2 LSB
12
MAX5290/MAX5291 from code 322 to
code 4095 to 1/2 LSB
36
MAX5292/MAX5293 from code 82 to
code 1023 to 1/2 LSB
2.5
6
Voltage-Output Settling
Time (Note 5)
SLOW mode
MAX5294/MAX5295 from code 21 to
code 255 to 1/2 LSB
24
µs
FB_ Input Voltage
0
VREF / 2
V
FB_ Input Current
0.1
µA
Unity gain
200
Reference -3dB
Bandwidth (Note 6)
Force sense
150
kHz
Digital Feedthrough
CS = DVDD, code = zero scale, any digital input
from 0 to DVDD and DVDD to 0, f = 100kHz
0.1
nV-s
Digital-to-Analog Glitch
Impulse
Major carry transition
2
nV-s
DAC-to-DAC Crosstalk
(Note 3)
15
nV-s


Similar Part No. - MAX5295EUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5295EUE MAXIM-MAX5295EUE Datasheet
941Kb / 33P
   Buffered, Fast-Settling, Dual, 12-/10-/8-Bit, Voltage-Output DACs
Rev 0; 11/03
More results

Similar Description - MAX5295EUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5294 MAXIM-MAX5294 Datasheet
941Kb / 33P
   Buffered, Fast-Settling, Dual, 12-/10-/8-Bit, Voltage-Output DACs
Rev 0; 11/03
MAX5590 MAXIM-MAX5590 Datasheet
1Mb / 33P
   Buffered, Fast-Settling, Octal, 12/10/8-Bit, Voltage-Output DACs
19-2983; Rev 0; 9/03
MAX5580 MAXIM-MAX5580 Datasheet
1Mb / 34P
   Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Rev 1; 5/04
MAX5580 MAXIM-MAX5580_07 Datasheet
1,001Kb / 36P
   Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Rev 3; 7/07
MAX5590 MAXIM-MAX5590_04 Datasheet
886Kb / 33P
   Buffered, Fast-Settling, Octal, 12/10/8-Bit, Voltage-Output DACs
Rev 1; 11/04
logo
IC MICROSYSTEMS
ICM7362 ICMIC-ICM7362 Datasheet
136Kb / 9P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7361 ICMIC-ICM7361 Datasheet
167Kb / 9P
   SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7363 ICMIC-ICM7363 Datasheet
132Kb / 10P
   QUAD 12/10/8-BIT VOLTAGE-OUTPUT DACS
logo
Analog Devices
LTC2633 AD-LTC2633 Datasheet
971Kb / 24P
   Dual 12-/10-/8-Bit I2C DACs
AD5301 AD-AD5301_16 Datasheet
433Kb / 24P
   2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com