Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5581BETP Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX5581BETP
Description  Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5581BETP Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX5581BETP Datasheet HTML 7Page - Maxim Integrated Products MAX5581BETP Datasheet HTML 8Page - Maxim Integrated Products MAX5581BETP Datasheet HTML 9Page - Maxim Integrated Products MAX5581BETP Datasheet HTML 10Page - Maxim Integrated Products MAX5581BETP Datasheet HTML 11Page - Maxim Integrated Products MAX5581BETP Datasheet HTML 12Page - Maxim Integrated Products MAX5581BETP Datasheet HTML 13Page - Maxim Integrated Products MAX5581BETP Datasheet HTML 14Page - Maxim Integrated Products MAX5581BETP Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Buffered, Fast-Settling, Quad,
12-/10-/8-Bit, Voltage-Output DACs
______________________________________________________________________________________
11
INTEGRAL NONLINEARITY
vs. REFERENCE VOLTAGE (MAX5581A)
VREF (V)
4.5
4.0
3.0
3.5
2.0
2.5
1.5
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
1.0
5.0
4
2
3
0
-1
-3
1
-2
-4
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
INTEGRAL NONLINEARITY
vs. REFERENCE VOLTAGE (12 BIT)
VREF (V)
B GRADE
MIDSCALE
DIFFERENTIAL NONLINEARITY
vs. REFERENCE VOLTAGE (12 BIT)
VREF (V)
4.5
4.0
3.0
3.5
2.0
2.5
1.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-0.5
1.0
5.0
MIDSCALE
4
2
3
0
-1
-3
1
-2
-4
-40
10
-15
35
60
85
INTEGRAL NONLINEARITY
vs. TEMPERATURE (12 BIT)
TEMPERATURE (°C)
B GRADE
MIDSCALE
0.2
0.1
0
-0.1
-0.2
-40
10
-15
35
60
85
DIFFERENTIAL NONLINEARITY
vs. TEMPERATURE (12 BIT)
TEMPERATURE (°C)
MIDSCALE
2.0
1.5
1.0
0.5
0
0
1024
2048
3072
4095
SUPPLY CURRENT
vs. DIGITAL INPUT CODE (FORCE SENSE)
DIGITAL INPUT CODE
SLOW MODE
12 BIT
NO LOAD
1.0
0.75
0.50
0.25
0
0
1024
2048
3072
4095
SUPPLY CURRENT
vs. DIGITAL INPUT CODE (UNITY GAIN)
DIGITAL INPUT CODE
SLOW MODE
12 BIT
NO LOAD
SUPPLY CURRENT vs. SUPPLY VOLTAGE
(FORCE SENSE)
SUPPLY VOLTAGE (V)
4.80
4.10
3.40
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
0
2.70
5.25
FAST MODE
SLOW MODE
I = IAVDD + IDVDD
AVDD = DVDD
NO LOAD
SUPPLY CURRENT vs. SUPPLY VOLTAGE
(UNITY GAIN)
SUPPLY VOLTAGE (V)
4.80
4.10
3.40
2.70
5.25
FAST MODE
SLOW MODE
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
I = IAVDD + IDVDD
AVDD = DVDD
NO LOAD
Typical Operating Characteristics (continued)
(AVDD = DVDD = 5V, VREF = 4.096V, RL = 10k
Ω, CL = 100pF, speed mode = FAST, PU = floating, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX5581BETP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5581 MAXIM-MAX5581 Datasheet
1Mb / 34P
   Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Rev 1; 5/04
MAX5581 MAXIM-MAX5581 Datasheet
263Kb / 15P
   Fully Assembled and Tested
Rev 0; 6/05
MAX5581EVCMODU MAXIM-MAX5581EVCMODU Datasheet
263Kb / 15P
   Fully Assembled and Tested
Rev 0; 6/05
MAX5581EVKIT MAXIM-MAX5581EVKIT Datasheet
263Kb / 15P
   MAX5581 Evaluation Kit/Evaluation System
Rev 0; 6/05
MAX5581EVKIT MAXIM-MAX5581EVKIT Datasheet
263Kb / 15P
   Fully Assembled and Tested
Rev 0; 6/05
More results

Similar Description - MAX5581BETP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5580 MAXIM-MAX5580 Datasheet
1Mb / 34P
   Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Rev 1; 5/04
MAX5590 MAXIM-MAX5590 Datasheet
1Mb / 33P
   Buffered, Fast-Settling, Octal, 12/10/8-Bit, Voltage-Output DACs
19-2983; Rev 0; 9/03
MAX5294 MAXIM-MAX5294 Datasheet
941Kb / 33P
   Buffered, Fast-Settling, Dual, 12-/10-/8-Bit, Voltage-Output DACs
Rev 0; 11/03
MAX5290 MAXIM-MAX5290_07 Datasheet
846Kb / 35P
   Buffered, Fast-Settling, Dual, 12-/10-/8-Bit, Voltage-Output DACs
Rev 3; 7/07
MAX5590 MAXIM-MAX5590_04 Datasheet
886Kb / 33P
   Buffered, Fast-Settling, Octal, 12/10/8-Bit, Voltage-Output DACs
Rev 1; 11/04
logo
IC MICROSYSTEMS
ICM7363 ICMIC-ICM7363 Datasheet
132Kb / 10P
   QUAD 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7362 ICMIC-ICM7362 Datasheet
136Kb / 9P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7361 ICMIC-ICM7361 Datasheet
167Kb / 9P
   SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7620 ICMIC-ICM7620 Datasheet
222Kb / 12P
   12/10/8-Bit Low Power Voltage Output Quad DACs With Parallel Interface
logo
Analog Devices
LTC2635 AD-LTC2635 Datasheet
736Kb / 32P
   Quad 12-/10-/8-Bit I2C DACs Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com