Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5581AEUP Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5581AEUP
Description  Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5581AEUP Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5581AEUP Datasheet HTML 1Page - Maxim Integrated Products MAX5581AEUP Datasheet HTML 2Page - Maxim Integrated Products MAX5581AEUP Datasheet HTML 3Page - Maxim Integrated Products MAX5581AEUP Datasheet HTML 4Page - Maxim Integrated Products MAX5581AEUP Datasheet HTML 5Page - Maxim Integrated Products MAX5581AEUP Datasheet HTML 6Page - Maxim Integrated Products MAX5581AEUP Datasheet HTML 7Page - Maxim Integrated Products MAX5581AEUP Datasheet HTML 8Page - Maxim Integrated Products MAX5581AEUP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Buffered, Fast-Settling, Quad,
12-/10-/8-Bit, Voltage-Output DACs
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = 2.7V to 5.25V, DVDD = 1.8V to AVDD, AGND = 0, DGND = 0, VREF = 2.5V (for AVDD = 2.7V to 5.25V), VREF = 4.096V (for
AVDD = 4.5V to 5.25V), RL = 10k
Ω, CL = 100pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER REQUIREMENTS
Analog Supply Voltage
Range
AVDD
2.70
5.25
V
Digital Supply Voltage
Range
DVDD
1.8
AVDD
V
Unity gain
0.9
1.6
SLOW mode, all digital inputs
at DGND or DVDD, no load,
VREF = 4.096V
Force sense
1.6
2.4
Unity gain
1.6
4
Operating Supply
Current
IAVDD
+
IDVDD
FAST mode, all digital inputs
at DGND or DVDD, no load,
VREF = 4.096V
Force sense
2.3
4
mA
Shutdown Supply
Current
IAVDD(SHDN)
+
IDVDD(SHDN)
No clocks, all digital inputs at DGND or DVDD, all
DACs in shutdown mode
0.5
1
µA
Note 1: For the force-sense versions, FB_ is connected to its respective OUT_, and VOUT (max) = VREF / 2, unless otherwise noted.
Note 2: Linearity guaranteed from decimal code 250 to code 4095 for the MAX5580A/MAX5581A (12 bit, A grade), code 40 to code
4095 for the MAX5580B/MAX5581B (12 bit, B grade), code 20 to code 1023 for the MAX5582/MAX5583 (10 bit), and code 5
to code 255 for the MAX5584/MAX5585 (8 bit).
Note 3: Represents the functional range. The linearity is guaranteed at VREF = 2.5V (for AVDD from 2.7V to 5.25V), and VREF =
4.096V (for AVDD = 4.5V to 5.25V). See the Typical Operating Characteristics section for linearity at other voltages.
Note 4: Guaranteed by design.
Note 5: The reference -3dB bandwidth is measured with a 0.1VP-P sine wave on VREF and with full-scale input code.
Note 6: DC crosstalk is measured as follows: outputs of DACA–DACD are set to full scale and the output of DACD is measured.
While keeping DACD unchanged, the outputs of DACA–DACC are transitioned to zero scale and the
∆VOUT of DACD
is measured.


Similar Part No. - MAX5581AEUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5581 MAXIM-MAX5581 Datasheet
1Mb / 34P
   Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Rev 1; 5/04
MAX5581 MAXIM-MAX5581 Datasheet
263Kb / 15P
   Fully Assembled and Tested
Rev 0; 6/05
MAX5581EVCMODU MAXIM-MAX5581EVCMODU Datasheet
263Kb / 15P
   Fully Assembled and Tested
Rev 0; 6/05
MAX5581EVKIT MAXIM-MAX5581EVKIT Datasheet
263Kb / 15P
   MAX5581 Evaluation Kit/Evaluation System
Rev 0; 6/05
MAX5581EVKIT MAXIM-MAX5581EVKIT Datasheet
263Kb / 15P
   Fully Assembled and Tested
Rev 0; 6/05
More results

Similar Description - MAX5581AEUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5580 MAXIM-MAX5580 Datasheet
1Mb / 34P
   Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Rev 1; 5/04
MAX5590 MAXIM-MAX5590 Datasheet
1Mb / 33P
   Buffered, Fast-Settling, Octal, 12/10/8-Bit, Voltage-Output DACs
19-2983; Rev 0; 9/03
MAX5294 MAXIM-MAX5294 Datasheet
941Kb / 33P
   Buffered, Fast-Settling, Dual, 12-/10-/8-Bit, Voltage-Output DACs
Rev 0; 11/03
MAX5290 MAXIM-MAX5290_07 Datasheet
846Kb / 35P
   Buffered, Fast-Settling, Dual, 12-/10-/8-Bit, Voltage-Output DACs
Rev 3; 7/07
MAX5590 MAXIM-MAX5590_04 Datasheet
886Kb / 33P
   Buffered, Fast-Settling, Octal, 12/10/8-Bit, Voltage-Output DACs
Rev 1; 11/04
logo
IC MICROSYSTEMS
ICM7363 ICMIC-ICM7363 Datasheet
132Kb / 10P
   QUAD 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7362 ICMIC-ICM7362 Datasheet
136Kb / 9P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7361 ICMIC-ICM7361 Datasheet
167Kb / 9P
   SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7620 ICMIC-ICM7620 Datasheet
222Kb / 12P
   12/10/8-Bit Low Power Voltage Output Quad DACs With Parallel Interface
logo
Analog Devices
LTC2635 AD-LTC2635 Datasheet
736Kb / 32P
   Quad 12-/10-/8-Bit I2C DACs Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com