Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6621_0709 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6621_0709
Description  PECI-to-I2C Translator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6621_0709 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6621_0709 Datasheet HTML 1Page - Maxim Integrated Products MAX6621_0709 Datasheet HTML 2Page - Maxim Integrated Products MAX6621_0709 Datasheet HTML 3Page - Maxim Integrated Products MAX6621_0709 Datasheet HTML 4Page - Maxim Integrated Products MAX6621_0709 Datasheet HTML 5Page - Maxim Integrated Products MAX6621_0709 Datasheet HTML 6Page - Maxim Integrated Products MAX6621_0709 Datasheet HTML 7Page - Maxim Integrated Products MAX6621_0709 Datasheet HTML 8Page - Maxim Integrated Products MAX6621_0709 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Pin Description
PIN
NAME
FUNCTION
1
PECI
Platform Environment Control Interface (PECI) Serial-Bus Input/Output
2
AGND
Analog Ground
3
AD0
I2C Bus Device Address Selection Input
4
SDA
I2C Bus Data Input/Output
5SCL
I2C Bus Clock Input/Output
6VCC
Power Supply. Bypass to GND with a 0.1µF capacitor.
7
GND
Power-Supply Ground
8
RESET
I2C Reset Input. Pull
RESET low to reset I2C interface and default all registers to startup values.
Drive high for normal operation.
9
ALERT
ALERT Interrupt Open-Drain Output. Asserts low when any temperature exceeds the
programmed limit.
10
VREF
PECI Input Supply Voltage. Bypass VREF to AGND with a 0.1µF capacitor.
PECI-to-I2C Translator
_______________________________________________________________________________________
5
SDA
SCL
I2C
PORT
PECI
TRANSLATION
ENGINE
PECI
PORT
VREF
PECI
ALERT
RESET
AD0
MAX6621
Block Diagram


Similar Part No. - MAX6621_0709

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6621 MAXIM-MAX6621_09 Datasheet
181Kb / 18P
   PECI-to-I2C Translator
Rev 2; 12/09
More results

Similar Description - MAX6621_0709

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6618 MAXIM-MAX6618 Datasheet
159Kb / 18P
   PECI-to-I2C Translator
Rev 1; 8/07
MAX6621 MAXIM-MAX6621_09 Datasheet
181Kb / 18P
   PECI-to-I2C Translator
Rev 2; 12/09
MAX6621 MAXIM-MAX6621 Datasheet
168Kb / 18P
   PECI-to-I2C Translator
Rev 0; 1/07
MAX6618 MAXIM-MAX6618_13 Datasheet
366Kb / 17P
   PECI-to-I2C Translator
Rev 4; 5/13
logo
NXP Semiconductors
TDA9951 PHILIPS-TDA9951 Datasheet
199Kb / 41P
   CEC/I2C-bus translator
Rev. 01-7 August 2008
TDA9950 NXP-TDA9950 Datasheet
425Kb / 22P
   CEC/I2C-bus translator
Rev. 02-22 October 2009
logo
Linear Technology
LTC4316 LINER-LTC4316 Datasheet
490Kb / 8P
   Single I2C/SMBus Address Translator
LTC4318 LINER-LTC4318_15 Datasheet
213Kb / 14P
   Dual I2C/SMBus Address Translator
LTC4316 LINER-LTC4316_15 Datasheet
225Kb / 14P
   Single I2C/SMBus Address Translator
LTC4317 LINER-LTC4317_15 Datasheet
214Kb / 14P
   Dual I2C/SMBus Address Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com