Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5290 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX5290
Description  Buffered, Fast-Settling, Dual, 12-/10-/8-Bit, Voltage-Output DACs
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5290 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX5290 Datasheet HTML 7Page - Maxim Integrated Products MAX5290 Datasheet HTML 8Page - Maxim Integrated Products MAX5290 Datasheet HTML 9Page - Maxim Integrated Products MAX5290 Datasheet HTML 10Page - Maxim Integrated Products MAX5290 Datasheet HTML 11Page - Maxim Integrated Products MAX5290 Datasheet HTML 12Page - Maxim Integrated Products MAX5290 Datasheet HTML 13Page - Maxim Integrated Products MAX5290 Datasheet HTML 14Page - Maxim Integrated Products MAX5290 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
Buffered, Fast-Settling, Dual, 12-/10-/8-Bit,
Voltage-Output DACs
______________________________________________________________________________________
11
Typical Operating Characteristics (continued)
(AVDD = DVDD = 3V, VREF = 2.5V, RL = 10k
Ω, CL = 100pF, speed mode = FAST, PU = floating, TA = +25°C, unless otherwise noted.)
INTEGRAL NONLINEARITY
vs. TEMPERATURE (12-BIT)
TEMPERATURE (
°C)
60
35
10
-15
-2
0
2
4
-4
-40
85
UNITY GAIN
B-GRADE
DIFFERENTIAL NONLINEARITY
vs. TEMPERATURE (12-BIT)
TEMPERATURE (
°C)
60
35
10
-15
-0.1
0
0.1
0.2
-0.2
-40
85
UNITY GAIN
0
0.10
0.05
0.20
0.15
0.30
0.25
0.35
0.45
0.40
0.50
1.0
2.0
2.5
1.5
3.0
3.5
4.0
4.5
5.0
VREF (V)
INTEGRAL NONLINEARITY
vs. REFERENCE VOLTAGE (MAX5290A)
0
0.2
0.1
0.4
0.3
0.6
0.5
0.7
0.9
0.8
1.0
1.0
2.0
2.5
1.5
3.0
3.5
4.0
4.5
5.0
INTEGRAL NONLINEARITY
vs. REFERENCE VOLTAGE (MAX5291A)
VREF (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
-40
-15
10
35
60
85
OFFSET ERROR vs. TEMPERATURE
(A-GRADE)
TEMPERATURE (
°C)
UNITY GAIN
FORCE
SENSE
CODE = 40
UNITY GAIN: 1 LSB = 0.6mV
FORCE SENSE: 1 LSB = 0.3mV
OFFSET ERROR vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
-8
-6
-4
-2
0
-10
-40
85
FORCE SENSE
UNITY GAIN
UNITY GAIN: 1 LSB = 0.6mV
FORCE SENSE: 1 LSB = 0.3mV
-0.35
-0.20
-0.25
-0.30
-0.15
-0.10
-0.05
0
0.05
0.10
0.15
-40
10
-15
356085
GAIN ERROR vs. TEMPERATURE
(A-GRADE)
TEMPERATURE (
°C)
UNITY GAIN
FORCE
SENSE
UNITY GAIN: 1 LSB = 0.6mV
FORCE SENSE: 1 LSB = 0.3mV
GAIN ERROR vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
-8
-6
-4
-2
0
-10
-40
85
FORCE SENSE
UNITY GAIN
UNITY GAIN: 1 LSB = 0.6mV
FORCE SENSE: 1 LSB = 0.3mV
REFERENCE INPUT BANDWIDTH
FREQUENCY (Hz)
1M
100k
10k
1k
-25
-20
-15
-10
-5
0
5
-30
010M
VREF = 0.1VP-P AT 2.5VDC


Similar Part No. - MAX5290

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5290 MAXIM-MAX5290 Datasheet
941Kb / 33P
   Buffered, Fast-Settling, Dual, 12-/10-/8-Bit, Voltage-Output DACs
Rev 0; 11/03
MAX5290AETE MAXIM-MAX5290AETE Datasheet
941Kb / 33P
   Buffered, Fast-Settling, Dual, 12-/10-/8-Bit, Voltage-Output DACs
Rev 0; 11/03
MAX5290AEUD MAXIM-MAX5290AEUD Datasheet
941Kb / 33P
   Buffered, Fast-Settling, Dual, 12-/10-/8-Bit, Voltage-Output DACs
Rev 0; 11/03
MAX5290BETE MAXIM-MAX5290BETE Datasheet
941Kb / 33P
   Buffered, Fast-Settling, Dual, 12-/10-/8-Bit, Voltage-Output DACs
Rev 0; 11/03
MAX5290BEUD MAXIM-MAX5290BEUD Datasheet
941Kb / 33P
   Buffered, Fast-Settling, Dual, 12-/10-/8-Bit, Voltage-Output DACs
Rev 0; 11/03
More results

Similar Description - MAX5290

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5294 MAXIM-MAX5294 Datasheet
941Kb / 33P
   Buffered, Fast-Settling, Dual, 12-/10-/8-Bit, Voltage-Output DACs
Rev 0; 11/03
MAX5590 MAXIM-MAX5590 Datasheet
1Mb / 33P
   Buffered, Fast-Settling, Octal, 12/10/8-Bit, Voltage-Output DACs
19-2983; Rev 0; 9/03
MAX5580 MAXIM-MAX5580 Datasheet
1Mb / 34P
   Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Rev 1; 5/04
MAX5580 MAXIM-MAX5580_07 Datasheet
1,001Kb / 36P
   Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Rev 3; 7/07
MAX5590 MAXIM-MAX5590_04 Datasheet
886Kb / 33P
   Buffered, Fast-Settling, Octal, 12/10/8-Bit, Voltage-Output DACs
Rev 1; 11/04
logo
IC MICROSYSTEMS
ICM7362 ICMIC-ICM7362 Datasheet
136Kb / 9P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7361 ICMIC-ICM7361 Datasheet
167Kb / 9P
   SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7363 ICMIC-ICM7363 Datasheet
132Kb / 10P
   QUAD 12/10/8-BIT VOLTAGE-OUTPUT DACS
logo
Analog Devices
LTC2633 AD-LTC2633 Datasheet
971Kb / 24P
   Dual 12-/10-/8-Bit I2C DACs
AD5301 AD-AD5301_16 Datasheet
433Kb / 24P
   2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com