Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4987BE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4987BE
Description  Overvoltage-Protection Controller with USB ESD Protection
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4987BE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4987BE Datasheet HTML 2Page - Maxim Integrated Products MAX4987BE Datasheet HTML 3Page - Maxim Integrated Products MAX4987BE Datasheet HTML 4Page - Maxim Integrated Products MAX4987BE Datasheet HTML 5Page - Maxim Integrated Products MAX4987BE Datasheet HTML 6Page - Maxim Integrated Products MAX4987BE Datasheet HTML 7Page - Maxim Integrated Products MAX4987BE Datasheet HTML 8Page - Maxim Integrated Products MAX4987BE Datasheet HTML 9Page - Maxim Integrated Products MAX4987BE Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
are specified for ±15kV Air-Gap Discharge and ±6kV
Contact Discharge IEC 61000-4-2 on the CD+ and CD-
pins.
The major difference between tests done using the
Human Body Model and IEC 61000-4-2 is a higher peak
current in IEC 61000-4-2, due to lower series resistance.
Hence, the ESD withstand voltage measured to IEC
61000-4-2 generally is lower than that measured using
the Human Body Model. Figure 5 shows the IEC 61000-
4-2 model. The Contact Discharge method connects the
probe to the device before the probe is charged. The
Air-Gap Discharge test involves approaching the device
with a charged probe.
Overvoltage-Protection Controller
with USB ESD Protection
8
_______________________________________________________________________________________
CHARGE-CURRENT-
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
Cs
150pF
RC
50M
Ω TO 100MΩ
RD
330
Ω
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
Figure 5. IEC 61000-4-2 ESD Test Model
OVERCURRENT
FAULT
IN
CD+
CD-
OUT
VCC
CHARGE
PUMP
CONTROL
LOGIC
MAX4987AE/
MAX4987BE
ACOK
VIO
PHONE
LOAD
VBG
REFERENCE
+
-
+
-
OV
UV
EN
USB
CONNECTOR
VBUS
D+
D-
USB
TRANSCEIVER
VCC
D+
D-
GND
VCC
BATTERY
CHARGER
Typical Operating Circuit
Chip Information
PROCESS: BiCMOS


Similar Part No. - MAX4987BE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX498 MAXIM-MAX498 Datasheet
155Kb / 16P
   Quad/Triple, SPDT, RGB Switches with 250MHz Video Buffer Amplifiers
Rev 0; 10/96
MAX4980ETA MAXIM-MAX4980ETA Datasheet
165Kb / 10P
   Overvoltage Protector with Active Current Limit
Rev 0; 5/08
MAX4981ETA MAXIM-MAX4981ETA Datasheet
165Kb / 10P
   Overvoltage Protector with Active Current Limit
Rev 0; 5/08
MAX4983E MAXIM-MAX4983E Datasheet
203Kb / 12P
   Hi-Speed USB 2.0 Switches with 짹15kV ESD
2008
MAX4983EEVB++ MAXIM-MAX4983EEVB+ Datasheet
203Kb / 12P
   Hi-Speed USB 2.0 Switches with 짹15kV ESD
2008
More results

Similar Description - MAX4987BE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4360-1 LINER-LTC4360-1 Datasheet
319Kb / 12P
   Overvoltage Protection Controller
logo
Texas Instruments
TPS2400 TI-TPS2400 Datasheet
253Kb / 15P
[Old version datasheet]   OVERVOLTAGE PROTECTION CONTROLLER
logo
Linear Technology
LTC1696 LINER-LTC1696 Datasheet
221Kb / 12P
   Overvoltage Protection Controller
LTC4360 LINER-LTC4360 Datasheet
847Kb / 8P
   Overvoltage Protection Controller
LTC1696 LINER-LTC1696_15 Datasheet
179Kb / 14P
   Overvoltage Protection Controller
LTC4360-1 LINER-LTC4360-1_15 Datasheet
1Mb / 14P
   Overvoltage Protection Controller
LTC4360-2 LINER-LTC4360-2_15 Datasheet
1Mb / 14P
   Overvoltage Protection Controller
logo
Texas Instruments
TPS2400 TI1-TPS2400_15 Datasheet
966Kb / 24P
[Old version datasheet]   Overvoltage Protection Controller
logo
ON Semiconductor
NCP361 ONSEMI-NCP361 Datasheet
721Kb / 12P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Overcurrent Protection
June, 2010 ??Rev. 3
NCP361 ONSEMI-NCP361_V01 Datasheet
463Kb / 13P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Overcurrent Protection
February, 2019 - Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com