Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4814E Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4814E
Description  DVI/HDMI 2:4 Low-Frequency Fan Out Switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4814E Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4814E Datasheet HTML 2Page - Maxim Integrated Products MAX4814E Datasheet HTML 3Page - Maxim Integrated Products MAX4814E Datasheet HTML 4Page - Maxim Integrated Products MAX4814E Datasheet HTML 5Page - Maxim Integrated Products MAX4814E Datasheet HTML 6Page - Maxim Integrated Products MAX4814E Datasheet HTML 7Page - Maxim Integrated Products MAX4814E Datasheet HTML 8Page - Maxim Integrated Products MAX4814E Datasheet HTML 9Page - Maxim Integrated Products MAX4814E Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
DVI/HDMI 2:4 Low-Frequency Fan Out Switch
6
_______________________________________________________________________________________
0
4
2
10
8
6
16
14
12
18
02
1
3456
ON-RESISTANCE vs. VA OR VB
VA OR VB (V)
- - - - +5V/DRAIN
VDD = 5.5V
VDD = 4.5V
VDD = 5.0V
VDD = 4.5V
VDD = 5.0V
VDD = 5.5V
0
4
2
10
8
6
16
14
12
18
02
1
345
ON-RESISTANCE vs. VA OR VB
VA OR VB (V)
- - - - +5V/DRAIN
TA = -40
°C
TA = +85
°C
TA = +25
°C
TA = -40
°C
TA = +85
°C
TA = +25
°C
LEAKAGE CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
-40
85
10
35
60
-15
100,000
0.1
1
10
100
1000
10,000
+5V/DRAIN OFF-LEAKAGE
STD. SWITCH OFF-LEAKAGE
+5V/DRAIN ON-LEAKAGE
STD. SWITCH ON-LEAKAGE
0
0.15
0.1
0.05
0.2
0.25
0.3
0.35
0.4
0.45
0.5
-40
10
-15
35
60
85
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
SWITCH I/O_ = 0V
VDD = 5.5V
VDD = 4.5V
VDD = 5.0V
0.1
1
100
1000
20
0
-20
-40
-60
-80
-100
FREQUENCY (MHz)
10
OFF-ISOLATION
CROSS-TALK
ON-LOSS
FREQUENCY RESPONSE
Typical Operating Characteristics
(VDD = +5V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX4814E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX481 MAXIM-MAX481 Datasheet
439Kb / 19P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 8; 10/03
MAX481 MAXIM-MAX481 Datasheet
1Mb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
MAX481 MAXIM-MAX481 Datasheet
414Kb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 10; 9/14
logo
ARTSCHIP ELECTRONICS CO...
MAX481 ARTSCHIP-MAX481 Datasheet
6Mb / 16P
   Low-Power, Slew-Rate-Limited Transceivers
logo
Maxim Integrated Produc...
MAX481 MAXIM-MAX481 Datasheet
414Kb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
19-0122; Rev 10; 9/14
More results

Similar Description - MAX4814E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMDS442 TI-TMDS442 Datasheet
1Mb / 45P
[Old version datasheet]   4-TO-2 DVI/HDMI SWITCH
TMDS442 TI1-TMDS442_14 Datasheet
2Mb / 46P
[Old version datasheet]   4-TO-2 DVI/HDMI SWITCH
logo
Maxim Integrated Produc...
MAX4929E MAXIM-MAX4929E Datasheet
216Kb / 13P
   HDMI 2:1 Low-Frequency Translating Switch
Rev 0; 10/07
logo
Analog Devices
AD8190 AD-AD8190 Datasheet
793Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
logo
Maxim Integrated Produc...
MAX3845 MAXIM-MAX3845 Datasheet
557Kb / 19P
   DVI/HDMI 2:4 TMDS Fanout Switch and Cable Driver
Rev 0; 4/07
logo
Analog Devices
AD8196 AD-AD8196 Datasheet
533Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
PrA
AD8190 AD-AD8190_15 Datasheet
794Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
AD8196 AD-AD8196_15 Datasheet
709Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191AASTZ-RL AD-AD8191AASTZ-RL Datasheet
837Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197 AD-AD8197_15 Datasheet
842Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com