Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC4066 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LVC4066
Description  Quad bilateral switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC4066 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LVC4066 Datasheet HTML 3Page - NXP Semiconductors 74LVC4066 Datasheet HTML 4Page - NXP Semiconductors 74LVC4066 Datasheet HTML 5Page - NXP Semiconductors 74LVC4066 Datasheet HTML 6Page - NXP Semiconductors 74LVC4066 Datasheet HTML 7Page - NXP Semiconductors 74LVC4066 Datasheet HTML 8Page - NXP Semiconductors 74LVC4066 Datasheet HTML 9Page - NXP Semiconductors 74LVC4066 Datasheet HTML 10Page - NXP Semiconductors 74LVC4066 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
74LVC4066_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 27 August 2007
7 of 22
NXP Semiconductors
74LVC4066
Quad bilateral switch
[1]
Typical values are measured at Tamb =25 °C and nominal VCC.
[2]
Flatness is defined as the difference between the maximum and minimum value of ON resistance measured at identical VCC and
temperature.
RON(rail)
ON resistance (rail)
VI = GND; see Figure 8
ISW = 4 mA;
VCC = 1.65 V to 1.95 V
-
8.2
18
-
27
ISW = 8 mA; VCC = 2.3 V to 2.7 V
-
7.1
16
-
24
ISW = 12 mA; VCC = 2.7 V
-
6.9
14
-
21
ISW = 24 mA; VCC = 3 V to 3.6 V
-
6.5
12
-
18
ISW = 32 mA; VCC = 4.5 V to 5.5 V
-
5.8
10
-
15
VI =VCC; see Figure 8
ISW = 4 mA;
VCC = 1.65 V to 1.95 V
-
10.4
30
-
45
ISW = 8 mA; VCC = 2.3 V to 2.7 V
-
7.6
20
-
30
ISW = 12 mA; VCC = 2.7 V
-
7.0
18
-
27
ISW = 24 mA; VCC = 3 V to 3.6 V
-
6.1
15
-
23
ISW = 32 mA; VCC = 4.5 V to 5.5 V
-
4.9
10
-
15
RON(flat)
ON resistance
(flatness)
VI = GND to VCC
[2]
ISW = 4 mA;
VCC = 1.65 V to 1.95 V
-
26.0
-
-
-
ISW = 8 mA; VCC = 2.3 V to 2.7 V
-
5.0
-
-
-
ISW = 12 mA; VCC = 2.7 V
-
3.5
-
-
-
ISW = 24 mA; VCC = 3 V to 3.6 V
-
2.0
-
-
-
ISW = 32 mA; VCC = 4.5 V to 5.5 V
-
1.5
-
-
-
Table 7.
ON resistance …continued
At recommended operating conditions; voltages are referenced to GND (ground 0 V); for graphs see Figure 9 to Figure 14.
Symbol
Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max


Similar Part No. - 74LVC4066

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC4066 PHILIPS-74LVC4066 Datasheet
133Kb / 23P
   Quad bilateral switches
2003 Aug 12
logo
Nexperia B.V. All right...
74LVC4066 NEXPERIA-74LVC4066 Datasheet
303Kb / 20P
   Quad bilateral switch
Rev. 6 - 26 March 2020
74LVC4066-Q100 NEXPERIA-74LVC4066-Q100 Datasheet
777Kb / 23P
   Quad bilateral switch
logo
NXP Semiconductors
74LVC4066BQ PHILIPS-74LVC4066BQ Datasheet
133Kb / 23P
   Quad bilateral switches
2003 Aug 12
logo
Nexperia B.V. All right...
74LVC4066BQ NEXPERIA-74LVC4066BQ Datasheet
303Kb / 20P
   Quad bilateral switch
Rev. 6 - 26 March 2020
More results

Similar Description - 74LVC4066

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
   QUAD BILATERAL SWITCH
logo
System Logic Semiconduc...
SL4066B SLS-SL4066B Datasheet
43Kb / 6P
   Quad Bilateral Switch
logo
Sanyo Semicon Device
LC4966 SANYO-LC4966 Datasheet
90Kb / 6P
   Quad Bilateral Switch
logo
STMicroelectronics
M54HC4016 STMICROELECTRONICS-M54HC4016 Datasheet
257Kb / 11P
   QUAD BILATERAL SWITCH
74LVQ4066 STMICROELECTRONICS-74LVQ4066_04 Datasheet
244Kb / 12P
   QUAD BILATERAL SWITCH
logo
Unisonic Technologies
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
U74HCT4066 UTC-U74HCT4066 Datasheet
201Kb / 6P
   QUAD BILATERAL SWITCH
logo
Micro Electronics
MMC4016 MICRO-ELECTRONICS-MMC4016 Datasheet
122Kb / 4P
   QUAD BILATERAL SWITCH
logo
IK Semicon Co., Ltd
IW4016B IKSEMICON-IW4016B Datasheet
388Kb / 10P
   Quad Bilateral Switch
logo
Toshiba Semiconductor
TC4066BP TOSHIBA-TC4066BP Datasheet
315Kb / 7P
   QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com