Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC2G241 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74LVC2G241
Description  Dual buffer/line driver; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G241 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74LVC2G241 Datasheet HTML 4Page - NXP Semiconductors 74LVC2G241 Datasheet HTML 5Page - NXP Semiconductors 74LVC2G241 Datasheet HTML 6Page - NXP Semiconductors 74LVC2G241 Datasheet HTML 7Page - NXP Semiconductors 74LVC2G241 Datasheet HTML 8Page - NXP Semiconductors 74LVC2G241 Datasheet HTML 9Page - NXP Semiconductors 74LVC2G241 Datasheet HTML 10Page - NXP Semiconductors 74LVC2G241 Datasheet HTML 11Page - NXP Semiconductors 74LVC2G241 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
74LVC2G241_7
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 07 — 5 October 2007
8 of 17
NXP Semiconductors
74LVC2G241
Dual buffer/line driver; 3-state
[1]
Typical values are measured at nominal VCC and at Tamb =25 °C.
[2]
tpd is the same as tPLH and tPHL.
[3]
ten is the same as tPZH and tPZL..
[4]
tdis is the same as tPLZ and tPHZ.
[5]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD = CPD × VCC2 × fi × N + Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(C
L × VCC
2
× f
o) = sum of outputs.
12. Waveforms
CPD
power dissipation
capacitance
per buffer; VI = GND to VCC
[5]
output enabled
-
20
-
-
-
pF
output disabled
-
5
-
-
-
pF
Table 8.
Dynamic characteristics …continued
Voltages are referenced to GND (ground 0 V); for test circuit see Figure 9.
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max
Measurement points are given in Table 9.
Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
Fig 6.
The data input (nA) to output (nY) propagation delays
mna230
tPHL
tPLH
VM
VM
nA input
nY output
GND
VI
VOH
VOL
Table 9.
Measurement points
Supply voltage
Input
Output
VCC
VM
VM
VX
VY
1.65 V to 1.95 V
0.5VCC
0.5VCC
VOL + 0.15 V
VOH − 0.15 V
2.3 V to 2.7 V
0.5VCC
0.5VCC
VOL + 0.15 V
VOH − 0.15 V
2.7 V
1.5 V
1.5 V
VOL + 0.3 V
VOH − 0.3 V
3.0 V to 3.6 V
1.5 V
1.5 V
VOL + 0.3 V
VOH − 0.3 V
4.5 V to 5.5 V
0.5VCC
0.5VCC
VOL + 0.3 V
VOH − 0.3 V


Similar Part No. - 74LVC2G241

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G241 PHILIPS-74LVC2G241 Datasheet
103Kb / 18P
   Dual buffer/line driver with 5 V tolerant inputs/outputs; 3-state
2005 Feb 02
74LVC2G241 NXP-74LVC2G241 Datasheet
111Kb / 18P
   Dual buffer/line driver; 3-state
Rev. 09-10 June 2008
logo
Nexperia B.V. All right...
74LVC2G241 NEXPERIA-74LVC2G241 Datasheet
274Kb / 18P
   Dual buffer/line driver; 3-state
Rev. 16 - 31 July 2019
74LVC2G241-Q100 NEXPERIA-74LVC2G241-Q100 Datasheet
228Kb / 13P
   Dual buffer/line driver; 3-state
logo
NXP Semiconductors
74LVC2G241DC PHILIPS-74LVC2G241DC Datasheet
103Kb / 18P
   Dual buffer/line driver with 5 V tolerant inputs/outputs; 3-state
2005 Feb 02
More results

Similar Description - 74LVC2G241

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC2G126 PHILIPS-74AHC2G126 Datasheet
103Kb / 20P
   Dual buffer/line driver; 3-state
Rev. 02-21 September 2004
74AHC_AHCT2G241 PHILIPS-74AHC_AHCT2G241_15 Datasheet
195Kb / 17P
   Dual buffer/line driver; 3-state
Rev. 3-13 May 2013
74AHC2G241 NXP-74AHC2G241 Datasheet
105Kb / 16P
   Dual buffer/line driver; 3-state
Rev. 02-13 January 2009
74AHC2G126 NXP-74AHC2G126 Datasheet
100Kb / 15P
   Dual buffer/line driver; 3-state
Rev. 04-27 April 2009
logo
Nexperia B.V. All right...
74HCT2G125-Q100 NEXPERIA-74HCT2G125-Q100 Datasheet
225Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 2 - 1 November 2018
74HCT2G125 NEXPERIA-74HCT2G125 Datasheet
226Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 6 - 1 November 2018
logo
Unisonic Technologies
U74AHC2G125 UTC-U74AHC2G125 Datasheet
219Kb / 6P
   DUAL BUFFER/LINE DRIVER; 3-STATE
logo
Nexperia B.V. All right...
74AHCT2G126 NEXPERIA-74AHCT2G126 Datasheet
230Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 8 - 19 November 2018
logo
NXP Semiconductors
74HC2G125 PHILIPS-74HC2G125 Datasheet
90Kb / 20P
   Dual buffer/line driver; 3-state
2003 Mar 03
XC7WH126 PHILIPS-XC7WH126_15 Datasheet
180Kb / 14P
   Dual buffer/line driver; 3-state
Rev. 2-8 May 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com