Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC2G126DP Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVC2G126DP
Description  Dual bus buffer/line driver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G126DP Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVC2G126DP Datasheet HTML 1Page - NXP Semiconductors 74LVC2G126DP Datasheet HTML 2Page - NXP Semiconductors 74LVC2G126DP Datasheet HTML 3Page - NXP Semiconductors 74LVC2G126DP Datasheet HTML 4Page - NXP Semiconductors 74LVC2G126DP Datasheet HTML 5Page - NXP Semiconductors 74LVC2G126DP Datasheet HTML 6Page - NXP Semiconductors 74LVC2G126DP Datasheet HTML 7Page - NXP Semiconductors 74LVC2G126DP Datasheet HTML 8Page - NXP Semiconductors 74LVC2G126DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
74LVC2G126_6
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 06 — 7 September 2007
2 of 16
NXP Semiconductors
74LVC2G126
Dual bus buffer/line driver; 3-state
3.
Ordering information
4.
Marking
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LVC2G126DP
−40 °C to +125 °C
TSSOP8
plastic thin shrink small outline package; 8 leads;
body width 3 mm; lead length 0.5 mm
SOT505-2
74LVC2G126DC
−40 °C to +125 °C
VSSOP8
plastic very thin shrink small outline package; 8 leads;
body width 2.3 mm
SOT765-1
74LVC2G126GT
−40 °C to +125 °C
XSON8
plastic extremely thin small outline package; no leads;
8 terminals; body 1
× 1.95 × 0.5 mm
SOT833-1
74LVC2G126GM
−40 °C to +125 °C
XQFN8
plastic extremely thin quad flat package; no leads;
8 terminals; body 1.6
× 1.6 × 0.5 mm
SOT902-1
Table 2.
Marking
Type number
Marking code
74LVC2G126DP
V26
74LVC2G126DC
V26
74LVC2G126GT
V26
74LVC2G126GM
V26
Fig 1.
Logic symbol
Fig 2.
Logic diagram (one gate)
mna946
2A
1A
2OE
1OE
2
1
7
5
1Y
2Y
6
3
mna234
nOE
nA
nY


Similar Part No. - 74LVC2G126DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G126DP PHILIPS-74LVC2G126DP Datasheet
95Kb / 16P
   Dual bus buffer/line driver; 3-state
2004 Sep 22
74LVC2G126DP NXP-74LVC2G126DP Datasheet
448Kb / 17P
   Dual bus buffer/line driver; 3-state
Rev. 08-5 May 2008
logo
Nexperia B.V. All right...
74LVC2G126DP NEXPERIA-74LVC2G126DP Datasheet
270Kb / 17P
   Dual bus buffer/line driver; 3-state
Rev. 15 - 28 April 2020
74LVC2G126DP-Q100 NEXPERIA-74LVC2G126DP-Q100 Datasheet
212Kb / 12P
   Bus buffer/line driver; 3-state
More results

Similar Description - 74LVC2G126DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G125 NXP-74LVC2G125 Datasheet
92Kb / 16P
   Dual bus buffer/line driver; 3-state
Rev. 08-7 September 2007
74LVC2G125 PHILIPS-74LVC2G125 Datasheet
95Kb / 16P
   Dual bus buffer/line driver 3-state
2004 Sep 22
74LVC2G126 PHILIPS-74LVC2G126 Datasheet
95Kb / 16P
   Dual bus buffer/line driver; 3-state
2004 Sep 22
74LVC2G126 NXP-74LVC2G126_08 Datasheet
448Kb / 17P
   Dual bus buffer/line driver; 3-state
Rev. 08-5 May 2008
74LVC2G125 NXP-74LVC2G125_10 Datasheet
553Kb / 22P
   Dual bus buffer/line driver; 3-state
Rev. 11-9 September 2010
74LVC2G125 PHILIPS-74LVC2G125_11 Datasheet
155Kb / 22P
   Dual bus buffer/line driver; 3-state
Rev. 12-1 December 2011
logo
Nexperia B.V. All right...
74LVC2G125 NEXPERIA-74LVC2G125 Datasheet
272Kb / 17P
   Dual bus buffer/line driver; 3-state
Rev. 17 - 26 July 2021
74LVC2G126 NEXPERIA-74LVC2G126 Datasheet
270Kb / 17P
   Dual bus buffer/line driver; 3-state
Rev. 15 - 28 April 2020
logo
NXP Semiconductors
74LVC2G125 NXP-74LVC2G125_08 Datasheet
107Kb / 17P
   Dual bus buffer/line driver; 3-state
Rev. 10-11 June 2008
logo
Nexperia B.V. All right...
74LVC2G125-Q100 NEXPERIA-74LVC2G125-Q100 Datasheet
215Kb / 2P
   Dual bus buffer/line driver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com