Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3580ETJ+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX3580ETJ+
Description  Direct-Conversion TV Tuner
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3580ETJ+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX3580ETJ+ Datasheet HTML 5Page - Maxim Integrated Products MAX3580ETJ+ Datasheet HTML 6Page - Maxim Integrated Products MAX3580ETJ+ Datasheet HTML 7Page - Maxim Integrated Products MAX3580ETJ+ Datasheet HTML 8Page - Maxim Integrated Products MAX3580ETJ+ Datasheet HTML 9Page - Maxim Integrated Products MAX3580ETJ+ Datasheet HTML 10Page - Maxim Integrated Products MAX3580ETJ+ Datasheet HTML 11Page - Maxim Integrated Products MAX3580ETJ+ Datasheet HTML 12Page - Maxim Integrated Products MAX3580ETJ+ Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Direct-Conversion TV Tuner
_______________________________________________________________________________________
9
-45
-55
-65
-75
020
10
30
40
50
STOPBAND NOISE vs. FREQUENCY
FREQUENCY (MHz)
BB_BW <3:0> = "1011"
8MHz CHANNEL MODE
BB_BW <3:0> = "1001"
7MHz CHANNEL MODE
0
10
5
20
15
25
30
VHF MODE NOISE FIGURE
vs. BB_AGC VOLTAGE
BB_AGC VOLTAGE (V)
0
1.0
1.5
0.5
2.0
2.5
3.0
TA = +25
°C
TA = +55
°C
TA = -40
°C
TA = +85
°C
220MHz
RF_AGC = 2.85V
0
10
5
20
15
25
30
UHF MODE NOISE FIGURE
vs. BB_AGC VOLTAGE
BB_AGC VOLTAGE (V)
0
1.0
1.5
0.5
2.0
2.5
3.0
620MHz
RF_AGC = 2.85V
TA = +25
°C
TA = -40
°C
TA = +55
°C
TA = +85
°C
0
10
5
15
30
35
25
20
40
100
300 400 500 600
200
700 800 900 1000
RF PORT-TO-PORT ISOLATION
FREQUENCY (MHz)
RFIN2 TO RFIN
RFIN TO RFIN2
4
3
2
1
0
-60
-30
-50
-40
-20
-10
0
POWER-DETECTOR OUTPUT VOLTAGE
vs. RF INPUT POWER
RF INPUT POWER (dBm)
10k
Ω PULLUP TO 3.0V
"111"
"000"
0
-5
-10
-15
450
675
525
600
750
825
900
RF INPUT RETURN LOSS
vs. UHF FREQUENCY
UHF FREQUENCY (MHz)
Zo = 75
Ω
Typical Operating Characteristics (continued)
(Typical values are at VCC = +3.3V, TA = +25°C, unless otherwise noted.)
0
-5
-10
-15
-20
150
200
175
225
250
RF INPUT RETURN LOSS
vs. VHF FREQUENCY
VHF FREQUENCY (MHz)
Zo = 75
Ω
200
195
190
185
3.0
3.3
3.1
3.2
3.4
3.5
3.6
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
VCC (V)
TA = +55
°C
TA = +85
°C
TA = -40
°C
TA = 0
°C
TA = +25
°C


Similar Part No. - MAX3580ETJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3580ETJ++ MAXIM-MAX3580ETJ+ Datasheet
418Kb / 21P
   Direct-Conversion TV Tuner
Rev 0; 7/06
MAX3580ETJ++ MAXIM-MAX3580ETJ+ Datasheet
259Kb / 21P
   Direct-Conversion TV Tuner
Rev 6; 11/08
MAX3580ETJ++ MAXIM-MAX3580ETJ+ Datasheet
345Kb / 21P
   Direct-Conversion TV Tuner
Rev 7; 1/09
MAX3580ETJ+T MAXIM-MAX3580ETJ+T Datasheet
418Kb / 21P
   Direct-Conversion TV Tuner
Rev 0; 7/06
MAX3580ETJ+T MAXIM-MAX3580ETJ+T Datasheet
259Kb / 21P
   Direct-Conversion TV Tuner
Rev 6; 11/08
More results

Similar Description - MAX3580ETJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3580 MAXIM-MAX3580_08 Datasheet
259Kb / 21P
   Direct-Conversion TV Tuner
Rev 6; 11/08
MAX3580 MAXIM-MAX3580_09 Datasheet
345Kb / 21P
   Direct-Conversion TV Tuner
Rev 7; 1/09
MAX3580 MAXIM-MAX3580 Datasheet
418Kb / 21P
   Direct-Conversion TV Tuner
Rev 0; 7/06
logo
Broadcom Corporation.
BCM3440 BOARDCOM-BCM3440 Datasheet
107Kb / 1P
   DIRECT CONVERSION SATELLITE TUNER
logo
Maxim Integrated Produc...
MAX2108 MAXIM-MAX2108 Datasheet
155Kb / 12P
   Direct-Conversion Tuner IC
19-1449; Rev 0; 4/99
MAX2108 MAXIM-MAX2108_05 Datasheet
174Kb / 12P
   Direct-Conversion Tuner IC
Rev 1; 6/05
logo
STMicroelectronics
STB6100 STMICROELECTRONICS-STB6100 Datasheet
87Kb / 2P
   8PSK/QPSK direct conversion tuner IC
logo
Maxim Integrated Produc...
MAX2121_V1 MAXIM-MAX2121_V1 Datasheet
330Kb / 19P
   Complete Direct-Conversion L-Band Tuner
Rev 1; 7/12
logo
STMicroelectronics
STB6100 STMICROELECTRONICS-STB6100_09 Datasheet
57Kb / 5P
   8PSK/QPSK direct conversion tuner IC
logo
Toshiba Semiconductor
TA1375FG TOSHIBA-TA1375FG Datasheet
233Kb / 24P
   Single Conversion Tuner for Digital TV / CATV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com