Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1589ETT130 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1589ETT130
Description  Low-Input-Voltage, 500mA LDO Regulator with RESETin SOT and TDFN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1589ETT130 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1589ETT130 Datasheet HTML 1Page - Maxim Integrated Products MAX1589ETT130 Datasheet HTML 2Page - Maxim Integrated Products MAX1589ETT130 Datasheet HTML 3Page - Maxim Integrated Products MAX1589ETT130 Datasheet HTML 4Page - Maxim Integrated Products MAX1589ETT130 Datasheet HTML 5Page - Maxim Integrated Products MAX1589ETT130 Datasheet HTML 6Page - Maxim Integrated Products MAX1589ETT130 Datasheet HTML 7Page - Maxim Integrated Products MAX1589ETT130 Datasheet HTML 8Page - Maxim Integrated Products MAX1589ETT130 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX1589 low-dropout linear regulator operates
from a +1.62V to +3.6V supply and delivers a guaran-
teed 500mA continuous load current with a low 175mV
dropout. The high-accuracy (±0.5%) output voltage is
preset to internally trimmed voltages from +0.75V to
+3.0V. An active-low, open-drain reset output remains
asserted for at least 70ms after the output voltage reach-
es regulation. This device is offered in 6-pin thin SOT23
and 6-pin 3mm x 3mm thin DFN packages.
An internal PMOS pass transistor maintains low supply
current, independent of load and dropout voltage, making
the MAX1589 ideal for portable battery-powered equip-
ment such as personal digital assistants (PDAs), digital
still cameras, cell phones, cordless phones, and note-
book computers. Other features include logic-controlled
shutdown, short-circuit protection, and thermal-
overload protection.
Applications
Notebook Computers
Cellular and PCS Telephones
Personal Digital Assistants (PDAs)
Hand-Held Computers
Digital Still Cameras
PCMCIA Cards
CD and MP3 Players
Features
♦ Low 1.62V Minimum Input Voltage
♦ Guaranteed 500mA Output Current
♦ ±0.5% Initial Accuracy
♦ Low 175mV Dropout at 500mA Load
♦ 70ms RESET Output Flag
♦ Supply Current Independent of Load and Dropout
Voltage
♦ Logic-Controlled Shutdown
♦ Thermal-Overload and Short-Circuit Protection
♦ Preset Output Voltages (0.75V, 1.0V, 1.2V, 1.3V,
1.5V, 1.8V, 2.5V, and 3.0V)
♦ Tiny 6-Pin Thin SOT23 Package (<1.1mm High)
♦ Thin 6-Pin TDFN Package (<0.8mm High)
Low-Input-Voltage, 500mA LDO Regulator
with
R
RE
ES
SE
ET
T in SOT and TDFN
________________________________________________________________ Maxim Integrated Products
1
GND
OUT
IN
TOP VIEW
MAX1589
SHDN
GND
THIN SOT23
I.C.
RESET
RESET
1
2
3
6
5
4
4
5
6
SHDN
IN
3
2
1
I.C.
OUT
TDFN
3mm x 3mm
MAX1589
Pin Configurations
ON
OFF
INPUT
1.62V TO 3.6V
IN
SHDN
GND
RESET
OUT
OUTPUT
0.75V TO 3.0V
500mA
TO
μC
LOGIC
SUPPLY
100k
Ω
MAX1589
CIN
1
μF
COUT
4.7
μF
Typical Operating Circuit
19-3048; Rev 2; 10/07
*Insert the desired three-digit suffix (see the Selector Guide) into
the blanks to complete the part number. Contact the factory for
other output voltages.
Selector Guide
TOP MARK
VOUT
(V)
SUFFIX
SOT
TDFN
0.75
075
AAAT
AFJ
1.00
100
AAAU
AFK
1.20
120
ATM
1.30
130
AAAV
AFL
1.50
150
AAAW
AFM
1.80
180
AAAX
AFN
2.50
250
AAAY
AFO
3.00
300
AAAZ
AFP
Ordering Information
PART*
TEMP RANGE
PIN-PACKAGE
MAX1589EZT_ _ _-T
-40°C to +85°C
6 Thin SOT23-6
MAX1589ETT_ _ _
-40°C to +85°C
6 TDFN
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim's website at www.maxim-ic.com.


Similar Part No. - MAX1589ETT130

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1589ETA075 MAXIM-MAX1589ETA075 Datasheet
363Kb / 12P
   Low-Input-Voltage, 500mA LDO Regulator with RESETin SOT and TDFN
19-3048; Rev 0; 10/03
MAX1589ETA100 MAXIM-MAX1589ETA100 Datasheet
363Kb / 12P
   Low-Input-Voltage, 500mA LDO Regulator with RESETin SOT and TDFN
19-3048; Rev 0; 10/03
MAX1589ETA130 MAXIM-MAX1589ETA130 Datasheet
363Kb / 12P
   Low-Input-Voltage, 500mA LDO Regulator with RESETin SOT and TDFN
19-3048; Rev 0; 10/03
MAX1589ETA150 MAXIM-MAX1589ETA150 Datasheet
363Kb / 12P
   Low-Input-Voltage, 500mA LDO Regulator with RESETin SOT and TDFN
19-3048; Rev 0; 10/03
MAX1589ETA180 MAXIM-MAX1589ETA180 Datasheet
363Kb / 12P
   Low-Input-Voltage, 500mA LDO Regulator with RESETin SOT and TDFN
19-3048; Rev 0; 10/03
More results

Similar Description - MAX1589ETT130

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1589 MAXIM-MAX1589 Datasheet
363Kb / 12P
   Low-Input-Voltage, 500mA LDO Regulator with RESETin SOT and TDFN
19-3048; Rev 0; 10/03
MAX1963 MAXIM-MAX1963 Datasheet
354Kb / 12P
   Low-Input-Voltage, 300mA LDO Regulators with RESETin SOT and TDFN
Rev 0; 10/03
MAX1589A MAXIM-MAX1589A Datasheet
376Kb / 12P
   Low-Input-Voltage, 500mA LDO Regulator with RESET in SOT and TDFN
Rev 0; 4/05
MAX1589AETT250-T MAXIM-MAX1589AETT250-T Datasheet
382Kb / 12P
   Low-Input-Voltage, 500mA LDO Regulator with RESET in SOT and TDFN
Rev 0; 4/05
MAX1963 MAXIM-MAX1963_07 Datasheet
313Kb / 12P
   Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN
Rev 2; 5/07
MAX1963A MAXIM-MAX1963A Datasheet
364Kb / 15P
   Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN
Rev 0; 5/05
MAX1963A_V1 MAXIM-MAX1963A_V1 Datasheet
225Kb / 10P
   Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN
Rev 1; 5/12
logo
Exar Corporation
SPX3819M5-L-3-3-TR EXAR-SPX3819M5-L-3-3-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
137Kb / 12P
   500mA, Low-Noise LDO Voltage Regulator
logo
Exar Corporation
SPX3819M5-L-5-0-TR EXAR-SPX3819M5-L-5-0-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com