Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF7604PBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRF7604PBF
Description  HEXFET POWER MOSFET ( VDSS = -20V , RDS(on) = 0.09廓 )
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7604PBF Datasheet(HTML) 7 Page - International Rectifier

  IRF7604PBF Datasheet HTML 1Page - International Rectifier IRF7604PBF Datasheet HTML 2Page - International Rectifier IRF7604PBF Datasheet HTML 3Page - International Rectifier IRF7604PBF Datasheet HTML 4Page - International Rectifier IRF7604PBF Datasheet HTML 5Page - International Rectifier IRF7604PBF Datasheet HTML 6Page - International Rectifier IRF7604PBF Datasheet HTML 7Page - International Rectifier IRF7604PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
IRF7604PbF
www.irf.com
7
Micro8 Part Marking Information
Micro8 Package Outline
Dimensions are shown in milimeters (inches)
INCHES
MILLIMETERS
MIN
MAX
MIN
MAX
A
0.10 (.004)
0.25 (.010)
M
A M
H
1 2 3 4
8 7 6 5
D
- B -
3
3
E
- A -
e
6X
e 1
- C -
B
8X
0.08 (.003)
M C A S B S
A 1
L
8X
C
8X
θ
NOTES:
1 DIMENSIONING AND TOLERANCING PER ANSI Y14.5M-1982.
2 CONTROLLING DIMENSION : INCH.
3 DIMENSIONS DO NOT INCLUDE MOLD FLASH.
A
.036
.044
0.91
1.11
A1
.004
.008
0.10
0.20
B
.010
.014
0.25
0.36
C
.005
.007
0.13
0.18
D
.116
.120
2.95
3.05
e
.0256 BASIC
0.65 BASIC
e1
.0128 BASIC
0.33 BASIC
E
.116
.120
2.95
3.05
H
.188
.198
4.78
5.03
L
.016
.026
0.41
0.66
θ
DIM
LEAD ASSIGNMENTS
SINGLE
DUAL
D D D D
D1 D1 D2 D2
S S S G
S1 G1 S2 G2
1 2 3 4
1 2 3 4
8 7 6 5
8 7 6 5
RECOMMENDED FOOTPRINT
1.04
( .041 )
8X
0.38
( .015 )
8X
3.20
( .126 )
4.24
( .167 )
5.28
( .208 )
0.65
( .0256 )
6X
LOT CODE (XX)
EXAMPLE: THIS IS AN IRF7501
PART NUMBER
P = DESIGNATES LEAD - FREE
PRODUCT (OPTIONAL)
W = WEEK
Y = YEAR
DATE CODE (YW) - See table below
WW = (1-26) IF PRECEDED BY LAS T DIGIT OF CALENDAR YEAR
YEAR
Y
WORK
WEEK
W
9
2009
5
2005
2003
2002
2001
2004
3
2
1
4
2007
2006
2008
7
6
8
2010
0
03
02
01
04
C
B
A
D
26
24
25
Z
X
Y
B
2002
B
28
WW = (27-52) IF PRECEDED BY A LETTER
YEAR
2001
Y
A
WEEK
WORK
27
W
A
K
2010
F
2006
2004
2003
2005
D
C
E
2008
2007
2009
H
G
J
X
50
30
29
D
C
51
52
Y
Z


Similar Part No. - IRF7604PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7604 IRF-IRF7604 Datasheet
134Kb / 8P
   Power MOSFET(Vdss=-20V, Rds(on)=0.09ohm)
More results

Similar Description - IRF7604PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7404QPBF IRF-IRF7404QPBF Datasheet
260Kb / 9P
   HEXFET Power MOSFET ( VDSS = -20V , RDS(on) = 0.040廓 )
IRLR3714PBF IRF-IRLR3714PBF Datasheet
227Kb / 11P
   HEXFET Power MOSFET ( VDSS = 20V , RDS(on)max = 20m廓 , ID = 36A )
IRF7457PBF IRF-IRF7457PBF Datasheet
177Kb / 8P
   HEXFET Power MOSFET ( VDSS = 20V , RDS(on)max = 7.0m廓 , ID = 15A )
IRF7303PBF IRF-IRF7303PBF Datasheet
230Kb / 9P
   HEXFET Power MOSFET (VDSS = 30V , RDS(on) = 0.050廓 )
IRFP3710PBF IRF-IRFP3710PBF Datasheet
233Kb / 9P
   HEXFET POWER MOSFET ( VDSS = 100V , RDS(on) = 0.025廓 , ID = 57A )
IRFZ48RSPBF IRF-IRFZ48RSPBF Datasheet
255Kb / 10P
   HEXFET POWER MOSFET ( VDSS = 60V , RDS(on) = 0.018廓 , ID = 50A )
IRFD9110PBF IRF-IRFD9110PBF Datasheet
1Mb / 8P
   HEXFET POWER MOSFET ( VDSS = -100V , RDS(on) = 1.2廓 , ID = -0.70A )
IRL640PBF IRF-IRL640PBF Datasheet
930Kb / 8P
   HEXFET Power MOSFET ( VDSS = 200V , RDS(on) = 0.18廓 , ID = 17A )
IRF630PBF IRF-IRF630PBF Datasheet
2Mb / 8P
   HEXFET Power MOSFET ( VDSS = 200V , RDS(on) = 0.40廓 , ID = 9.0A )
IRFR9210PBF IRF-IRFR9210PBF Datasheet
1Mb / 10P
   HEXFET POWER MOSFET ( VDSS = -200V , RDS(on) = 3.0廓 , ID = -1.9A )
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com