Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1087ETA+T Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1087ETA+T
Description  150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1087ETA+T Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1087ETA+T Datasheet HTML 1Page - Maxim Integrated Products MAX1087ETA+T Datasheet HTML 2Page - Maxim Integrated Products MAX1087ETA+T Datasheet HTML 3Page - Maxim Integrated Products MAX1087ETA+T Datasheet HTML 4Page - Maxim Integrated Products MAX1087ETA+T Datasheet HTML 5Page - Maxim Integrated Products MAX1087ETA+T Datasheet HTML 6Page - Maxim Integrated Products MAX1087ETA+T Datasheet HTML 7Page - Maxim Integrated Products MAX1087ETA+T Datasheet HTML 8Page - Maxim Integrated Products MAX1087ETA+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
150ksps, 10-Bit, 2-Channel Single-Ended, and
1-Channel True-Differential ADCs in SOT23
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +2.7V to +3.6V, VREF = +2.5V for MAX1087/MAX1089, or VDD = +4.75V to +5.25V, VREF = +4.096V for MAX1086/MAX1088,
0.1µF capacitor at REF, fSCLK = 8MHz (50% duty cycle), AIN- = GND for MAX1088/MAX1089. TA = TMIN to TMAX, unless otherwise
noted. Typical values at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ANALOG INPUT
Unipolar
0
VREF
Input Voltage Range (Note 4)
Bipolar
-VREF /2
VREF/2
V
Input Leakage Current
Channel not selected or conversion stopped
±0.01
±1µA
Input Capacitance
34
pF
EXTERNAL REFERENCE INPUT
Input Voltage Range
VREF
1.0
VDD
+50mV
V
VREF = +2.5V at 150ksps
16
30
VREF = +4.096V at 150ksps
26
45
Input Current
IREF
Acquisition/Between conversions
±0.01
±1
µA
DIGITAL INPUTS/OUTPUTS (SCLK, CNVST, DOUT)
Input Low Voltage
VIL
0.8
V
Input High Voltage
VIH
VDD -1
V
Input Leakage Current
IL
±0.1
µA
Input Capacitance
CIN
15
pF
ISINK = 2mA
0.4
V
Output Low Voltage
VOL
ISINK = 4mA
0.8
V
Output High Voltage
VOH
ISOURCE = 1.5mA
VDD
-0.5
V
Three-State Leakage Current
CNVST = GND
±10
µA
Three-State Output Capacitance
COUT
CNVST = GND
15
pF
POWER REQUIREMENTS
MAX1086/MAX1088
4.75
5.0
5.25
Positive Supply Voltage
VDD
MAX1087/MAX1089
2.7
3.0
3.6
V
fSAMPLE =150ksps
245
350
fSAMPLE =100ksps
150
fSAMPLE =10ksps
15
VDD = +3V
fSAMPLE =1ksps
2
fSAMPLE =150ksps
320
400
fSAMPLE =100ksps
215
fSAMPLE =10ksps
22
VDD = +5V
fSAMPLE =1ksps
2.5
Positive Supply Current
IDD
Shutdown
0.2
5
µA
VDD = 5V
±5%; full-scale input
±0.1
1.0
Positive Supply Rejection
PSR
VDD = +2.7V to +3.6V; full-scale input
±0.1
±1.2
mV


Similar Part No. - MAX1087ETA+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1087ETA+T MAXIM-MAX1087ETA+T Datasheet
267Kb / 15P
   150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23 and TDFN
2010
More results

Similar Description - MAX1087ETA+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1086 MAXIM-MAX1086 Datasheet
334Kb / 15P
   150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23
19-1686; Rev 0; 5/00
MAX1086 MAXIM-MAX1086_V01 Datasheet
267Kb / 15P
   150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23 and TDFN
2010
MAX1286 MAXIM-MAX1286 Datasheet
241Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23
19-2231; Rev 0; 10/01
MAX1289ETA MAXIM-MAX1289ETA Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
Rev 3; 8/10
MAX1286 MAXIM-MAX1286_V01 Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
2010
logo
ams AG
AS1524 AMSCO-AS1524_1 Datasheet
708Kb / 22P
   150ksps, 12-Bit, 1-Channel Pseudo/True-Differential and 2-Channel Single-Ended ADCs
logo
Maxim Integrated Produc...
MAX1392 MAXIM-MAX1392 Datasheet
877Kb / 19P
   1.5V to 3.6V, 357ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 10-Bit, SAR ADCs
Rev 0; 5/05
MAX1392 MAXIM-MAX1392_09 Datasheet
400Kb / 18P
   1.5V to 3.6V, 357ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 10-Bit, SAR ADCs
Rev 3; 10/09
logo
Linear Technology
LTC1864L LINER-LTC1864L_15 Datasheet
363Kb / 16P
   Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1860L LINER-LTC1860L_15 Datasheet
239Kb / 12P
   Power, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com