Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1067BEEE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1067BEEE
Description  Multichannel, 14-Bit, 200ksps Analog-to-Digital Converters
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1067BEEE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1067BEEE Datasheet HTML 1Page - Maxim Integrated Products MAX1067BEEE Datasheet HTML 2Page - Maxim Integrated Products MAX1067BEEE Datasheet HTML 3Page - Maxim Integrated Products MAX1067BEEE Datasheet HTML 4Page - Maxim Integrated Products MAX1067BEEE Datasheet HTML 5Page - Maxim Integrated Products MAX1067BEEE Datasheet HTML 6Page - Maxim Integrated Products MAX1067BEEE Datasheet HTML 7Page - Maxim Integrated Products MAX1067BEEE Datasheet HTML 8Page - Maxim Integrated Products MAX1067BEEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Multichannel, 14-Bit, 200ksps Analog-to-Digital
Converters
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = DVDD = +4.75V to +5.25V, fSCLK = 4.8MHz external clock (50% duty cycle), 24 clocks/conversion (200ksps), external VREF
= +4.096V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL INPUTS (SCLK,
CS, DSEL, DSPR, DIN) (DVDD = +2.7V to +5.25V)
Input High Voltage
VIH
0.7
×
DVDD
V
Input Low Voltage
VIL
0.3
×
DVDD
V
Input Leakage Current
IIN
Digital inputs = 0 to DVDD
±0.1
±1
µA
Input Hysteresis
VHYST
0.2
V
Input Capacitance
CIN
15
pF
DIGITAL OUTPUT (DOUT, DSPX,
EOC) (DVDD = +2.7V to +5.25V)
Output High Voltage
VOH
ISOURCE = 0.5mA
DVDD -
0.4
V
ISINK = 10mA, DVDD = +4.75V to +5.25V
0.8
Output Low Voltage
VOL
ISINK = 1.6mA, DVDD = +2.7V to +5.25V
0.4
V
Tri-State Output Leakage Current
IL
CS = DVDD
±0.1
±10
µA
Tri-State Output Capacitance
COUT
CS = DVDD
15
pF
POWER SUPPLIES
Analog Supply
AVDD
4.75
5.25
V
Digital Supply
DVDD
2.70
5.25
V
External reference
2.7
3.3
200ksps
Internal reference
3.6
4.2
External reference
1.4
100ksps
Internal reference
2.7
External reference
0.14
10ksps
Internal reference
1.8
External reference
0.014
Analog Supply Current (Note 9)
IAVDD
1ksps
Internal reference
1.7
mA
200ksps
0.87
1.3
100ksps
0.45
10ksps
0.045
Digital Supply Current
IDVDD
DOUT =
all zeros
1ksps
0.005
mA
Internal reference and
reference buffer on
between conversions
0.66
Power-Down Supply Current
IAVDD +
IDVDD
CS = DVDD,
SCLK = 0,
DIN = 0,
DSPR = DVDD
Internal reference on,
reference buffer off
between conversions
0.20
mA


Similar Part No. - MAX1067BEEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX106 MAXIM-MAX106 Datasheet
758Kb / 32P
   짹5V, 600Msps, 8-Bit ADC with On-Chip 2.2GHz Bandwidth Track/Hold Amplifier
19-1486; Rev 0; 7/99
MAX106 MAXIM-MAX106 Datasheet
786Kb / 20P
   Demultiplexed Differential PECL Outputs
Rev 0; 6/99
MAX1060 MAXIM-MAX1060 Datasheet
488Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1060ACEI MAXIM-MAX1060ACEI Datasheet
488Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1060AEEI MAXIM-MAX1060AEEI Datasheet
488Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
More results

Similar Description - MAX1067BEEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1167-MAX1168 MAXIM-MAX1167-MAX1168 Datasheet
462Kb / 30P
   Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Rev 0; 8/03
MAX1167BE MAXIM-MAX1167BE Datasheet
348Kb / 30P
   Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Rev 1; 10/09
MAX1167 MAXIM-MAX1167_09 Datasheet
348Kb / 30P
   Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Rev 1; 10/09
logo
Analog Devices
ADC1130 AD-ADC1130_15 Datasheet
1Mb / 4P
   14-Bit High Speed, Analog To-Digital Converters
ADC1131 AD-ADC1131_15 Datasheet
1Mb / 4P
   14-Bit High Speed, Analog To-Digital Converters
logo
Intronics Power, Inc.
ADC1130 INTRONICS-ADC1130 Datasheet
912Kb / 4P
   14-Bit High Speed Analog to Digital Converters
logo
Texas Instruments
TLC5615C TI-TLC5615C Datasheet
244Kb / 18P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
National Semiconductor ...
DAC800 NSC-DAC800 Datasheet
295Kb / 2P
   8 BIT DIGITAL TO ANALOG CONVERTERS
logo
NXP Semiconductors
TDA8712 PHILIPS-TDA8712 Datasheet
101Kb / 24P
   8-bit digital-to-analog converters
June 1994
logo
National Semiconductor ...
DAC0800 NSC-DAC0800_06 Datasheet
780Kb / 14P
   8-Bit Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com