Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1067ACEE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1067ACEE
Description  Multichannel, 14-Bit, 200ksps Analog-to-Digital Converters
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1067ACEE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1067ACEE Datasheet HTML 3Page - Maxim Integrated Products MAX1067ACEE Datasheet HTML 4Page - Maxim Integrated Products MAX1067ACEE Datasheet HTML 5Page - Maxim Integrated Products MAX1067ACEE Datasheet HTML 6Page - Maxim Integrated Products MAX1067ACEE Datasheet HTML 7Page - Maxim Integrated Products MAX1067ACEE Datasheet HTML 8Page - Maxim Integrated Products MAX1067ACEE Datasheet HTML 9Page - Maxim Integrated Products MAX1067ACEE Datasheet HTML 10Page - Maxim Integrated Products MAX1067ACEE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Multichannel, 14-Bit, 200ksps Analog-to-Digital
Converters
_______________________________________________________________________________________
7
-1.0
-0.6
-0.4
-0.8
0.2
0
0.4
-0.2
0.6
0.8
1.0
0
8192
4096
12,288
16,384
INL vs. CODE
CODE
-1.0
-0.6
-0.4
-0.8
0.2
0
0.4
-0.2
0.6
0.8
1.0
0
8192
4096
12,288
16,384
DNL vs. CODE
CODE
-160
-120
-100
-140
-40
-60
-20
-80
0
20
060
80
20
40
100
FFT AT fAIN = 1kHz
FREQUENCY (kHz)
SINAD vs. FREQUENCY
FREQUENCY (kHz)
10
1
10
20
30
40
50
60
70
80
90
0
0.1
100
fSAMPLE = 200kbps
SFDR vs. FREQUENCY
FREQUENCY (kHz)
10
1
20
40
60
80
100
120
0
0.1
100
fSAMPLE = 200ksps
THD vs. FREQUENCY
FREQUENCY (kHz)
10
1
-100
-80
-60
-40
-20
0
-120
0.1
100
fSAMPLE = 200kbps
SUPPLY CURRENT vs. CONVERSION RATE
(EXTERNAL CLOCK)
CONVERSION RATE (ksps)
180
160
140
120
100
80
60
40
20
0
0.5
1.0
1.5
2.0
2.5
3.0
-0.5
0
200
IAVDD, INT REF
IAVDD, EXT REF
DVDD = AVDD = +5V
DOUT = ALL ZEROS
EXTERNAL CLOCK
SPI MODE
IDVDD
ANALOG SUPPLY CURRENT
vs. ANALOG SUPPLY VOLTAGE
(INTERNAL REFERENCE)
AVDD (V)
5.15
5.05
4.95
4.85
2.75
2.80
2.85
2.90
2.95
2.70
4.75
5.25
DVDD = +5V
fS = 200ksps
TA = 0
°C
TA = -40
°C
TA = +85
°C
TA = +70
°C
TA = +25
°C
ANALOG SUPPLY CURRENT
vs. ANALOG SUPPLY VOLTAGE
(EXTERNAL REFERENCE)
AVDD (V)
5.15
5.05
4.95
4.85
1.80
1.85
1.90
1.95
2.00
1.75
4.75
5.25
TA = 0
°C
TA = -40
°C
TA = +85
°C
TA = +70
°C
TA = +25
°C
DVDD = +5V
fS = 200ksps
Typical Operating Characteristics
(AVDD = DVDD = +5V, fSCLK = 4.8MHz, CDOUT = 30pF, external VREF = +4.096V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX1067ACEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX106 MAXIM-MAX106 Datasheet
758Kb / 32P
   짹5V, 600Msps, 8-Bit ADC with On-Chip 2.2GHz Bandwidth Track/Hold Amplifier
19-1486; Rev 0; 7/99
MAX106 MAXIM-MAX106 Datasheet
786Kb / 20P
   Demultiplexed Differential PECL Outputs
Rev 0; 6/99
MAX1060 MAXIM-MAX1060 Datasheet
488Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1060ACEI MAXIM-MAX1060ACEI Datasheet
488Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1060AEEI MAXIM-MAX1060AEEI Datasheet
488Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
More results

Similar Description - MAX1067ACEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1167-MAX1168 MAXIM-MAX1167-MAX1168 Datasheet
462Kb / 30P
   Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Rev 0; 8/03
MAX1167BE MAXIM-MAX1167BE Datasheet
348Kb / 30P
   Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Rev 1; 10/09
MAX1167 MAXIM-MAX1167_09 Datasheet
348Kb / 30P
   Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Rev 1; 10/09
logo
Analog Devices
ADC1130 AD-ADC1130_15 Datasheet
1Mb / 4P
   14-Bit High Speed, Analog To-Digital Converters
ADC1131 AD-ADC1131_15 Datasheet
1Mb / 4P
   14-Bit High Speed, Analog To-Digital Converters
logo
Intronics Power, Inc.
ADC1130 INTRONICS-ADC1130 Datasheet
912Kb / 4P
   14-Bit High Speed Analog to Digital Converters
logo
Texas Instruments
TLC5615C TI-TLC5615C Datasheet
244Kb / 18P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
National Semiconductor ...
DAC800 NSC-DAC800 Datasheet
295Kb / 2P
   8 BIT DIGITAL TO ANALOG CONVERTERS
logo
NXP Semiconductors
TDA8712 PHILIPS-TDA8712 Datasheet
101Kb / 24P
   8-bit digital-to-analog converters
June 1994
logo
National Semiconductor ...
DAC0800 NSC-DAC0800_06 Datasheet
780Kb / 14P
   8-Bit Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com