Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS26524G Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS26524G
Description  Quad T1/E1/J1 Transceiver
Download  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26524G Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS26524G Datasheet HTML 5Page - Maxim Integrated Products DS26524G Datasheet HTML 6Page - Maxim Integrated Products DS26524G Datasheet HTML 7Page - Maxim Integrated Products DS26524G Datasheet HTML 8Page - Maxim Integrated Products DS26524G Datasheet HTML 9Page - Maxim Integrated Products DS26524G Datasheet HTML 10Page - Maxim Integrated Products DS26524G Datasheet HTML 11Page - Maxim Integrated Products DS26524G Datasheet HTML 12Page - Maxim Integrated Products DS26524G Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 273 page
background image
DS26524 Quad T1/E1/J1 Transceiver
9 of 273
1.
DETAILED DESCRIPTION
The DS26524 is a 4-port monolithic device featuring independent transceivers that can be software configured for
T1, E1, or J1 operation. Each transceiver is composed of a line interface unit, framer, HDLC controller, elastic
store, and a TDM backplane interface. The DS26524 is controlled via an 8-bit parallel port. Internal impedance
matching is provided for both transmit and receive paths, reducing external component count.
The LIU is composed of a transmit interface, receive interface, and a jitter attenuator. The transmit interface is
responsible for generating the necessary waveshapes for driving the network and providing the correct source
impedance depending on the type of media used. T1 waveform generation includes DSX-1 line build-outs as well
as CSU line build-outs of 0dB, -7.5dB, -15dB, and -22.5dB. E1 waveform generation includes G.703 waveshapes
for both 75
Ω coax and 120Ω twisted cables. The receive interface provides network termination and recovers clock
and data from the network. The receive sensitivity adjusts automatically to the incoming signal level and can be
programmed for 0dB to -43dB or 0dB to -12dB for E1 applications and 0dB to -15dB or 0dB to -36dB for T1
applications. The jitter attenuator removes phase jitter from the transmitted or received signal. The crystal-less jitter
attenuator requires only a T1 or E1 clock rate, or multiple thereof, for both E1 and T1 applications, and can be
placed in either transmit or receive data paths.
On the transmit side, clock, data, and frame-sync signals are provided to the framer by the backplane interface
section. The framer inserts the appropriate synchronization framing patterns, alarm information, calculates and
inserts the CRC codes, and provides the B8ZS/HDB3 (zero code suppression) and AMI line coding. The receive-
side framer decodes AMI, B8ZS, and HDB3 line coding, synchronizes to the data stream, reports alarm
information, counts framing/coding/CRC errors, and provides clock, data, and frame-sync signals to the backplane
interface section.
Both transmit and receive paths have access to an HDLC controller. The HDLC controller transmits and receives
data via the framer block. The HDLC controller can be assigned to any time slot, a portion of a time slot, or to FDL
(T1) or Sa bits (E1). Each controller has 64-byte FIFOs, reducing the amount of processor overhead required to
manage the flow of data.
The backplane interface provides a versatile method of sending and receiving data from the host system. Elastic
stores provide a method for interfacing to asynchronous systems, converting from a T1/E1 network to a 2.048MHz,
4.096MHz, 8.192MHz, 16.384MHz, or N x 64kHz system backplane. The elastic stores also manage slip conditions
(asynchronous interface). The interleave bus option (IBO) is provided to allow up to eight transceivers to share a
high-speed backplane. The DS26524 also contains an internal clock adapter useful for the creation of a
synchronous, high-frequency backplane timing source.
The parallel port provides access for configuration and status of all the DS26524’s features. Diagnostic capabilities
include loopbacks, PRBS pattern generation/detection, and 16-bit loop-up and loop-down code generation and
detection.
1.1
Major Operating Modes
The DS26524 has two major modes of operation: T1 mode and E1 mode. The mode of operation for the LIU is
configured in the LIU Transmit Receive Control register (LTRCR). The mode of operation for the framer is
configured in the Transmit Master Mode register (TMMR). J1 operation is a special case of T1 operating mode.


Similar Part No. - DS26524G

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS26524GN MAXIM-DS26524GN Datasheet
1Mb / 273P
   Quad T1/E1/J1 Transceiver
REV: 102106
DS26524GN++ MAXIM-DS26524GN+ Datasheet
1Mb / 273P
   Quad T1/E1/J1 Transceiver
REV: 102106
More results

Similar Description - DS26524G

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS21Q55 MAXIM-DS21Q55 Datasheet
1Mb / 237P
   Quad T1/E1/J1 Transceiver
REV: 042204
logo
Intel Corporation
LXT386 INTEL-LXT386 Datasheet
530Kb / 78P
   QUAD T1/E1/J1 Transceiver
logo
Maxim Integrated Produc...
DS26524 MAXIM-DS26524 Datasheet
1Mb / 273P
   Quad T1/E1/J1 Transceiver
REV: 102106
logo
List of Unclassifed Man...
DS21Q55 ETC-DS21Q55 Datasheet
1Mb / 237P
   Quad T1/E1/J1 Transceiver
logo
Maxim Integrated Produc...
DS26528 MAXIM-DS26528 Datasheet
1Mb / 269P
   Octal T1/E1/J1 Transceiver
REV: 012405
DS26521 MAXIM-DS26521 Datasheet
1Mb / 258P
   Single T1/E1/J1 Transceiver
REV: 111606
logo
Dallas Semiconductor
DS26528 DALLAS-DS26528_07 Datasheet
1Mb / 276P
   Octal T1/E1/J1 Transceiver
logo
Maxim Integrated Produc...
DS26522 MAXIM-DS26522 Datasheet
1Mb / 258P
   Dual T1/E1/J1 Transceiver
REV: 102106
logo
Dallas Semiconductor
DS21458 DALLAS-DS21458 Datasheet
1Mb / 270P
   Quad T1/E1/J1 Transceivers
logo
Maxim Integrated Produc...
DS21458DK MAXIM-DS21458DK Datasheet
1Mb / 32P
   Quad T1/E1/J1 Transceiver Design Kit Daughter Card
REV: 012506
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com