Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS26504 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS26504
Description  T1/E1/J1/64KCC BITS Element
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26504 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS26504_06 Datasheet HTML 5Page - Maxim Integrated Products DS26504_06 Datasheet HTML 6Page - Maxim Integrated Products DS26504_06 Datasheet HTML 7Page - Maxim Integrated Products DS26504_06 Datasheet HTML 8Page - Maxim Integrated Products DS26504_06 Datasheet HTML 9Page - Maxim Integrated Products DS26504_06 Datasheet HTML 10Page - Maxim Integrated Products DS26504_06 Datasheet HTML 11Page - Maxim Integrated Products DS26504_06 Datasheet HTML 12Page - Maxim Integrated Products DS26504_06 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 128 page
background image
DS26504 T1/E1/J1/64KCC BITS Element
9 of 128
2. SPECIFICATIONS COMPLIANCE
The DS26504 meets all applicable sections of the latest telecommunications specifications including
those listed in the following tables.
Table 2-1. T1-Related Telecommunications Specifications
ANSI T1.102: Digital Hierarchy Electrical Interface
ANSI T1.231: Digital Hierarchy–Layer 1 In-Service Performance Monitoring
ANSI T1.403: Network and Customer Installation Interface–DS1 Electrical Interface
TR62411
(ANSI) “Digital Hierarchy–Electrical Interfaces”
(ANSI) “Digital Hierarchy–Formats Specification”
(ANSI) “Digital Hierarchy–Layer 1 In-Service Digital Transmission Performance Monitoring”
(ANSI) “Network and Customer Installation Interfaces – DS1 Electrical Interface”
(AT&T) “Requirements for Interfacing Digital Terminal Equipment to Services Employing the Extended
Super frame Format”
(AT&T) “High Capacity Digital Service Channel Interface Specification”
(TTC) “Frame Structures on Primary and Secondary Hierarchical Digital Interfaces”
(TTC) “ISDN Primary Rate User-Network Interface Layer 1 Specification”


Similar Part No. - DS26504_06

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS26504DK MAXIM-DS26504DK Datasheet
1Mb / 30P
   T1/E1/J1/64K/8KCC BITS Element Design Kit
REV: 031507
DS26504L MAXIM-DS26504L Datasheet
1Mb / 128P
   T1/E1/J1/64KCC BITS Element
REV: 070105
DS26504L MAXIM-DS26504L Datasheet
3Mb / 129P
   T1/E1/J1/64KCC BITS Element
REV: 072308
DS26504LN MAXIM-DS26504LN Datasheet
1Mb / 128P
   T1/E1/J1/64KCC BITS Element
REV: 070105
DS26504LN MAXIM-DS26504LN Datasheet
3Mb / 129P
   T1/E1/J1/64KCC BITS Element
REV: 072308
More results

Similar Description - DS26504_06

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS26504 MAXIM-DS26504 Datasheet
1Mb / 128P
   T1/E1/J1/64KCC BITS Element
REV: 070105
DS26502 MAXIM-DS26502 Datasheet
1Mb / 124P
   T1/E1/J1/64KCC BITS Element
REV: 032405
logo
Dallas Semiconductor
DS26502 DALLAS-DS26502_06 Datasheet
1Mb / 125P
   T1/E1/J1/64KCC BITS Element
logo
Maxim Integrated Produc...
DS26504 MAXIM-DS26504_V01 Datasheet
3Mb / 129P
   T1/E1/J1/64KCC BITS Element
REV: 072308
DS26502DK MAXIM-DS26502DK Datasheet
1Mb / 30P
   T1/E1/J1/64KCC Bits Element Design Kit
REV: 031507
logo
Dallas Semiconductor
DS26503 DALLAS-DS26503 Datasheet
995Kb / 123P
   T1/E1/J1 BITS Element
logo
Maxim Integrated Produc...
DS26503 MAXIM-DS26503_07 Datasheet
3Mb / 122P
   T1/E1/J1 BITS Element
REV: 100507
logo
Exar Corporation
XRT86VL30 EXAR-XRT86VL30_08 Datasheet
363Kb / 62P
   T1/E1/J1 BITS ELEMENT - HARDWARE MANUAL
logo
Maxim Integrated Produc...
DS26503DK MAXIM-DS26503DK Datasheet
1Mb / 30P
   T1/E1/J1 BITS Element Design Kit
REV: 031507
DS26504DK MAXIM-DS26504DK Datasheet
1Mb / 30P
   T1/E1/J1/64K/8KCC BITS Element Design Kit
REV: 031507
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com