Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LE28F1101T-40 Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LE28F1101T-40
Description  1M(65536words횞16bits) Flash EEPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE28F1101T-40 Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LE28F1101T-40 Datasheet HTML 6Page - Sanyo Semicon Device LE28F1101T-40 Datasheet HTML 7Page - Sanyo Semicon Device LE28F1101T-40 Datasheet HTML 8Page - Sanyo Semicon Device LE28F1101T-40 Datasheet HTML 9Page - Sanyo Semicon Device LE28F1101T-40 Datasheet HTML 10Page - Sanyo Semicon Device LE28F1101T-40 Datasheet HTML 11Page - Sanyo Semicon Device LE28F1101T-40 Datasheet HTML 12Page - Sanyo Semicon Device LE28F1101T-40 Datasheet HTML 13Page - Sanyo Semicon Device LE28F1101T-40 Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
LE28F1101T-40/45/55/70
1M-Bit Flash EEPROM
Preliminary Specifications
SANYO Electric Co., Ltd.
10/14
Figure 5: Read Cycle Diagram
A15-0
CE
OE
WE
DQ15-0
tRC
tCE
tOE
tCLZ
tOLZ
DATA VALID
DATA VALID
tOH
tAA
tCHZ
tOHZ
Figure 6: WE Controlled Write Cycle Timing Diagram
A15-0
CE
OE
WE
DQ15-0
tAS
tCS
tOES
tAH
tCH
tOEH
tWP
tWPH
tDS
tDH
DATA VALID


Similar Part No. - LE28F1101T-40

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE28F4001C SANYO-LE28F4001C Datasheet
168Kb / 15P
   4M-Bit (512k 횞 8) Flash EEPROM
LE28F4001CTS SANYO-LE28F4001CTS Datasheet
168Kb / 15P
   4M-Bit (512k 횞 8) Flash EEPROM
LE28F4001CTS-12 SANYO-LE28F4001CTS-12 Datasheet
168Kb / 15P
   4M-Bit (512k 횞 8) Flash EEPROM
LE28F4001M SANYO-LE28F4001M Datasheet
219Kb / 14P
   4 MEG (524288 words x 8 bits) Flash Memory
LE28F4001R SANYO-LE28F4001R Datasheet
219Kb / 14P
   4 MEG (524288 words x 8 bits) Flash Memory
More results

Similar Description - LE28F1101T-40

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE25FV101T SANYO-LE25FV101T Datasheet
75Kb / 10P
   1M (128k words 횞 8bits) Serial Flash EEPROM
logo
Alliance Semiconductor ...
AS29LV160 ALSC-AS29LV160 Datasheet
561Kb / 29P
   3W 2M x 8 / 1M x 16 - CMOS Flash EEPROM
logo
Macronix International
MX29F1610A MCNIX-MX29F1610A Datasheet
669Kb / 39P
   16M-BIT [2M x8/1M x16] CMOS SINGLE VOLTAGE FLASH EEPROM
MX29F1615 MCNIX-MX29F1615 Datasheet
337Kb / 26P
   16M-BIT [2M x8/1M x16] CMOS SINGLE VOLTAGE FLASH EEPROM
logo
ACE Technology Co., LTD...
ACE25GD100 ACE-ACE25GD100 Datasheet
182Kb / 3P
   SPI 1M Bits Serial EEPROM
VER 1.1
logo
ELM Electronics
GD25D10B ELM-GD25D10B Datasheet
2Mb / 28P
   1M-bit Serial Flash
logo
Austin Semiconductor
AS8F1M32 AUSTIN-AS8F1M32 Datasheet
280Kb / 10P
   1M x 32 FLASH FLASH MEMORY MODULE
logo
Macronix International
MX29L1611G MCNIX-MX29L1611G Datasheet
380Kb / 34P
   16M-BIT [2M x 8/1M x 16] CMOS SINGLE VOLTAGE FLASH EEPROM
logo
Sharp Corporation
LHF08S50 SHARP-LHF08S50 Datasheet
1Mb / 34P
   8M Flash Memory 1M (x8)
LHF08CH2 SHARP-LHF08CH2 Datasheet
3Mb / 47P
   Flash Memory 8M (1M 횞8)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com