Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM6425SP6 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OM6425SP6
Description  Industrial 11-Pin, 150 to 500 V, N-Channel Power MOSFET, Full ?쏦??Bridge
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OM6425SP6 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OM6425SP6 Datasheet HTML 1Page - List of Unclassifed Manufacturers OM6425SP6 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OM6423SP6 - OM6426SP6
2.1
205 Crawford Street, Leominster, MA 01453 USA (508) 534-5776 FAX (508) 537-4246
ELECTRICAL CHARACTERISTICS: T = 25° unless otherwise noted.
6425SP6
6426SP6
Characteristic
Symbol
Min.
Max.
Min.
Max.
Units
Drain-Source Breakdown Voltage
V
(BR)DSS
(V
GS = 0, ID = 0.25mA)
200
-
500
-
V
dc
Zero Gate Voltage Drain Current
I
DSS
(V
DS = Rated VDSS, VGS = 0)
-
250
-
250
µA
(V
DS = Rated VDSS, VGS = 0, TJ = 85°C)
-
1000
-
1000
Gate-Body Leakage Current, Forward
I
GSSF
nA
(V
GSF = ±20 Vdc, VDS = 0)
500
500
500
500
Gate Threshold Voltage
V
GS(th)
V
(V
DS = VGS, ID = 250µA)
2.0
4.0
2.0
4.0
Static Drain-Source-On-Resistance
(V
GS = 10Vdc)rDS(on)
-
.8
-
3.0
Drain-Source-On-Voltage
@ I
D =
-
2.0
-
1.0
A
(V
GS = 10V, TJ = 85°C)
V
DS(on)
-
1.6
-
3.0
V
Forward Transconductance (V
DS = 10V, ID = 12A)
g
FS
-
1.3
-
1.0
mhos
Input Capacitance
(V
DS = 25V,
C
iss
-
600
-
400
pF
Output Capacitance
V
GS = 0,
C
oss
-
300
-
150
pF
Reverse Transfer Capacitance
f = 1MHz)
C
rss
-80-40
pF
Turn-On Delay Time
(V
DD = 25V, ID = 2A)
t
d(on)
-
40
-
60
ns
Turn-Off Delay Time
(V
DD = 25V, ID = 2A)
t
d(off)
-
100
-
30
ns
Source Drain Diode Forward On Voltage I
f = 4
V
SD
-
1.6
-
1.6
V
ELECTRICAL CHARACTERISTICS: T = 25° unless otherwise noted.
6423SP6
6424SP6
Characteristic
Symbol
Min.
Max.
Min.
Max.
Units
Drain-Source Breakdown Voltage
V
(BR)DSS
V
dc
(V
GS = 0, ID = 0.25mA)
50
150
100
-
Zero Gate Voltage Drain Current
I
DSS
(V
DS = Rated VDSS, VGS = 0)
-
250
-
250
µA
(V
DS = Rated VDSS, VGS = 0, TJ = 85°C)
-
1000
-
1000
Gate-Body Leakage Current, Forward
I
GSSF
nA
(V
GSF = ±20 Vdc, VDS = 0)
500
500
500
500
Gate Threshold Voltage
V
GS(th)
V
(V
DS = VGS, ID = 250µA)
2.0
4.0
2.0
4.0
Static Drain-Source-On-Resistance
(V
GS = 10Vdc)rDS(on)
.02
.08
-
.16
Drain-Source-On-Voltage
@ I
D =
-
5.0
-
4.0
A
(V
GS = 10V, TJ = 85°C)
V
DS(on)
-
.4
-
.64
V
Forward Transconductance (V
DS = 10V, ID = 12A)
g
FS
-
8.0
-
5.0
mhos
Input Capacitance
(V
DS = 25V,
C
iss
-
700
-
850
pF
Output Capacitance
V
GS = 0,
C
oss
-
450
-
260
pF
Reverse Transfer Capacitance
f = 1MHz)
C
rss
-
180
-
50
pF
Turn-On Delay Time
(V
DD = 25V, ID = 2A)
t
d(on)
-
20
-
30
ns
Turn-Off Delay Time
(V
DD = 25V, ID = 2A)
t
d(off)
-
110
-
40
ns
Source Drain Diode Forward On Voltage I
f = 10
V
SD
-
1.6
-
1.6
V


Similar Part No. - OM6425SP6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM6001ST ETC-OM6001ST Datasheet
41Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED JEDEC TO-257AA PACKAGE
OM6001ST ETC2-OM6001ST Datasheet
49Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED JEDEC TO 257AA PACKAGE
logo
International Rectifier
OM6001ST IRF-OM6001ST Datasheet
49Kb / 4P
   Isolated Hermetic Metal Package
OM6001ST IRF-OM6001ST_15 Datasheet
49Kb / 4P
   Isolated Hermetic Metal Package
logo
List of Unclassifed Man...
OM6002ST ETC-OM6002ST Datasheet
41Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED JEDEC TO-257AA PACKAGE
More results

Similar Description - OM6425SP6

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1160 LINEAR-LT1160_1 Datasheet
229Kb / 16P
   Half-/Full-Bridge N-Channel Power MOSFET Drivers
logo
Linear Technology
LT1160 LINER-LT1160_15 Datasheet
239Kb / 16P
   Half-/Full-Bridge N-Channel Power MOSFET Drivers
LT1162 LINER-LT1162_15 Datasheet
239Kb / 16P
   Half-/Full-Bridge N-Channel Power MOSFET Drivers
LT1160 LINER-LT1160 Datasheet
347Kb / 16P
   Half-/Full-Bridge N-Channel Power MOSFET Drivers
logo
ON Semiconductor
NDF08N50ZH ONSEMI-NDF08N50ZH Datasheet
123Kb / 6P
   N-Channel Power MOSFET 500 V, 0.85
January, 2015 ??Rev. 6
NDP04N50Z ONSEMI-NDP04N50Z Datasheet
127Kb / 9P
   N-Channel Power MOSFET 500 V, 2.7 
July, 2010 - Rev. 0
NDF08N50Z ONSEMI-NDF08N50Z Datasheet
146Kb / 6P
   N-Channel Power MOSFET 500 V, 0.69 
April, 2010 ??Rev. 1
NDF05N50Z ONSEMI-NDF05N50Z Datasheet
166Kb / 9P
   N-Channel Power MOSFET 500 V, 1.25 ?
December, 2009 ??Rev. 0
NDD03N50Z ONSEMI-NDD03N50Z Datasheet
124Kb / 8P
   N-Channel Power MOSFET 500 V, 3.3 
July, 2010 ??Rev. 0
NDF11N50Z ONSEMI-NDF11N50Z Datasheet
119Kb / 7P
   N-Channel Power MOSFET 500 V, 0.52 
July, 2010 ??Rev. 0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com