Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7111-2A Datasheet(PDF) 5 Page - NEC

Part # PS7111-2A
Description  8 PIN DIP SOLID STATE RELAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS7111-2A Datasheet(HTML) 5 Page - NEC

  PS7111-2A Datasheet HTML 1Page - NEC PS7111-2A Datasheet HTML 2Page - NEC PS7111-2A Datasheet HTML 3Page - NEC PS7111-2A Datasheet HTML 4Page - NEC PS7111-2A Datasheet HTML 5Page - NEC PS7111-2A Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NORMALIZED TURN-ON TIME
vs. AMBIENT TEMPERATURE
Ambient Temperature, TA (
°C)
NORMALIZED TURN-OFF TIME
vs. AMBIENT TEMPERATURE
Ambient Temperature, TA (
°C)
TYPICAL PERFORMANCE CURVES (TA = 25 °C)
PS7111-2A, PS7111L-2A
Normalized to 1.0
at TA = 25
°C
IF = 10 mA
VL = 5 V
RL = 500
3.0
2.5
2.0
1.5
1.0
0.5
0.0
-25
0
25
50
75
100
Normalized to 1.0
at TA = 25
°C
IF = 10 mA
VL = 5 V
RL = 500
3.0
2.5
2.0
1.5
1.0
0.5
0.0
-25
025
50
75
100
TAPING SPECIFICATIONS (Units in mm)
OUTLINE AND DIMENSIONS (REEL)
Packaging : 1000 pcs/reel
OUTLINE AND DIMENSIONS (TAPE)
TAPING DIRECTION
PS7111L-2A-E3
PS7111L-2A-E4
4.0
± 0.1
2.0
± 0.1
1.55
± 0.1
1.55
± 0.1
10.7
± 0.1
4.3
± 0.2
0.3
12.0
± 0.1
2.0
± 0.5
φ13.0 ± 0.5
φ21.0 ± 0.8
R 1.0
16.4
+2.0
- 0.0


Similar Part No. - PS7111-2A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7111-2A NEC-PS7111-2A Datasheet
71Kb / 12P
   8-PIN DIP, 100 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7111-2A CEL-PS7111-2A Datasheet
51Kb / 6P
   8 PIN DIP SOLID STATE RELAY
More results

Similar Description - PS7111-2A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7142-2A NEC-PS7142-2A Datasheet
44Kb / 7P
   8 PIN DIP SOLID STATE RELAY
logo
California Eastern Labs
PS7111-2A CEL-PS7111-2A Datasheet
51Kb / 6P
   8 PIN DIP SOLID STATE RELAY
PS7112-1A CEL-PS7112-1A Datasheet
54Kb / 6P
   6 PIN DIP SOLID STATE RELAY
logo
NEC
PS7112-1A NEC-PS7112-1A_01 Datasheet
53Kb / 6P
   6 PIN DIP SOLID STATE RELAY
PS7342C-1A NEC-PS7342C-1A Datasheet
55Kb / 6P
   6 PIN DIP SOLID STATE RELAY
logo
Adam Technologies, Inc.
SSR1A-350-120-35-6T ADAM-TECH-SSR1A-350-120-35-6T Datasheet
89Kb / 1P
   SOLID STATE RELAY 6 & 8 PIN DIP PACKAGES-TYPE SSR
logo
NEC
PS7241-AT1 NEC-PS7241-AT1 Datasheet
69Kb / 8P
   8-PIN SOP SOLID STATE RELAY
logo
California Eastern Labs
PS7241-AT1 CEL-PS7241-AT1 Datasheet
72Kb / 8P
   8-PIN SOP SOLID STATE RELAY
logo
NEC
PS7360 NEC-PS7360 Datasheet
50Kb / 5P
   HIGH ISOLATION VOLTAGE 6 PIN DIP SOLID STATE RELAY
PS7122-2B NEC-PS7122-2B Datasheet
25Kb / 2P
   8 PIN DIP TYPE OPTO-COUPLED SOLID DTATE RELAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com