Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUK754R0-55B Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BUK754R0-55B
Description  N-channel TrenchMOS standard level FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK754R0-55B Datasheet(HTML) 1 Page - NXP Semiconductors

  BUK754R0-55B Datasheet HTML 1Page - NXP Semiconductors BUK754R0-55B Datasheet HTML 2Page - NXP Semiconductors BUK754R0-55B Datasheet HTML 3Page - NXP Semiconductors BUK754R0-55B Datasheet HTML 4Page - NXP Semiconductors BUK754R0-55B Datasheet HTML 5Page - NXP Semiconductors BUK754R0-55B Datasheet HTML 6Page - NXP Semiconductors BUK754R0-55B Datasheet HTML 7Page - NXP Semiconductors BUK754R0-55B Datasheet HTML 8Page - NXP Semiconductors BUK754R0-55B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1.
Product profile
1.1 General description
N-channel enhancement mode power Field-Effect Transistor (FET) in a plastic package
using NXP High-Performance Automotive (HPA) TrenchMOS technology.
1.2 Features
1.3 Applications
1.4 Quick reference data
2.
Pinning information
BUK754R0-55B; BUK764R0-55B
N-channel TrenchMOS standard level FET
Rev. 04 — 4 October 2007
Product data sheet
I Very low on-state resistance
I Q101 compliant
I 175 °C rated
I Standard level compatible
I Automotive systems
I General purpose power switching
I Motors, lamps and solenoids
I 12 V and 24 V loads
I EDS(AL)S ≤ 1.2 J
I RDSon = 3.4 mΩ (typ)
I ID ≤ 75 A
I Ptot ≤ 300 W
Table 1.
Pinning
Pin
Description
Simplified outline
Symbol
1
gate (G)
SOT78A (TO-220AB)
SOT404 (D2PAK)
2
drain (D)
3
source (S)
mb
mounting base; connected to
drain (D)
12 3
mb
03ab54
mb
13
2
S
D
G
mbb076


Similar Part No. - BUK754R0-55B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK754R0-55B PHILIPS-BUK754R0-55B Datasheet
143Kb / 15P
   TrenchMOS standard level FET
Rev. 02-30 September 2002
logo
Inchange Semiconductor ...
BUK754R0-55B ISC-BUK754R0-55B Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK754R0-55B NEXPERIA-BUK754R0-55B Datasheet
324Kb / 15P
   N-channel TrenchMOS standard level FET
Rev. 5 - 22 April 2011
logo
NXP Semiconductors
BUK754R0-55B PHILIPS-BUK754R0-55B_15 Datasheet
210Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 5-22 April 2011
More results

Similar Description - BUK754R0-55B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7675-55A PHILIPS-BUK7675-55A_15 Datasheet
272Kb / 12P
   N-channel TrenchMOS standard level FETN-channel TrenchMOS standard level FET
25 August 2014
PHP34NQ11T PHILIPS-PHP34NQ11T Datasheet
91Kb / 12P
   N-channel TrenchMOS??standard level FET
Rev. 01-17 May 2004
BUK7C06-40AITE PHILIPS-BUK7C06-40AITE Datasheet
109Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 04-23 June 2005
PH20100S NXP-PH20100S Datasheet
183Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-2 February 2009
PHB29N08T NXP-PHB29N08T Datasheet
189Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-13 October 2009
PHB47NQ10T NXP-PHB47NQ10T Datasheet
205Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHB119NQ06T NXP-PHB119NQ06T Datasheet
191Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-15 April 2010
PHD20N06T NXP-PHD20N06T Datasheet
379Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02-1 December 2009
PMZ350XN NXP-PMZ350XN Datasheet
91Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 01-21 February 2008
PHP23NQ11T NXP-PHP23NQ11T Datasheet
220Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHP3055E NXP-PHP3055E Datasheet
248Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 07-26 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com