Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1841T+TR Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS1841T+TR
Description  Temperature-Controlled, NV, I2C, Logarithmic Resistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1841T+TR Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS1841T+TR Datasheet HTML 1Page - Maxim Integrated Products DS1841T+TR Datasheet HTML 2Page - Maxim Integrated Products DS1841T+TR Datasheet HTML 3Page - Maxim Integrated Products DS1841T+TR Datasheet HTML 4Page - Maxim Integrated Products DS1841T+TR Datasheet HTML 5Page - Maxim Integrated Products DS1841T+TR Datasheet HTML 6Page - Maxim Integrated Products DS1841T+TR Datasheet HTML 7Page - Maxim Integrated Products DS1841T+TR Datasheet HTML 8Page - Maxim Integrated Products DS1841T+TR Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Temperature-Controlled, NV, I2C,
Logarithmic Resistor
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
50
100
150
200
250
0
2.5
5.5
SDA = SCL = VCC
RH, RH, RW ARE FLOATING
SDA = SCL = VCC
RGND, RH, RW ARE FLOATING
UPDATE MODE BIT = 0
UPDATE MODE BIT = 0
LUT MODE AND LUT ADDER MODE
UPDATE MODE BIT = 1
LUT MODE AND LUT ADDER MODE
UPDATE MODE BIT = 1
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
80
60
40
20
0
-20
50
100
150
200
250
0
-40
100
SDA = SCL = VCC
RH, RH, RW ARE FLOATING
SDA = SCL = VCC = 5V
RGND, RH, RW ARE FLOATING
UPDATE MODE BIT = 0
UPDATE MODE BIT = 0
LUT MODE AND LUT ADDER MODE
UPDATE MODE BIT = 1
LUT MODE AND LUT ADDER MODE
UPDATE MODE BIT = 1
SUPPLY CURRENT
vs. SCL FREQUENCY
SCL FREQUENCY (kHz)
300
200
100
50
100
150
200
250
0
0
400
SDA = SCL = VCC
RH, RH, RW ARE FLOATING
SDA = VCC = 5V
RGND, RH, RW ARE FLOATING
UPDATE MODE BIT = 0
UPDATE MODE BIT = 0
LUT MODE AND LUT ADDER MODE
UPDATE MODE BIT = 1
LUT MODE AND LUT ADDER MODE
UPDATE MODE BIT = 1
WIPER RESISTANCE (RW)
vs. SETTING
SETTING (DEC)
125
100
75
50
25
5
10
15
20
25
0
0
SDA = SCL = VCC = 5V
SDA = SCL = VCC = 5V
WIPER CURRENT
vs. WIPER SETTING
WIPE SETTING (DEC)
100
75
50
25
0.4
0.8
1.2
1.6
0
0
125
RGND = 0V
RW OPEN
FORCE 1.25V ON RH AND
MEASURE CURRENT
RGND = 0V
RW OPEN
FORCE 1.25V ON RH AND
MEASURE CURRENT
VCC = 5V
SDA AND SCL REFERENCED TO 5V
VCC = 5V
SDA AND SCL REFERENCED TO 5V
RW TO RGND RESISTANCE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
10
20
30
40
0
0
5.5
POR OCCURS
POR OCCURS
IVR IS LOADED
IVR IS LOADED
CONVERSIONS COMPLETE
LUT VALUE LOADED TO WR
CONVERSIONS COMPLETE
LUT VALUE LOADED TO WR
Typical Operating Characteristics
(VCC = +2.7V to +5.5V, TA = +25°C, unless otherwise noted.)
_______________________________________________________________________________________
5


Similar Part No. - DS1841T+TR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1842 MAXIM-DS1842 Datasheet
132Kb / 6P
   76V, APD, Bias Output Stage with Current Monitoring
Rev 0; 4/09
DS1842 MAXIM-DS1842 Datasheet
216Kb / 6P
   76V, APD, Bias Output Stage with Current Monitoring
Rev 1; 3/11
DS1842A MAXIM-DS1842A Datasheet
145Kb / 6P
   76V, APD, Bias Output Stage with Current Monitoring
Rev 0; 10/09
DS1842AN++ MAXIM-DS1842AN+ Datasheet
145Kb / 6P
   76V, APD, Bias Output Stage with Current Monitoring
Rev 0; 10/09
DS1842AN+TR MAXIM-DS1842AN+TR Datasheet
145Kb / 6P
   76V, APD, Bias Output Stage with Current Monitoring
Rev 0; 10/09
More results

Similar Description - DS1841T+TR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1847 MAXIM-DS1847 Datasheet
270Kb / 17P
   Dual Temperature-Controlled NV Variable Resistor
011806
logo
Dallas Semiconductor
DS1847 DALLAS-DS1847 Datasheet
239Kb / 17P
   Dual Temperature-Controlled NV Variable Resistor
DS1848 DALLAS-DS1848 Datasheet
234Kb / 17P
   Dual Temperature-Controlled NV Variable Resistor & Memory
logo
Maxim Integrated Produc...
DS1848 MAXIM-DS1848 Datasheet
264Kb / 17P
   Dual Temperature-Controlled NV Variable Resistor & Memory
011806
DS3503 MAXIM-DS3503 Datasheet
209Kb / 12P
   NV, I2C, Stepper Potentiometer
Rev 0; 11/08
DS3503 MAXIM-DS3503_09 Datasheet
232Kb / 13P
   NV, I2C, Stepper Potentiometer
Rev 1; 3/09
logo
Dallas Semiconductor
DS1851 DALLAS-DS1851 Datasheet
202Kb / 17P
   Dual Temperature-Controlled NV Digital-to-Analog Converters
logo
Maxim Integrated Produc...
DS1851 MAXIM-DS1851 Datasheet
200Kb / 18P
   Dual Temperature-Controlled NV Digital-to-Analog Converters
19-5733; Rev 1/11
DS3502 MAXIM-DS3502 Datasheet
155Kb / 10P
   High-Voltage, NV, I2C POT
Rev 0; 1/08
logo
Intersil Corporation
X9C303 INTERSIL-X9C303_09 Datasheet
258Kb / 10P
   Logarithmic Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com