Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1822Z+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS1822Z+
Description  Econo 1-Wire Digital Thermometer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1822Z+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS1822Z+ Datasheet HTML 4Page - Maxim Integrated Products DS1822Z+ Datasheet HTML 5Page - Maxim Integrated Products DS1822Z+ Datasheet HTML 6Page - Maxim Integrated Products DS1822Z+ Datasheet HTML 7Page - Maxim Integrated Products DS1822Z+ Datasheet HTML 8Page - Maxim Integrated Products DS1822Z+ Datasheet HTML 9Page - Maxim Integrated Products DS1822Z+ Datasheet HTML 10Page - Maxim Integrated Products DS1822Z+ Datasheet HTML 11Page - Maxim Integrated Products DS1822Z+ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
DS1822
8 of 21
CONFIGURATION REGISTER
Byte 4 of the scratchpad memory contains the configuration register, which is organized as
illustrated in Figure 8. The user can set the conversion resolution of the DS1822 using the R0 and R1
bits in this register as shown in Table 3. The power-up default of these bits is R0 = 1 and R1 = 1 (12-bit
resolution). Note that there is a direct tradeoff between resolution and conversion time. Bit 7 and bits 0–4
in the configuration register are reserved for internal use by the device and cannot be overwritten.
CONFIGURATION REGISTER Figure 8
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
0
R1
R0
1
1
1
1
1
THERMOMETER RESOLUTION CONFIGURATION Table 3
R1
R0
Resolution
Max Conversion Time
0
0
9-bit
93.75ms
(tCONV/8)
0
1
10-bit
187.5ms
(tCONV/4)
1
0
11-bit
375ms
(tCONV/2)
1
1
12-bit
750ms
(tCONV)
CRC GENERATION
CRC bytes are provided as part of the DS1822’s 64-bit ROM code and in the 9
th byte of the scratchpad
memory. The ROM code CRC is calculated from the first 56 bits of the ROM code and is contained in the
most significant byte of the ROM. The scratchpad CRC is calculated from the data stored in the
scratchpad, and therefore it changes when the data in the scratchpad changes. The CRCs provide the bus
master with a method of data validation when data is read from the DS1822. To verify that data has been
read correctly, the bus master must recalculate the CRC from the received data and then compare this
value to either the ROM code CRC (for ROM reads) or to the scratchpad CRC (for scratchpad reads). If
the calculated CRC matches the read CRC, the data has been received error free. The comparison of CRC
values and the decision to continue with an operation are determined entirely by the bus master. There is
no circuitry inside the DS1822 that prevents a command sequence from proceeding if the DS1822 CRC
(ROM or scratchpad) does not match the value generated by the bus master.
The equivalent polynomial function of the CRC (ROM or scratchpad) is:
CRC = X
8 + X5 + X4 + 1
The bus master can recalculate the CRC and compare it to the CRC values from the DS1822 using the
polynomial generator shown in Figure 9. This circuit consists of a shift register and XOR gates, and the
shift register bits are initialized to 0. Starting with the least significant bit of the ROM code or the least
significant bit of byte 0 in the scratchpad, one bit at a time should shifted into the shift register. After
shifting in the 56
th bit from the ROM or the most significant bit of byte 7 from the scratchpad, the
polynomial generator will contain the recalculated CRC. Next, the 8-bit ROM code or scratchpad CRC
from the DS1822 must be shifted into the circuit. At this point, if the recalculated CRC was correct, the
shift register will contain all 0s. Additional information about the Dallas 1-Wire cyclic redundancy check


Similar Part No. - DS1822Z+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1822Z++ MAXIM-DS1822Z+ Datasheet
252Kb / 21P
   Econo 1-Wire Digital Thermometer
2015
DS1822Z+T&R MAXIM-DS1822Z+T&R Datasheet
252Kb / 21P
   Econo 1-Wire Digital Thermometer
2015
More results

Similar Description - DS1822Z+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1822 DALLAS-DS1822 Datasheet
268Kb / 20P
   Econo 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS1822 MAXIM-DS1822_V01 Datasheet
252Kb / 21P
   Econo 1-Wire Digital Thermometer
2015
logo
Dallas Semiconductor
DS1822-PAR DALLAS-DS1822-PAR_07 Datasheet
212Kb / 19P
   Econo 1-Wire Parasite-Power Digital Thermometer
logo
Maxim Integrated Produc...
DS1822-PAR MAXIM-DS1822-PAR Datasheet
212Kb / 19P
   Econo 1-Wire Parasite-Power Digital Thermometer
101107
logo
Dallas Semiconductor
DS1822-PAR DALLAS-DS1822-PAR Datasheet
138Kb / 19P
   Econo 1-Wire Parasite-Power Digital Thermometer
DS1720 DALLAS-DS1720 Datasheet
77Kb / 12P
   Econo . Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS18B20 MAXIM-DS18B20_08 Datasheet
261Kb / 22P
   1-Wire Digital Thermometer
REV: 042208
logo
Dallas Semiconductor
DS1820 DALLAS-DS1820 Datasheet
151Kb / 27P
   1-Wire Digital Thermometer
logo
TelCom Semiconductor, I...
TC625 TELCOM-TC625 Datasheet
68Kb / 2P
   1-WIRE DIGITAL THERMOMETER
logo
Dallas Semiconductor
DS18B20X DALLAS-DS18B20X Datasheet
184Kb / 21P
   Flipchip 1-Wire Digital Thermometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com