Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1841 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS1841
Description  Temperature-Controlled, NV, I2C, Logarithmic Resistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1841 Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS1841 Datasheet HTML 1Page - Maxim Integrated Products DS1841 Datasheet HTML 2Page - Maxim Integrated Products DS1841 Datasheet HTML 3Page - Maxim Integrated Products DS1841 Datasheet HTML 4Page - Maxim Integrated Products DS1841 Datasheet HTML 5Page - Maxim Integrated Products DS1841 Datasheet HTML 6Page - Maxim Integrated Products DS1841 Datasheet HTML 7Page - Maxim Integrated Products DS1841 Datasheet HTML 8Page - Maxim Integrated Products DS1841 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Temperature-Controlled, NV, I2C,
Logarithmic Resistor
4
_______________________________________________________________________________________
Note 1: All voltages are referenced to ground. Currents entering the IC are specified positive and currents exiting the IC are
negative.
Note 2:ICC is specified with the following conditions: SCL and SDA = VCC, RW and RH floating with Update Mode bit = 1.
Note 3: This is the minimum VCC voltage that causes NV memory to be recalled.
Note 4: This is the time from VCC > VPOR until initial memory recall is complete.
Note 5: Guaranteed by design.
Note 6: I2C interface timing shown is for Fast-Mode (400kHz) operation. This device is also backward-compatible with I2C-
Standard Mode timing.
Note 7: CB—total capacitance of one bus line in picofarads.
Note 8: EEPROM write time begins after a STOP condition occurs.
Note 9: Guaranteed by characterization.
I2C AC ELECTRICAL CHARACTERISTICS (See Figure 3) (continued)
(VCC = +2.7V to +5.5V, TA = -40°C to +100°C, timing referenced to VIL(MAX) and VIH(MIN).)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
EEPROM Write Time
tW
(Note 8)
10
20
ms
A0, A1 Setup Time
tSU:A
Before START
0.6
μs
A0, A1 Hold Time
tHD:A
After STOP
0.6
μs
Input Capacitance on
A0, A1, SDA, or SCL
CI
5
10
pF
Startup Time
tST
2
ms
NONVOLATILE MEMORY CHARACTERISTICS
(VCC = +2.7V to +5.5V)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
EEPROM Write Cycles
TA = +85°C
50,000
Writes
EEPROM Write Cycles
TA = +25°C (Note 9)
200,000
Writes


Similar Part No. - DS1841

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1842 MAXIM-DS1842 Datasheet
132Kb / 6P
   76V, APD, Bias Output Stage with Current Monitoring
Rev 0; 4/09
DS1842 MAXIM-DS1842 Datasheet
216Kb / 6P
   76V, APD, Bias Output Stage with Current Monitoring
Rev 1; 3/11
DS1842A MAXIM-DS1842A Datasheet
145Kb / 6P
   76V, APD, Bias Output Stage with Current Monitoring
Rev 0; 10/09
DS1842AN++ MAXIM-DS1842AN+ Datasheet
145Kb / 6P
   76V, APD, Bias Output Stage with Current Monitoring
Rev 0; 10/09
DS1842AN+TR MAXIM-DS1842AN+TR Datasheet
145Kb / 6P
   76V, APD, Bias Output Stage with Current Monitoring
Rev 0; 10/09
More results

Similar Description - DS1841

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1847 MAXIM-DS1847 Datasheet
270Kb / 17P
   Dual Temperature-Controlled NV Variable Resistor
011806
logo
Dallas Semiconductor
DS1847 DALLAS-DS1847 Datasheet
239Kb / 17P
   Dual Temperature-Controlled NV Variable Resistor
DS1848 DALLAS-DS1848 Datasheet
234Kb / 17P
   Dual Temperature-Controlled NV Variable Resistor & Memory
logo
Maxim Integrated Produc...
DS1848 MAXIM-DS1848 Datasheet
264Kb / 17P
   Dual Temperature-Controlled NV Variable Resistor & Memory
011806
DS3503 MAXIM-DS3503 Datasheet
209Kb / 12P
   NV, I2C, Stepper Potentiometer
Rev 0; 11/08
DS3503 MAXIM-DS3503_09 Datasheet
232Kb / 13P
   NV, I2C, Stepper Potentiometer
Rev 1; 3/09
logo
Dallas Semiconductor
DS1851 DALLAS-DS1851 Datasheet
202Kb / 17P
   Dual Temperature-Controlled NV Digital-to-Analog Converters
logo
Maxim Integrated Produc...
DS1851 MAXIM-DS1851 Datasheet
200Kb / 18P
   Dual Temperature-Controlled NV Digital-to-Analog Converters
19-5733; Rev 1/11
DS3502 MAXIM-DS3502 Datasheet
155Kb / 10P
   High-Voltage, NV, I2C POT
Rev 0; 1/08
logo
Intersil Corporation
X9C303 INTERSIL-X9C303_09 Datasheet
258Kb / 10P
   Logarithmic Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com