Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC240D Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HC240D
Description  Octal buffer/line driver; 3-state; inverting
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC240D Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC240D Datasheet HTML 1Page - NXP Semiconductors 74HC240D Datasheet HTML 2Page - NXP Semiconductors 74HC240D Datasheet HTML 3Page - NXP Semiconductors 74HC240D Datasheet HTML 4Page - NXP Semiconductors 74HC240D Datasheet HTML 5Page - NXP Semiconductors 74HC240D Datasheet HTML 6Page - NXP Semiconductors 74HC240D Datasheet HTML 7Page - NXP Semiconductors 74HC240D Datasheet HTML 8Page - NXP Semiconductors 74HC240D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
74HC_HCT240_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 2 August 2007
3 of 18
NXP Semiconductors
74HC240; 74HCT240
Octal buffer/line driver; 3-state; inverting
5.
Pinning information
5.1 Pinning
5.2 Pin description
(1) The die substrate is attached to this pad using
conductive die attach material. It can not be used as
supply pin or input
Fig 4.
Pin configuration DIP20, SO20, (T)SSOP20
Fig 5.
Pin configuration DHVQFN20
74HC240
74HCT240
1OE
VCC
1A0
2OE
2Y0
1Y0
1A1
2A0
2Y1
1Y1
1A2
2A1
2Y2
1Y2
1A3
2A2
2Y3
1Y3
GND
2A3
001aag233
1
2
3
4
5
6
7
8
9
10
12
11
14
13
16
15
18
17
20
19
001aag234
74HC240
74HCT240
Transparent top view
1Y3
1A3
2Y3
GND(1)
2A2
2Y2
1Y2
1A2
2A1
2Y1
1Y1
1A1
2A0
2Y0
1Y0
1A0
2OE
9
12
8
13
7
14
6
15
5
16
4
17
3
18
2
19
terminal 1
index area
Table 2.
Pin description
Symbol
Pin
Description
1OE
1
output enable input (active LOW)
1A0
2
data input
2Y0
3
bus output
1A1
4
data input
2Y1
5
bus output
1A2
6
data input
2Y2
7
bus output
1A3
8
data input
2Y3
9
bus output
GND
10
ground (0 V)
2A3
11
data input
1Y3
12
bus output
2A2
13
data input
1Y2
14
bus output
2A1
15
data input
1Y1
16
bus output


Similar Part No. - 74HC240D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC240D PHILIPS-74HC240D Datasheet
44Kb / 7P
   Octal buffer/line driver; 3-state; inverting
December 1990
logo
Toshiba Semiconductor
74HC240D TOSHIBA-74HC240D Datasheet
234Kb / 9P
   CMOS Digital Integrated Circuits Silicon Monolithic
2020-11-10 Rev.3.0
logo
Nexperia B.V. All right...
74HC240D NEXPERIA-74HC240D Datasheet
261Kb / 14P
   Octal buffer/line driver; 3-state; inverting
Rev. 6 - 2 September 2021
74HC240D-Q100 NEXPERIA-74HC240D-Q100 Datasheet
256Kb / 14P
   Octal buffer/line driver; 3-state; inverting
Rev. 2 - 15 July 2020
More results

Similar Description - 74HC240D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC240 NXP-74AHC240 Datasheet
478Kb / 16P
   Octal buffer/line driver; inverting; 3-state
Rev. 2-26 November 2010
logo
Nexperia B.V. All right...
74AHCT240-Q100 NEXPERIA-74AHCT240-Q100 Datasheet
805Kb / 15P
   Octal buffer/line driver; inverting 3-state
74HC540 NEXPERIA-74HC540 Datasheet
268Kb / 15P
   Octal buffer/line driver; 3-state; inverting
Rev. 6 - 19 October 2021
74AHCT240 NEXPERIA-74AHCT240 Datasheet
238Kb / 13P
   Octal buffer/line driver; inverting; 3-state
Rev. 6 - 29 June 2020
logo
NXP Semiconductors
74LV240 PHILIPS-74LV240 Datasheet
115Kb / 12P
   Octal buffer/line driver; inverting 3-State
1998 May 20
74HC540D-T NXP-74HC540D-T Datasheet
50Kb / 7P
   Octal buffer/line driver; 3-state inverting
December 1990
logo
Nexperia B.V. All right...
74HC540-Q100 NEXPERIA-74HC540-Q100 Datasheet
797Kb / 16P
   Octal buffer/line driver; 3-state; inverting
74HC240-Q100 NEXPERIA-74HC240-Q100 Datasheet
256Kb / 14P
   Octal buffer/line driver; 3-state; inverting
Rev. 2 - 15 July 2020
74LV540A NEXPERIA-74LV540A Datasheet
740Kb / 14P
   Octal buffer/line driver; 3-state; inverting
Rev. 1 - 24 November 2016
logo
NXP Semiconductors
74HC540 PHILIPS-74HC540 Datasheet
51Kb / 7P
   Octal buffer/line driver; 3-state; inverting
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com