Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AVCH1T45GW Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74AVCH1T45GW
Description  Dual supply translating transceiver; 3-state
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AVCH1T45GW Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74AVCH1T45GW Datasheet HTML 6Page - NXP Semiconductors 74AVCH1T45GW Datasheet HTML 7Page - NXP Semiconductors 74AVCH1T45GW Datasheet HTML 8Page - NXP Semiconductors 74AVCH1T45GW Datasheet HTML 9Page - NXP Semiconductors 74AVCH1T45GW Datasheet HTML 10Page - NXP Semiconductors 74AVCH1T45GW Datasheet HTML 11Page - NXP Semiconductors 74AVCH1T45GW Datasheet HTML 12Page - NXP Semiconductors 74AVCH1T45GW Datasheet HTML 13Page - NXP Semiconductors 74AVCH1T45GW Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
74AVCH1T45_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 25 October 2007
10 of 22
NXP Semiconductors
74AVCH1T45
Dual supply translating transceiver; 3-state
11. Dynamic characteristics
[1]
tpd is the same as tPLH and tPHL; tdis is the same as tPLZ and tPHZ; ten is the same as tPZL and tPZH.
ten is a calculated value using the formula shown in Section 13.4 “Enable times”
[1]
tpd is the same as tPLH and tPHL; tdis is the same as tPLZ and tPHZ; ten is the same as tPZL and tPZH.
ten is a calculated value using the formula shown in Section 13.4 “Enable times”
[1]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(CL × VCC2 × fo) = sum of the outputs.
[2]
fi = 10 MHz; VI = GND to VCC; tr = tf = 1 ns; CL = 0 pF; RL = ∞Ω.
Table 8.
Typical dynamic characteristics at VCC(A) = 0.8 V and Tamb = 25 °C [1]
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 7; for wave forms see Figure 5 and Figure 6
Symbol Parameter
Conditions
VCC(B)
Unit
0.8 V
1.2 V
1.5 V
1.8 V
2.5 V
3.3 V
tpd
propagation delay
A to B
15.8
8.4
8.0
8.0
8.7
9.5
ns
B to A
15.8
12.7
12.4
12.2
12.0
11.8
ns
tdis
disable time
DIR to A
12.2
12.2
12.2
12.2
12.2
12.2
ns
DIR to B
11.7
7.9
7.6
8.2
8.7
10.2
ns
ten
enable time
DIR to A
27.5
20.6
20.0
20.4
20.7
22.0
ns
DIR to B
28.0
20.6
20.2
20.2
20.9
21.7
ns
Table 9.
Typical dynamic characteristics at VCC(B) = 0.8 V and Tamb = 25 °C [1]
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 7; for wave forms see Figure 5 and Figure 6
Symbol Parameter
Conditions
VCC(A)
Unit
0.8 V
1.2 V
1.5 V
1.8 V
2.5 V
3.3 V
tpd
propagation delay
A to B
15.8
12.7
12.4
12.2
12.0
11.8
ns
B to A
15.8
8.4
8.0
8.0
8.7
9.5
ns
tdis
disable time
DIR to A
12.2
4.9
3.8
3.7
2.8
3.4
ns
DIR to B
11.7
9.2
9.0
8.8
8.7
8.6
ns
ten
enable time
DIR to A
27.5
17.6
17.0
16.8
17.4
18.1
ns
DIR to B
28.0
17.6
16.2
15.9
14.8
15.2
ns
Table 10.
Typical power dissipation capacitance at VCC(A) = VCC(B) and Tamb = 25 °C [1][2]
Voltages are referenced to GND (ground=0V).
Symbol Parameter
Conditions
VCC(A) and VCC(B)
Unit
0.8 V
1.2 V
1.5 V
1.8 V
2.5 V
3.3 V
CPD
power dissipation
capacitance
A port: (direction A to B);
B port: (direction B to A)
122222
pF
A port: (direction B to A);
B port: (direction A to B)
9
1111121417
pF


Similar Part No. - 74AVCH1T45GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVCH1T45GW NXP-74AVCH1T45GW Datasheet
124Kb / 22P
   Dual supply translating transceiver; 3-state
Rev. 02-5 May 2009
logo
Nexperia B.V. All right...
74AVCH1T45GW NEXPERIA-74AVCH1T45GW Datasheet
315Kb / 22P
   Dual-supply voltage level translator/transceiver; 3-state
Rev. 6.1 -1 March 2022
74AVCH1T45GW-Q100 NEXPERIA-74AVCH1T45GW-Q100 Datasheet
786Kb / 21P
   Dual-supply voltage level translator/transceiver 3-state
More results

Similar Description - 74AVCH1T45GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVCH1T45 NXP-74AVCH1T45_09 Datasheet
124Kb / 22P
   Dual supply translating transceiver; 3-state
Rev. 02-5 May 2009
74LVC2T45 PHILIPS-74LVC2T45_1 Datasheet
1Mb / 36P
   Dual supply translating transceiver; 3-state
Rev. 4-20 August 2010
74LVC1T45 NXP-74LVC1T45 Datasheet
884Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 02-19 January 2010
74LVC2T45 NXP-74LVC2T45 Datasheet
907Kb / 32P
   Dual supply translating transceiver; 3-state
Rev. 03-19 January 2010
logo
Nexperia B.V. All right...
74LVC2T45 NEXPERIA-74LVC2T45 Datasheet
418Kb / 33P
   Dual supply translating transceiver; 3-state
Rev. 12 - 1 March 2023
74LVC1T45 NEXPERIA-74LVC1T45 Datasheet
386Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 9 - 10 February 2022
logo
NXP Semiconductors
74AVC1T45 NXP-74AVC1T45 Datasheet
119Kb / 21P
   Dual supply translating transceiver; 3-state
Rev. 02-5 May 2009
logo
Nexperia B.V. All right...
74LVC1T45-Q100 NEXPERIA-74LVC1T45-Q100 Datasheet
349Kb / 28P
   Dual supply translating transceiver; 3-state
logo
NXP Semiconductors
74LVC1T45 PHILIPS-74LVC1T45 Datasheet
884Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 02-19 January 2010
74LVC_LVCH1T45 PHILIPS-74LVC_LVCH1T45_15 Datasheet
292Kb / 33P
   Dual supply translating transceiver; 3-state
Rev. 6-6 August 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com