Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISD17210PYR Datasheet(PDF) 3 Page - Winbond

Part # ISD17210PYR
Description  Multi-Message Single-Chip Voice Record & Playback Devices
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD17210PYR Datasheet(HTML) 3 Page - Winbond

  ISD17210PYR Datasheet HTML 1Page - Winbond ISD17210PYR Datasheet HTML 2Page - Winbond ISD17210PYR Datasheet HTML 3Page - Winbond ISD17210PYR Datasheet HTML 4Page - Winbond ISD17210PYR Datasheet HTML 5Page - Winbond ISD17210PYR Datasheet HTML 6Page - Winbond ISD17210PYR Datasheet HTML 7Page - Winbond ISD17210PYR Datasheet HTML 8Page - Winbond ISD17210PYR Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ISD1700 SERIES
Publication Release Date: January 23, 2007
- 3 -
Revision 1.3-S2
1 GENERAL DESCRIPTION
The Winbond
® ISD1700 ChipCorder® Series is a high quality, fully integrated, single-chip multi-
message voice record and playback device ideally suited to a variety of electronic systems. The
message duration is user selectable in ranges from 26 seconds to 120 seconds, depending on the
specific device. The sampling frequency of each device can also be adjusted from 4 kHz to 12 kHz
with an external resistor, giving the user greater flexibility in duration versus recording quality for each
application. Operating voltage spans a range from 2.4 V to 5.5 V to ensure that the ISD1700 devices
are optimized for a wide range of battery or line-powered applications.
The ISD1700 is designed for operation in either standalone or microcontroller (SPI) mode. The device
incorporates a proprietary message management system that allows the chip to self-manage address
locations for multiple messages. This unique feature provides sophisticated messaging flexibility in a
simple push-button environment. The devices include an on-chip oscillator (with external resistor
control), microphone preamplifier with Automatic Gain Control (AGC), an auxiliary analog input, anti-
aliasing filter, Multi-Level Storage (MLS) array, smoothing filter, volume control, Pulse Width
Modulation (PWM) Class D speaker driver, and current/voltage output.
The ISD1700 devices also support an optional “vAlert” (voiceAlert) feature that can be used as a new
message indicator. With vAlert, the device flashes an external LED to indicate that a new message is
present. Besides, four special sound effects are reserved for audio confirmation of operations, such as
“Start Record”, “Stop Record”, “Erase”, “Forward”, “Global Erase”, and etc.
Recordings are stored into on-chip Flash memory, providing zero-power message storage. This unique
single-chip solution is made possible through Winbond’s patented Multi-Level Storage (MLS)
technology. Audio data are stored directly in solid-state memory without digital compression, providing
superior quality voice and music reproduction.
Voice signals can be fed into the chip through two independent paths: a differential microphone input
and a single-ended analog input. For outputs, the ISD1700 provides a Pulse Width Modulation (PWM)
Class D speaker driver and a separate analog output simultaneously. The PWM can directly drive a
standard 8
Ω speaker or typical buzzer, while the separate analog output can be configured as a
single-ended current or voltage output to drive an external amplifier.
While in Standalone mode, the ISD1700 devices automatically enter into power down mode for power
conservation after an operation is completed.
In the SPI mode, the user has full control via the serial interface in operating the device. This includes
random access to any location inside the memory array by specifying the start address and end
address of operations. SPI mode also allows access to the Analog Path Configuration (APC) register.
This register allows flexible configuration of audio paths, inputs, outputs and mixing. The APC default
configuration for standalone mode can also be modified by storing the APC data into a non-volatile
register (NVCFG) that is loaded at initialization. Utilizing the capabilities of ISD1700 Series, designers
have the control and flexibility to implement voice functionality into the high-end products.
Notice: The specifications are subject to change without notice. Please contact Winbond Sales Offices or
Representatives to verify current or future specifications. Also refer to the website for any related application notes.


Similar Part No. - ISD17210PYR

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD1700 NUVOTON-ISD1700 Datasheet
990Kb / 23P
   Multi-Message Single-Chip Voice Record & Playback Devices
logo
Winbond
ISD1700A WINBOND-ISD1700A Datasheet
360Kb / 31P
   Multi-Message Single-Chip Voice Record&Playback Devices
ISD1740A WINBOND-ISD1740A Datasheet
360Kb / 31P
   Multi-Message Single-Chip Voice Record&Playback Devices
ISD1750A WINBOND-ISD1750A Datasheet
360Kb / 31P
   Multi-Message Single-Chip Voice Record&Playback Devices
ISD1760A WINBOND-ISD1760A Datasheet
360Kb / 31P
   Multi-Message Single-Chip Voice Record&Playback Devices
More results

Similar Description - ISD17210PYR

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD1700 NUVOTON-ISD1700 Datasheet
990Kb / 23P
   Multi-Message Single-Chip Voice Record & Playback Devices
logo
Winbond
ISD1700A WINBOND-ISD1700A Datasheet
360Kb / 31P
   Multi-Message Single-Chip Voice Record&Playback Devices
logo
Nuvoton Technology Corp...
ISD14B00 NUVOTON-ISD14B00 Datasheet
993Kb / 27P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
ISD18B00 NUVOTON-ISD18B00 Datasheet
610Kb / 20P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
logo
Generalplus Technology ...
GPCR20A GENERALPLUS-GPCR20A Datasheet
266Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
logo
List of Unclassifed Man...
ISD1100 ETC-ISD1100 Datasheet
265Kb / 24P
   SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES
logo
Generalplus Technology ...
GPCR03B GENERALPLUS-GPCR03B Datasheet
162Kb / 7P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
GPCR06B GENERALPLUS-GPCR06B Datasheet
180Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
logo
Nuvoton Technology Corp...
ISD1900 NUVOTON-ISD1900 Datasheet
954Kb / 29P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
logo
List of Unclassifed Man...
ISD1964SYI ETC2-ISD1964SYI Datasheet
499Kb / 29P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com