Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ALVTH16373DL Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ALVTH16373DL
Description  2.5-V/3.3-V 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVTH16373DL Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74ALVTH16373DL Datasheet HTML 5Page - Texas Instruments SN74ALVTH16373DL Datasheet HTML 6Page - Texas Instruments SN74ALVTH16373DL Datasheet HTML 7Page - Texas Instruments SN74ALVTH16373DL Datasheet HTML 8Page - Texas Instruments SN74ALVTH16373DL Datasheet HTML 9Page - Texas Instruments SN74ALVTH16373DL Datasheet HTML 10Page - Texas Instruments SN74ALVTH16373DL Datasheet HTML 11Page - Texas Instruments SN74ALVTH16373DL Datasheet HTML 12Page - Texas Instruments SN74ALVTH16373DL Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
SN54ALVTH16373, SN74ALVTH16373
2.5-V/3.3-V 16-BIT TRANSPARENT D-TYPE LATCHES
WITH 3-STATE OUTPUTS
SCES067F – JUNE 1996 – REVISED JANUARY 1999
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VCC = 3.3 V ± 0.3 V
VOH
VOL
th
tsu
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
Open
GND
500
500
tPLH
tPHL
Output Control
Output
Waveform 1
S1 at 6 V
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
tPZL
tPZH
tPLZ
tPHZ
3 V
0 V
VOH
VOL
0 V
VOL + 0.3 V
VOH – 0.3 V
≈ 0 V
3 V
0 V
0 V
tw
Input
3 V
3 V
3 V
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
VOLTAGE WAVEFORMS
PULSE DURATION
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
Timing
Input
Data
Input
Output
Input
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
6 V
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform22 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
D. The outputs are measured one at a time with one transition per measurement.
6 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
0 V
3 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
Figure 2. Load Circuit and Voltage Waveforms


Similar Part No. - SN74ALVTH16373DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVTH16373DL TI-SN74ALVTH16373DL Datasheet
185Kb / 10P
[Old version datasheet]   2.5-V/3.3-V 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALVTH16373DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALVTH16373 TI-SN54ALVTH16373 Datasheet
185Kb / 10P
[Old version datasheet]   2.5-V/3.3-V 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALVTH32373 TI-SN54ALVTH32373 Datasheet
183Kb / 10P
[Old version datasheet]   2.5-V/3.3-V 32-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALVTH32373 TI1-SN54ALVTH32373_14 Datasheet
898Kb / 15P
[Old version datasheet]   2.5-V/3.3-V 32-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH162373 TI-SN54LVTH162373_07 Datasheet
398Kb / 14P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH16373 TI-SN54LVTH16373 Datasheet
465Kb / 17P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH162373 TI1-SN54LVTH162373_14 Datasheet
890Kb / 17P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH162373 TI-SN54LVTH162373_08 Datasheet
507Kb / 16P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH162373_071 TI-SN54LVTH162373_071 Datasheet
478Kb / 16P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH162373 TI-SN54LVTH162373 Datasheet
104Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AVC32373 TI-SN74AVC32373 Datasheet
165Kb / 10P
[Old version datasheet]   1.2-V/3.3-V 32-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com